PART |
Description |
Maker |
M52-5110945 111245 |
1.27mm Pitch DIL Vertical PC Tail Socket Assembly, 8.5mm height, gold, 9 9-way 18 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 1.27mm Pitch DIL Vertical PC Tail Socket Assembly, 8.5mm height, gold, 12 12-way
|
Harwin PLC HARWIN INC
|
M50-4325005 |
1.27mm Pitch DIL Vertical SMT Socket Assembly, location pegs, double polarised, gold, 50 50-way 100 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET
|
Harwin PLC
|
M50-3600142 M50-3605042 |
1.27 mm PITCH DIL VERTICAL SMT PIN HEADER
|
Harwin Plc
|
0908163004 90816-3004 |
1.27mm (.050) Pitch Picoflex? SMT Latched Vertical Header 1.27mm (.050") Pitch Picoflex垄莽 SMT Latched Vertical Header
|
Molex Electronics Ltd.
|
M50-3502742 HARWININC-M50-3501942 |
1.27mm Pitch DIL Vertical PC Tail Pin Header, selective gold tin, 27 27-way 54 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M50-4700845 M50-4701445 M50-4701145 M50-4702545 |
1.27mm Pitch DIL Vertical PC Tail Pin Header, single polarised, gold, 8 8-way 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 1.27mm Pitch DIL Vertical PC Tail Pin Header, single polarised, gold, 14 14-way 28 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 1.27mm Pitch DIL Vertical PC Tail Pin Header, single polarised, gold, 11 11-way 22 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 1.27mm Pitch DIL Vertical PC Tail Pin Header, single polarised, gold, 25 25-way 50 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
0908160320 90816-0320 |
1.27mm (.050) Pitch Picoflex SMT Latched Vertical Header, 20 Circuits, Tin (Sn) Plating, Black 1.27mm (.050") Pitch Picoflex SMT Latched Vertical Header, 20 Circuits, Tin (Sn) Plating, Black MOLEX Connector
|
Molex Electronics Ltd.
|
M80-8281006 M80-8281022 M80-8281042 M80-8281045 M8 |
DATAMATE DIL VERTICAL SMT PLUG ASSEMBLY - LATCHED Datamate L-Tek DIL Male Vertical SMT Connector, latched, selective gold tin/lead, 3 3-way 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG Datamate L-Tek DIL Male Vertical SMT Connector, latched, tin/lead, 13 13-way 26 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG Datamate L-Tek DIL Male Vertical SMT Connector, latched, tin, 8 8-way
|
Harwin Plc HARWIN INC
|
90814-3906 |
1.27mm (.050) Pitch Picoflex PF-50 SMT Header, Vertical, Low Profile, Surface 1.27mm (.050) Pitch Picoflex PF-50 SMT Header, Vertical, Low Profile, Surface
|
Molex Electronics Ltd.
|
90814-3606 0908143606 |
1.27mm (.050) Pitch Picoflex PF-50 SMT Header, Vertical, Low Profile, Surface Mount 1.27mm (.050") Pitch Picoflex PF-50 SMT Header, Vertical, Low Profile, Surface Mount
|
Molex Electronics Ltd.
|
|