PART |
Description |
Maker |
M50-3102045 M50-3102545 M50-3100345 M50-3105045 M5 |
1.27mm PITCH DIL VERTICAL SMT SOCKET ASSY
|
Harwin Plc
|
M50-3103745 M50-3103345 M50-3101545 M50-3102745 M5 |
1.27mm Pitch DIL Vertical SMT Socket Assembly, 4.45mm high, gold, 37 37-way 74 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 1.27mm Pitch DIL Vertical SMT Socket Assembly, 4.45mm high, gold, 33 33-way 66 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 1.27mm Pitch DIL Vertical SMT Socket Assembly, 4.45mm high, gold, 15 15-way 30 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 1.27mm Pitch DIL Vertical SMT Socket Assembly, 4.45mm high, gold, 27 27-way 54 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 1.27mm Pitch DIL Vertical SMT Socket Assembly, 4.45mm high, gold, 21 21-way 42 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET
|
Harwin PLC
|
M50-3155042 M50-3151242 M50-3150642 |
1.27mm Pitch DIL Vertical SMT Socket Assembly, location pegs, low profile, selective gold tin, 50 50-way 100 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 1.27mm Pitch DIL Vertical SMT Socket Assembly, location pegs, low profile, selective gold tin, 12 12-way 24 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 1.27mm Pitch DIL Vertical SMT Socket Assembly, location pegs, low profile, selective gold tin, 6 6-way 12 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET
|
The Connor-Winfield, Corp. Harwin PLC EPCOS AG
|
M22-6340342 M22-6342542 M22-6342142 M22-6341442 M2 |
2.00 mm PITCH DIL SMT LOW PROFILE SKT ASSEMBLY 2.00mm Pitch DIL Vertical SMT Socket Assembly, selective gold tin, 21 21-way 21 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 2.00mm Pitch DIL Vertical SMT Socket Assembly, selective gold tin, 14 14-way 14 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 2.00mm Pitch DIL Vertical SMT Socket Assembly, selective gold tin, 16 16-way 16 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET
|
Harwin Plc
|
M80-8261646 M80-8260806 M80-8260406 M80-8260422 M8 |
DATAMATE 2mm PITCH VERTICAL SMT DIL PLUG ASSEMBLY - UNLATCHED Datamate L-Tek DIL Male Vertical SMT Connector, unlatched, tin/lead, 7 7-way 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG Datamate L-Tek DIL Male Vertical SMT Connector, unlatched, tin/lead, 2 2-way 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG
|
Harwin Plc http://
|
M50-3502742 HARWININC-M50-3501942 |
1.27mm Pitch DIL Vertical PC Tail Pin Header, selective gold tin, 27 27-way 54 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
90816-3006 |
1.27mm (.050) Pitch Picoflex? SMT Latched Vertical Header
|
Molex Electronics Ltd.
|
0908160320 90816-0320 |
1.27mm (.050) Pitch Picoflex SMT Latched Vertical Header, 20 Circuits, Tin (Sn) Plating, Black 1.27mm (.050") Pitch Picoflex SMT Latched Vertical Header, 20 Circuits, Tin (Sn) Plating, Black MOLEX Connector
|
Molex Electronics Ltd.
|
0908143926 |
1.27mm (.050") Pitch Picoflex PF-50 SMT Header, Vertical, Low Profile, Surface Mount
|
Molex Electronics Ltd.
|
0908140618 90814-0618 |
1.27mm (.050) Pitch Picoflex PF-50 SMT Header, Vertical, Low Profile, Surface Mount
|
Molex Electronics Ltd.
|
|