PART |
Description |
Maker |
5130.2200 5130.2201 5130.1000 5130.1001 5130.2000 |
IEC Appliance Inlet C20 with Filter, ECO design, front or rear side Mounting
|
Schurter Inc.
|
RIF-0-BPT |
RIF-0... relay base, for miniature power relay with 1 PDT or solid-state relays of the same design, push-in connection, for mounting on NS 35/7,5
|
PHOENIX CONTACT
|
PS2801-4 PS2801-4-V-F4 PS2801-1 PS2801-1-F3 PS2801 |
PRECISION POWER RADIAL-LEAD FILM RES, 330K, 1% 高隔离电压SSOP封装光耦合 HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER 高隔离电压SSOP封装光耦合 Power Resistor; Series:MK; Resistance:1Mohm; Resistance Tolerance: /- 1 %; Power Rating:0.75W; Voltage Rating:400V; Temperature Coefficient: /-50 ppm; Mounting Type:Through Hole; Operating Temp. Min:0 C; Terminal Type:Radial Leaded
|
California Eastern Laboratories, Inc. CEL[California Eastern Labs]
|
CD281LL |
EC Radial 105∑C Long Lifetime 3.000 - 12.000h Low ESR(Radial)
|
Jianghai Europe GmbH
|
CD28LQL |
EC Radial 105∑C 4.000 - 10.000h Lifetime Low ESR Miniaturized(Radial)
|
Jianghai Europe GmbH
|
CD284XY |
EC Radial 105∑C 2.000 - 10.000h Lifetime Lowest ESR at High Ripple Currents(Radial)
|
Jianghai Europe GmbH
|
CD287GC |
EC Radial 105∑C 4.000 - 10.000h Lifetime Low ESR at High Ripple Currents(Radial)
|
Jianghai Europe GmbH
|
PS033.3NF/-21600V PS031.5NF/-21600V PS032.2NF/-201 |
CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 1600 V, 0.0033 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 1600 V, 0.0015 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 1600 V, 0.0022 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 1600 V, 0.0047 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 1600 V, 0.0027 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 1600 V, 0.0056 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 1600 V, 0.0068 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 1600 V, 0.0018 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 1600 V, 0.0012 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 1600 V, 0.0039 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 2000 V, 0.0047 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 2000 V, 0.0027 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 1600 V, 0.001 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 1600 V, 0.012 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 1600 V, 0.039 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 1600 V, 0.027 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 1600 V, 0.018 uF, THROUGH HOLE MOUNT RADIAL LEADED
|
TE Connectivity, Ltd. Spectrum Control, Inc. Power Dynamics, Inc.
|
2200160 |
Mounting foot for 122 mm UM-PRO profiles for mounting on DIN rails
|
PHOENIX CONTACT
|
KTD2017 |
Low ON resistance 2.5V drive Mounting height 1.1mm Composite type, facilitating high-density mounting.
|
TY Semiconductor Co., Ltd
|
350GL651U050O 350GL112U030O 350GL382U010O 350GL211 |
CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID, POLARIZED, 50 V, 650 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID, POLARIZED, 30 V, 1100 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID, POLARIZED, 10 V, 3800 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID, POLARIZED, 100 V, 210 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID, POLARIZED, 25 V, 1500 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID, POLARIZED, 60 V, 500 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID, POLARIZED, 75 V, 340 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID, POLARIZED, 7.5 V, 3900 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID, POLARIZED, 40 V, 850 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID, POLARIZED, 20 V, 2100 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID, POLARIZED, 6.3 V, 4200 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID, POLARIZED, 12 V, 2900 uF, THROUGH HOLE MOUNT RADIAL LEADED
|
Cornell Dubilier Electronics, Inc.
|
|