Part Number Hot Search : 
TC74H 74LS161 EFA072A CONTROLS PF00105A 1210M BZG4746 MM3045Q
Product Description
Full Text Search
  easy Datasheet PDF File

For easy Found Datasheets File :: 38374    Search Time::1.968ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    HMC1042L

Honeywell Solid State Electronics Center
Part No. HMC1042L
OCR Text ...miniature, low cost solution is easy to assemble for high volume, cost effective OEM designs. Applications for the HMC1042L include Compassing, Navigation Systems, Magnetometry, and Magnetic Anomaly Detection. The HMC1042L utilizes Honey...
Description 2-Axis Magnetic Sensor

File Size 405.40K  /  6 Page

View it Online

Download Datasheet





    APTGF180DU60T

Advanced Power Technology
Part No. APTGF180DU60T
OCR Text ...s both for power and signal for easy PCB mounting * easy paralleling due to positive TC of VCEsat * Low profile - Low voltage drop - Low tail current - Switching frequency up to 100 kHz - Soft recovery parallel diodes - Low diode VF - Lo...
Description Dual common source NPT IGBT Power Module
Dual Common Source - IGBT

File Size 300.18K  /  6 Page

View it Online

Download Datasheet

    APTGT75A170D1

Advanced Power Technology
Part No. APTGT75A170D1
OCR Text ...CSOA rated * Kelvin emitter for easy drive * Low stray inductance * High level of integration * Kelvin emitter for easy drive * Low stray inductance - M5 power connectors e h t e U 4 .c m o Benefits * Stable temperature be...
Description IGBT Power Module

File Size 173.13K  /  3 Page

View it Online

Download Datasheet

    AD[Analog Devices]
Part No. ADSP-2188M
OCR Text ...SP-2100 Family Code Compatible (easy to use algebraic syntax), with Instruction Set Extensions 256K Bytes of On-Chip RAM, Configured as 48K Words On-Chip Program Memory RAM and 56K Words On-Chip Data Memory RAM Dual Purpose Program Memory f...
Description DSP Microcomputer

File Size 465.81K  /  52 Page

View it Online

Download Datasheet

    3M[3M Electronics]
Part No. 92995X-XX 929951-00 929952-10 929953-30
OCR Text easy removal for testing S Color coded body for easy recognition of plating S Available in strips of twenty for enhanced robotic handling capability S Open top contact allows easy probing and testing Date Modified: February 19, 1999 113...
Description 100 Shunt

File Size 22.55K  /  2 Page

View it Online

Download Datasheet

    APTGF150DU120T

Advanced Power Technology
Part No. APTGF150DU120T
OCR Text ...CSOA rated * Kelvin emitter for easy drive * Very low stray inductance - Symmetrical design - Lead frames for power connections * Internal thermistor for temperature monitoring * High level of integration Benefits * Outstanding performance ...
Description Dual Common Source - IGBT
Dual common source NPT IGBT Power Module

File Size 273.46K  /  5 Page

View it Online

Download Datasheet

    APTGF15H120T3

Advanced Power Technology
Part No. APTGF15H120T3
OCR Text ...cal design * Kelvin emitter for easy drive * Very low stray inductance * High level of integration * Internal thermistor for temperature monitoring Benefits * Outstanding performance at high frequency operation * Direct mounting to heatsink...
Description Full Bridge - IGBT
Full - Bridge NPT IGBT Power Module

File Size 317.24K  /  6 Page

View it Online

Download Datasheet

    APTGF75DSK120T

Advanced Power Technology
Part No. APTGF75DSK120T
OCR Text ...CSOA rated * Kelvin emitter for easy drive * Very low stray inductance - Symmetrical design - Lead frames for power connections * Internal thermistor for temperature monitoring * High level of integration Benefits * Outstanding performance ...
Description Dual Buck Chopper - IGBT
Dual Buck chopper NPT IGBT Power Module

File Size 274.16K  /  5 Page

View it Online

Download Datasheet

    http://
Part No. APTGF75H120TG
OCR Text ...CSOA rated * Kelvin emitter for easy drive * Very low stray inductance - Symmetrical design - Lead frames for power connections * Internal thermistor for temperature monitoring * High level of integration Benefits * Outstanding performance ...
Description Full - Bridge NPT IGBT Power Module

File Size 280.02K  /  5 Page

View it Online

Download Datasheet

    APTGF90TA60P

Advanced Power Technology
Part No. APTGF90TA60P
OCR Text ...s both for power and signal for easy PCB mounting * Very low (12mm) profile * easy paralleling due to positive TC of VCEsat * Each leg can be easily paralleled to achieve a phase leg of three times the current capability * Module can be con...
Description Triple phase leg NPT IGBT Power Module
Triple Phase Leg - IGBT

File Size 318.97K  /  6 Page

View it Online

Download Datasheet

For easy Found Datasheets File :: 38374    Search Time::1.968ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of easy

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.49632501602173