PART |
Description |
Maker |
AS3833-ZSOT AS3833-ZTQT |
6 channel high-precision LED cont rol ler for 3D-LCD backl ight with integrated step-up cont rol ler
|
ams AG
|
IRFE230 2N6798U |
N-Channel Power MOSFET(Vdss:200V,Id(cont):4.8A,Rds(on):0.46Ω)(N沟道功率MOS场效应管(Vdss:200V,Id(cont):4.8A,Rds(on):0.46Ω)) N沟道功率MOSFET(减振钢板基本:200伏,身份证(续).8A时,RDS(上):0.46Ω)(不适用马鞍山沟道功率场效应管(减振钢板基本00伏,身份证(续).8A时,RDS(对):0.46Ω)) N-Channel N沟道
|
NXP Semiconductors N.V. TT electronics Semelab Limited Seme LAB
|
IRFE9130 |
P-Channel Power MOSFET(Vdss:-100V,Id(cont):-6.1A,Vdgr:-0.345V)(P沟道功率MOS场效应管(Vdss:-100V,Id(cont):-6.1A,Vdgr:-0.345V)) P沟道功率MOSFET(减振钢板基本:- 100V的,身份证(续) 6.1A,Vdgr 0.345V)性(P沟道功率马鞍山场效应管(减振钢板基本 100V的,身份证(续) 6.1AVdgr 0.345V))
|
Seme LAB
|
IRF9130SMD |
P-Channel Power MOSFET For HI-REL Application(Vdss:-100V,Id(cont):-8A,Rds(on):0.35Ω)(P沟道功率MOS场效应管,HI-REL应用(Vdss:-100V,Id(cont):-8A,Rds(on):0.35Ω)) P-CHANNEL POWER MOSFET FOR HI.REL APPLICATIONS
|
TT electronics Semelab Limited SEME-LAB[Seme LAB]
|
S05K75 S20S275B S05K115 S05K130 S05K140 S05K175 S0 |
ELECTRICAL SPECIFICATIONS, CONT. DISC TYPES
|
List of Unclassifed Man... N.A. ETC[ETC] List of Unclassifed Manufacturers
|
SML100A9 |
N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS N-Channel Enhancement Mode High Voltage Power MOSFET(Vdss:1000V,Id(cont):9A,Rds(on):1.100Ω)(N沟道增强高电压功率MOS场效应管(Vdss:1000V,Id(cont):9A,Rds(on):1.100Ω))
|
TT electronics Semelab Limited Semelab(Magnatec)
|
825433 825433-2 825433-8 4-825433-1 4-825433-4 4-8 |
AMPMODU II STIFTLEISTE EINREIHIG amp connector 2 WAY PIN STRIP 2种方式密码带 8 WAY PIN STRIP 8路密码带
|
Tyco Electronics Framatome Connectors International
|
ESMD-169 ESMD-169TR |
1-3500 MHz, surface mount mixer, RF power 50mW E-Series Surface Mount Mixer 1 - 3500 MHz MICRO TERMINAL STRIP CENTERLINE: .050" (1,27MM) E系列表面贴装混合1 - 3500兆赫
|
MA-Com MACOM[Tyco Electronics] Littelfuse, Inc.
|
54104-3292 |
0.5 FPC Conn Zif Hsg Assy for SMT RA Upr Cont
|
Molex Electronics Ltd.
|
SML50W40 |
N-Channel Enhancement Mode High Voltage Power MOSFET(Vdss:500V,Id(cont):40A,Rds(on):0.12惟)(N娌??澧?己??楂???????OS?烘?搴??(Vdss:500V,Id(cont):40A,Rds(on):0.12惟)) N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
|
SEME-LAB[Seme LAB] SemeLAB
|