PART |
Description |
Maker |
A11820 |
RES NTWK / THICK FILM
|
Fenghua Advanced Technology
|
ASI10585 CBSL100 |
RES, 0603, TF, 47R, 1%, 1/10W NPN SILICON RF POWER TRANSISTOR
|
Advanced Semiconductor, Inc. ASI[Advanced Semiconductor]
|
TC164-JR-070RL |
RES ARRAY 0.0 OHM 8TRM 4 RES SMD RESISTOR, NETWORK, FILM, JUMPER, 0.0625 W, SURFACE MOUNT
|
Yageo, Corp.
|
MMA02040D1603DB300 MMA02040D1602BB300 VISHAYBEYSCH |
VISMMA02040D1603DB300 RES MF 0.5% 25PPM MMA 0204 HT Professional Professional High Temperature MELF Resistors RES THNFLM 0204 510 OHM 1% 1/4W 50PPM/ C MELF SMD - Tape and Reel VISMMA02040D8202BB300 PRECISION MELF RES Res Thin Film 1406 10K Ohm 1% 1/4W ±50ppm/C Molded Melf SMD Blister T/R Res Thin Film 1406 1M Ohm 1% 1/4W ±50ppm/C Molded Melf SMD Blister T/R
|
Vishay Beyschlag
|
P16NM472MAB15 P16NP502KLB15 P16NP503KAB15 P16NP500 |
P16, PA16 Knob Potentiometer Potentiometer, RES,TAPPED,CERMET,100K OHMS,316WVDC,10% /-TOL,-150,150PPM TC RES POT 500K OHM 10% 1W 8MM SLDR LUG PNL MNT - Bulk
|
Vishay Siliconix Vishay Sfernice
|
CN2E220KC CN2D220MT CN2D470KR CN1V330KT CN2E101MR |
RES,PW5,CR5-62-RC,62 OHM, 5 WATT,5%,CEMENT 芯片类型,非极化 CHIP TYPE, NON-POLARIZED 芯片类型,非极化 RES,PW5,CR5-68-RC,68 OHM, 5 WATT,5%,CEMENT 芯片类型,非极化 RESISTOR NET,8PIN,47 OHM,5%, 125mW,ISOLATED 芯片类型,非极化 ESISTOR NET,8 PIN,1.8K OHM SIP,1/8W,2%,100PPM,COMMON(10) 芯片类型,非极化 DIODE,SCR, S4025L, TO-220AB, NON-SENSITIVE GATE 25.0A 400V 芯片类型,非极化
|
DB Lectro Inc. DB Lectro, Inc.
|
PS9701 PS9701-E3 PS9701-E4 PS9701-F3 PS9701-F4 PS9 |
HIGH SPEED DIGITAL OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER 高速数字输出类引脚SOP光耦合 PRECISION POWER RADIAL-LEAD FILM RES, 22 OHM, 1% 高速数字输出类引脚SOP光耦合 PRECISION POWER RADIAL-LEAD FILM RES, 2.2K, 1% 高速数字输出类引脚SOP光耦合 PRECISION POWER RADIAL-LEAD FILM RES,2.20 OHM, 1% LOGIC-GATE-OUTPUT OPTOCOUPLER,1-CHANNEL,2.5KV ISOLATION,SO From old datasheet system
|
NEC, Corp. NEC Corp. NEC Electron Devices NEC[NEC]
|
MBB0207IC1333DC100 MBB02070C1133DCT00 MBB0207IC100 |
MBA/SMA 0204 VG06, MBB/SMA 0207 VG06, MBE/SMA 0414 VG06 - Leaded Metal Film Resistors with Established Reliability RES THNFLM 3.83M OHM 1% 3/5W 50PPM/ C AXL TH - Ammo Pack Res Thin Film 1.05K Ohm 1% 3/5W ±50ppm/C Conformal AXL Thru-Hole Ammo Pack RES THNFLM 82.5 OHM 1% 3/5W 50PPM/ C AXL TH - Tape and Reel
|
Vishay Beyschlag
|
TLCC20A061002BUF TLCC20A01K1002GUF LCC20AE1001FT0 |
LCC, TLCC Hermetic, 50 mil Pitch, Leadless Thin Film Chip Resistor, Surface Mount Network RES THNFLM NET 10K OHM 2% 1/2W 100PPM/ C BUS 20SMD - Rail/Tube RES THNFLM NET 1K OHM 1% 1/2W 25PPM/ C ISOL 20SMD - Tape and Reel
|
Vishay Dale
|
SC2128A SC2128A-C20S SC2128A-C20D SC2128A-M94S SC2 |
RES 330 OHM 1/16W .05% 0603 SMD Pressure Transducer, Series 19 mm, Uncompensated, Pressure Range: 0 psi to 30 psi, Gage, Cell with body o-ring, 10 Vdc excitation Pressure Transducer, Series 19 mm, Uncompensated, Pressure Range: 0 psi to 30 psi, Absolute, flush mount with flange, 10 Vdc excitation Pressure Transducer, Series 19 mm, Uncompensated, Pressure Range: 0 psi to 30 psi, Gage, flush mount, 10 Vdc excitation REMOTE FAN CONTROL IC 遥控风扇控制IC RES 820 OHM 1/16W 0.5% 0402 SMD 遥控风扇控制IC RES 150 OHM 1/16W .05% 0603 SMD 遥控风扇控制IC RES 97.6K OHM 1/16W 0.1% 0402SMD 遥控风扇控制IC RES 82.0KOHM 1/16W 0.5% 0402 SMD 遥控风扇控制IC KJA SERIES I
|
SILAN[Silan Microelectronics Joint-stock] 杭州士景电子有限公司 Hangzhou Silan Microelectronics Co., Ltd. ???澹???靛???????
|
|