Part Number Hot Search : 
M4002 GC89F 1N940B B3100 KBPC1506 AN1489 NTE2128 STRPB
Product Description
Full Text Search
  0.252 Datasheet PDF File

For 0.252 Found Datasheets File :: 19047    Search Time::10.578ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    ZAPD-2-252

Mini-Circuits
Part No. ZAPD-2-252
OCR Text 0 Maximum Ratings Operating Temperature Storage Temperature Power Input (as a splitter) Internal Dissipation -55C to 100C -55C to 100C 1W max. 0.04W max. ZAPD-2-252+ 50 5 to 2500 MHz Features * wideband, 5 to 2500 MHz, useable ...
Description Power Splitter/Combiner 2 Way-0 50Ω 5 to 2500 MHz
Power Splitter/Combiner 2 Way-0 50惟 5 to 2500 MHz
Power Splitter/Combiner 2 Way-0 50ヘ 5 to 2500 MHz

File Size 125.96K  /  1 Page

View it Online

Download Datasheet





    GB01SLT12-252

List of Unclassifed Manufacturers
Part No. GB01SLT12-252
OCR Text ... dt t c = 25 c, t p = 10 ms 0.5 a 2 s t c = 160 c, t p = 10 ms 0.3 power dissipation p tot t c = 25 c 42 w operating and s...252 ? dec 2012 http://www.genesicsemi.com/index ...
Description Silicon Carbide Power Schottky Diode

File Size 332.85K  /  4 Page

View it Online

Download Datasheet

    TO-252 TO-252DPAK

Continental Device India Limited
Continental Device Indi...
Part No. TO-252 TO-252DPAK
OCR Text ....40 bp 1.30 1.50 e 5.40 5.60 b1 0.55 0.65 e1 2.25 2.35 b2 0.75 0.85 e2 4.50 4.70 b3 0.46 0.58 l1 9.25 9.75 c 0.46 0.58 l2 0.50 d 0.40 6.60 l3 0.90 1.1 to252_pkg_drawing rev031105 to-252 (dpak) smd plastic package all dimensions are in mm c...
Description TO-252 (DPAK) SMD Plastic Package
   TO-252 (DPAK) SMD Plastic Package

File Size 212.90K  /  5 Page

View it Online

Download Datasheet

    ZAPD-2-252-75

Mini-Circuits
Part No. ZAPD-2-252-75
OCR Text 0 Maximum Ratings Operating Temperature Storage Temperature Power Input (as a splitter) Internal Dissipation -55C to 100C -55C to 100C 1W max. 0.04W max. Coaxial ZAPD-2-252-75+ 75 5 to 2500 MHz Features CASE STYLE: F14 * wid...
Description Power Splitter/Combiner 2 Way-0 75Ω 5 to 2500 MHz
Power Splitter/Combiner 2 Way-0 75惟 5 to 2500 MHz
Power Splitter/Combiner 2 Way-0 75ヘ 5 to 2500 MHz

File Size 134.83K  /  1 Page

View it Online

Download Datasheet

    AAM610-252 AAM610-504

Gamewell-FCI by Honeywell
Part No. AAM610-252 AAM610-504
OCR Text ...Standby Current: Alarm Current: 0.125A. 0.171A plus NAC power, plus 0.002A for master box, or plus 0.022A for reverse-polarity 120 VAC, 2.0A...252 Upgrades the IF610-126 to an IF610-252 System. Replaces the single analog circuit card with a tw...
Description IdentiFiex 610 base analong/addressable

File Size 80.08K  /  3 Page

View it Online

Download Datasheet

    RDK-252

Power Integrations, Inc.
Part No. RDK-252
OCR Text ...te april 14, 2010 revision 1.0 summary and features ? very low no-load input power (<5 mw actual dissipation) ? passes surge te...252 - capzero reference design board 14-apr-10 page 2 of 26 power integrations, inc. ...
Description
File Size 731.89K  /  26 Page

View it Online

Download Datasheet

    AIMB-252 AIMB-252G2-00A1E AIMB-252VG-M0A1E AIMB-252VG-S0A1E

Advantech Co., Ltd.
Part No. AIMB-252 AIMB-252G2-00A1E AIMB-252VG-M0A1E AIMB-252VG-S0A1E
OCR Text ...ron M Intel ULV Celeron M 760 2.0 GHz 370 1.5 GHz 600 MHz on board 400/533 MHz 400 MHz 400 MHz 2 MB 1 MB 512 KB Intel 910GMLE*/915GME + ICH6...252 Board Diagram Intel Socket 478 Pentium M/Celeron M Processor MHz FSB 400/533 CRT 1st LVDS...
Description Intel垄莽 Pentium垄莽 M/Celeron垄莽 M Mini-ITX with Dual LVDS, 5 COM, and Dual LAN
Intel? Pentium? M/Celeron? M Mini-ITX with Dual LVDS, 5 COM, and Dual LAN

File Size 1,345.76K  /  3 Page

View it Online

Download Datasheet

    GeneSiC Semiconductor, Inc.
Part No. GB05SLT12-252
OCR Text ... f = 5 a, t j = 175 c 2.6 3.0 reverse current i r v r = 1200 v, t j = 25 c 5 50 a v r = 1200 v, t j = 175 c 10 100 total c...252 ? aug 2014 http://www.genesicsemi.com/index ...
Description Silicon Carbide Power Schottky Diode

File Size 353.92K  /  5 Page

View it Online

Download Datasheet

    GeneSiC Semiconductor, Inc.
Part No. GB01SLT12-252
OCR Text ... dt t c = 25 c, t p = 10 ms 0.5 a 2 s t c = 160 c, t p = 10 ms 0.3 power dissipation p tot t c = 25 c 42 w operating and s...252 ? aug 2014 http://www.genesicsemi.com/index ...
Description Silicon Carbide Power Schottky Diode

File Size 349.98K  /  5 Page

View it Online

Download Datasheet

    GeneSiC Semiconductor, Inc.
Part No. GB10SLT12-252
OCR Text ...f = 10 a, t j = 175 c 2.6 3.0 reverse current i r v r = 1200 v, t j = 25 c 50 250 a v r = 1200 v, t j = 175 c 100 500 tota...252 ? aug 2014 http://www.genesicsemi.com/index ...
Description Silicon Carbide Power Schottky Diode

File Size 352.52K  /  5 Page

View it Online

Download Datasheet

For 0.252 Found Datasheets File :: 19047    Search Time::10.578ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 0.252

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
4.0042939186096