PART |
Description |
Maker |
M83-LFC1FBN19-0101-325 |
Datamate 3-Row Mix-Tek Female Crimp Connector, Hex Socket jackscrews with extended guide, 19 x Small bore signal contacts, 2 x 12 AWG Power contacts
|
HARWIN INC
|
M80-4C10405F1-04-325-00-000 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, 4 x Small bore signal contacts, 4 x 12 AWG Power contacts 8 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
M80-4C104F1-22-000 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, 4 x Small bore signal contacts, 4 x Special contact spaces, not supplied with any special contacts
|
HARWIN INC
|
M80-336 M80-337 |
DATAMATE MIX-TEK POWER CONTACT MALE STRAIGHT SOLDER
|
Harwin Plc
|
M80-335 |
DATAMATE MIX-TEK POWER CONTACT MALE STRAIGHT SOLDER
|
Harwin Plc
|
M80-5L12042M5-02-313-01-313 |
Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews 5mm board mount, 20 x 3mm PC Tail signal contacts, 3 x 3mm PC Tail Coax contact
|
HARWIN INC
|
M80-5T22442M3-03-312-00-000 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 5mm board mount, 24 x 3mm PC Tail signal contacts, 3 x 4.5mm PC Tail Coax contacts
|
HARWIN INC
|
M83-LFD100N27-0000-000 M83-LFD1F2N54-0000-000 |
27 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Datamate J-Tek 3-Row Female Large Bore Crimp Connector, gold, Hex Socket jackscrews, 3 x 18-way (54)
|
HARWIN INC
|
M80-5D10605M1-00-000-03-335 |
Datamate 2-Row Mix-Tek Male Crimp Connector, Jackscrews, 6 x Large bore signal contacts, 3 x 12 AWG Power contacts 9 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, CRIMP/IDC
|
Harwin PLC
|
M80-5L20422M5-02-333-00-000 |
Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews 5mm board mount, 4 x 4.5mm PC Tail signal contacts, 2 x 3.5mm PC Tail Power contacts
|
HARWIN INC
|
M80-5T10822M1-04-331-00-000 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews, 8 x 3mm PC Tail signal contacts, 4 x 3.5mm PC Tail Power contacts 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|