PART |
Description |
Maker |
1331 1332 1320G1BLACK 1327 1300 110G9 1377G1 1377G |
CONTACT 15A CRIMP/SOLDER POWERPOLE HOUSING & CONT.BLK POWERPOLE HOUSING RED POWERPOLE HOUSING & CONT.BLUE CONTACT 25A 90DEG PCB 0.7 CONTACT 25A VERTICAL PCB MTG POWERPOLE HOUSING & CONT. RED PLUG FREE LATCHED 6 WAY CONTACT 25A 90DEG PCB 0.4 联系25A90度板0.4 CONTACT 30A CRIMP/SOLDER 联系30A条卷 POWERPOLE HOUSING & CONT. RED POWERPOLE房屋 LOCKING PIN POWERPACK 锁销强力 POWERPOLE HOUSING GREEN POWERPOLE房屋
|
3M Company Anderson Power Products, Inc.
|
KF903A KF903AV |
SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR RF CIRCUITS OF ISM CORDLESS PHONE) 900MHz Cordless Phone
|
KEC Holdings KEC(Korea Electronics) Korea Electronics (KEC)
|
19003-0048 19003-0057 19003-0053 19003-0056 19003- |
.250 X.032 FML FIQD EXP CONT.(BB-2206XC) 2 mm2, PUSH-ON TERMINAL .187X.032 FEMALE AQUA FIQD CONT BB-2208C 2 mm2, PUSH-ON TERMINAL .187X.020 FEMALE FIQD EXPANDED (BB-2207X 2 mm2, PUSH-ON TERMINAL .187 X .032 FEMALE FIQD (BB-2208) 2 mm2, PUSH-ON TERMINAL .250 X.032 FML FIQD EXP TAPED(BB-2206XT) 2 mm2, PUSH-ON TERMINAL 190030058 2 mm2, PUSH-ON TERMINAL .205 X .020 BLUE FIQD CONT BB-2215C 2 mm2, PUSH-ON TERMINAL .250 X.032 FML FIQD EXP TAPED(AA-2201XT) 0.8 mm2, PUSH-ON TERMINAL 190030060 2 mm2, PUSH-ON TERMINAL .187 X .020 FEMALE FIQD CONT. (AA-2202C) 0.8 mm2, PUSH-ON TERMINAL .250 X .032 FEMALE FIQD CON 2 mm2, PUSH-ON TERMINAL
|
Molex, Inc. TE Connectivity, Ltd. MOLEX INC
|
IRFE9130 |
P-Channel Power MOSFET(Vdss:-100V,Id(cont):-6.1A,Vdgr:-0.345V)(P沟道功率MOS场效应管(Vdss:-100V,Id(cont):-6.1A,Vdgr:-0.345V)) P沟道功率MOSFET(减振钢板基本:- 100V的,身份证(续) 6.1A,Vdgr 0.345V)性(P沟道功率马鞍山场效应管(减振钢板基本 100V的,身份证(续) 6.1AVdgr 0.345V))
|
Seme LAB
|
IRF9530S IRF9530SMD |
P-Channel Power MOSFET For HI-REL Application(Vdss:-100V,Id(cont):-8A,Rds(on):0.35Ω)(P沟道功率MOS场效应管,HI-REL应用(Vdss:-100V,Id(cont):-8A,Rds(on):0.35Ω)) P-CHANNEL POWER MOSFET FOR HI.REL APPLICATIONS
|
TT electronics Semelab Limited SEME-LAB[Seme LAB]
|
AS3668 AS3668-BQFT |
4 Channel Breathl ight Cont rol ler
|
austriamicrosystems AG
|
EM92600C EM92601C |
Dual PLL for 48MHz Cordless Phone(用于48MHz频带无绳电话0通道双锁相环) DUAL PLL FOR 45/48 MHZ CORDLESS PHONE
|
ELAN Microelctronics Corp . ELAN Microelectronics
|
SML50W40 |
N-Channel Enhancement Mode High Voltage Power MOSFET(Vdss:500V,Id(cont):40A,Rds(on):0.12惟)(N娌??澧?己??楂???????OS?烘?搴??(Vdss:500V,Id(cont):40A,Rds(on):0.12惟)) N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
|
SEME-LAB[Seme LAB] SemeLAB
|
STK4111V |
VAR 20 JOULES CONT 81V MAX 175V/50A MOV 模拟IC
|
Sanyo Electric Co., Ltd.
|
0545480570 0545480870 0545482070 0545481070 54548- |
0.5 FPC CONN ZIF HSG ASSY FOR SMT RA BTM CONT -LEAD FREE-
|
Molex Electronics Ltd.
|