PART |
Description |
Maker |
ISL22313UFU10Z ISL22313 ISL22313TFU10Z ISL22313WFU |
Single Digitally Controlled Potentiometer (XDCP), Low Noise, Low Power, I-2CBus, 256 Taps Single Digitally Controlled Potentiometer (XDCP? Single Digitally Controlled Potentiometer XDCP
|
Intersil Corporation
|
MX009 |
Digitally Controlled Amp Array OCTAL DIGITALLY CONTROLLED AMPLIFIER ARRAY
|
CML Microcircuits
|
AD8369ARU-REEL7 AD8369 |
600 MHz, 45 dB Digitally Controlled Variable Gain Amplifier 45 dB Digitally Controlled VGA LF to 600 MHz
|
Analog Devices, Inc.
|
EP9810-950 EP9810-45 EP9810-850 EP9810-650 EP9810- |
Digitally Controlled Potentiometer (XDCP); Temperature Range: -40°C to 85°C; Package: 8-PDIP Single Digitally Controlled Potentiometer (XDCP), Low Noise, Low Power, 3 wire Up/Down, 32 Taps; Temperature Range: -40°C to 85°C; Package: 8-MSOP Digitally Controlled Potentiometer (XDCP); Temperature Range: 0°C to 70°C; Package: 8-MSOP Single Digitally Controlled Potentiometer (XDCP); Temperature Range: 0°C to 70°C; Package: 8-SOIC Digitally Controlled Potentiometer (XDCP); Temperature Range: -40°C to 85°C; Package: 8-DFN Digitally Controlled Potentiometer (XDCP); Temperature Range: 0°C to 70°C; Package: 8-PDIP Digitally Controlled Potentiometer (XDCP™); Temperature Range: -40°C to 85°C; Package: 8-MSOP 抽头延迟 Digitally Controlled Potentiometer (XDCP™); Temperature Range: -40°C to 85°C; Package: 8-PDIP 抽头延迟 Single Digitally Controlled Potentiometer (XDCP™); Temperature Range: -40°C to 85°C; Package: 8-SOIC 抽头延迟 Tapped Delay Line 抽头延迟
|
Ecliptek, Corp. Amphenol, Corp.
|
EPA209-30 EPA209-10 EPA209-100 EPA209-15 EPA209-2 |
14 Pin DIP TTL Square-Wave Generator With Complimentary Output Analog IC Single Digitally-Controlled (XDCP) Potentiometer (Push Button Controlled); Temperature Range: -40°C to 85°C; Package: 8-SOIC Single Digitally-Controlled (XDCP) Potentiometer (Push Button Controlled); Temperature Range: -40°C to 85°C; Package: 8-PDIP
|
PCA ELECTRONICS INC.
|
ISL9084106 ISL90841WIV1427Z ISL90841UIV1427Z |
Quad Digitally Controlled Potentiometers (XDCP? Quad Digitally Controlled Potentiometers (XDCP⑩)
|
INTERSIL[Intersil Corporation]
|
ISL22317 ISL22317TFRTZ ISL22317UFRTZ ISL22317WFRTZ |
Precision Single Digitally Controlled Potentiometer (XDCP? Precision Single Digitally Controlled Potentiometer (XDCP垄芒)
|
Intersil Corporation
|
EPA1130G-44 EPA1130-350 EPA1130G-75 EPA1130G-250 E |
Quad Digitally Controlled (XDCP) Potentiometers; Temperature Range: 0°C to 70°C; Package: 24-TSSOP Quad, 64 Tap, Digitally Controlled Potentiometer (XDCP); Temperature Range: 0°C to 70°C; Package: 24-SOIC Quad Digitally Controlled (XDCP) Potentiometers; Temperature Range: -40°C to 85°C; Package: 24-SOIC Tapped Delay Line Quad, 64 Tap, Digitally Controlled Potentiometer (XDCP); Temperature Range: -40°C to 85°C; Package: 24-TSSOP Quad Digitally Controlled (XDCP™) Potentiometers; Temperature Range: 0°C to 70°C; Package: 24-TSSOP 抽头延迟
|
Sony, Corp.
|
QQ-28 QQ-28-10T QQ-12 |
500 MHz - 1000 MHz, 0 deg - 360 deg RF/MICROWAVE DIGITALLY CONTROLLED PH SHFTR 100 MHz - 200 MHz, 45 deg - 45 deg RF/MICROWAVE DIGITALLY CONTROLLED PH SHFTR
|
|
EP1K50TC144-1DX EP1K50TI144-1DX EP1K50FC484-2F EP1 |
Single Volatile 32-Tap Digitally Controlled Potentiometer (XDCP); Temperature Range: -40°C to 85°C; Package: 5-SOT-23 T&R Single Volatile 32-Tap Digitally Controlled Potentiometer (XDCP); Temperature Range: -40°C to 85°C; Package: 6-SC-70 T&R Single Volatile 32-Tap Digitally Controlled Potentiometer (XDCP); Temperature Range: -40°C to 85°C; Package: 6-SOT-23 T&R Dual LDO with Low Noise, Low IQ, and High PSRR; Temperature Range: -40°C to 85°C; Package: 10-DFN Single Volatile 32-Tap Digitally Controlled Potentiometer (XDCP); Temperature Range: -40°C to 85°C; Package: 5-SC-70 T&R Field Programmable Gate Array (FPGA) 现场可编程门阵列(FPGA Field Programmable Gate Array (FPGA) 现场可编程门阵列FPGA Single Volatile 32-Tap Digitally Controlled Potentiometer (XDCP™); Temperature Range: -40°C to 85°C; Package: 6-SC-70 T&R 现场可编程门阵列(FPGA Single Volatile 32-Tap Digitally Controlled Potentiometer (XDCP™); Temperature Range: -40°C to 85°C; Package: 5-SOT-23 T&R
|
Taiyo Yuden Co., Ltd. Nihon Inter Electronics, Corp. Vectron International, Inc. Samsung Semiconductor Co., Ltd.
|
TDA7443D 8557 |
TONE CONTROL AND SURROUND DIGITALLY CONTROLLED AUDIO PROCESSOR WITH AGC TONE CONTROL AND SURROUND DIGITALLY CONTROLLED AUDIO PROCESSOR WITH AGC From old datasheet system
|
ST Microelectronics STMicroelectronics
|