Part Number Hot Search : 
AN820 BAS7002V P4SMA EC28N 1N5520 HSM122 C331M N54LS
Product Description
Full Text Search

68301-1006 - Header; No. of Contacts:5; Pitch Spacing:2.54mm; No. of Rows:1; Series:KK; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Surface Mount RoHS Compliant: Yes 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT .100 SR Vert SMT Custom Hdr 18 Ckt Tin 18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Custom Header 100 SMT 7 ckt 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT .100 SR SB Vert SMT Hdr 8Ckt 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Custom Header 100 SMT 3 ckt 3 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CONN HEADER 8POS .100 VERT 15AU 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT .100 SR Vert SMT Custom Hdr 14 Ckt Tin 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CH 100 Single Row Vert SMT 2ckt 30au CH 100 Single Row Vert SMT 3ckt 30au

68301-1006_4239597.PDF Datasheet

 
Part No. 68301-1006 68301-1069 68301-1035 68301-1028 68301-1037 68301-1013 68301-1113 68301-1056 68301-1020
Description Header; No. of Contacts:5; Pitch Spacing:2.54mm; No. of Rows:1; Series:KK; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Surface Mount RoHS Compliant: Yes 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT
.100 SR Vert SMT Custom Hdr 18 Ckt Tin 18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT
Custom Header 100 SMT 7 ckt 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT
.100 SR SB Vert SMT Hdr 8Ckt 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT
Custom Header 100 SMT 3 ckt 3 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT
CONN HEADER 8POS .100 VERT 15AU 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT
.100 SR Vert SMT Custom Hdr 14 Ckt Tin 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT
CH 100 Single Row Vert SMT 2ckt 30au
CH 100 Single Row Vert SMT 3ckt 30au

File Size 134.04K  /  4 Page  

Maker

Molex, Inc.
MOLEX INC



Homepage
Download [ ]
[ 68301-1006 68301-1069 68301-1035 68301-1028 68301-1037 68301-1013 68301-1113 68301-1056 68301-1020 Datasheet PDF Downlaod from Datasheet.HK ]
[68301-1006 68301-1069 68301-1035 68301-1028 68301-1037 68301-1013 68301-1113 68301-1056 68301-1020 Datasheet PDF Downlaod from Maxim4U.com ] :-)


[ View it Online ]   [ Search more for 68301-1006 ]

[ Price & Availability of 68301-1006 by FindChips.com ]

 Full text search : Header; No. of Contacts:5; Pitch Spacing:2.54mm; No. of Rows:1; Series:KK; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Surface Mount RoHS Compliant: Yes 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT .100 SR Vert SMT Custom Hdr 18 Ckt Tin 18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Custom Header 100 SMT 7 ckt 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT .100 SR SB Vert SMT Hdr 8Ckt 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Custom Header 100 SMT 3 ckt 3 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CONN HEADER 8POS .100 VERT 15AU 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT .100 SR Vert SMT Custom Hdr 14 Ckt Tin 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CH 100 Single Row Vert SMT 2ckt 30au CH 100 Single Row Vert SMT 3ckt 30au


 Related Part Number
PART Description Maker
3210169 PIT 2,5-TWIN-MT, Disconnect and test disconnect terminal block
PHOENIX CONTACT
449-10-212 449-10-212-00-560000 Interconnect Header.100 Grid; Surface Mount Pin Header
Mill-Max Mfg. Corp.
449-10-204-00-560000 Interconnect Header.100 Grid; Surface Mount Pin Header
Mill-Max Mfg. Corp.
829-22-011-20-002101 Interconnect Header Spring-Loaded Header Horizontal Mount Single Row Through Hole
Mill-Max Mfg. Corp.
829-22-005-20-002101 Interconnect Header Spring-Loaded Header Horizontal Mount Single Row Through Hole
Mill-Max Mfg. Corp.
829-22-015-20-002101 Interconnect Header Spring-Loaded Header Horizontal Mount Single Row Through Hole
Mill-Max Mfg. Corp.
829-22-018-20-002101 Interconnect Header Spring-Loaded Header Horizontal Mount Single Row Through Hole
Mill-Max Mfg. Corp.
829-22-007-20-002101 Interconnect Header Spring-Loaded Header Horizontal Mount Single Row Through Hole
Mill-Max Mfg. Corp.
0747121008 6.25mm (.246) Pitch Ganged RF Header, Vertical, 6 Circuits, Long Tails, Without Packaging Header
Molex Electronics Ltd.
M5289 M5285 M5293 M5295 M5283 M5304 M5299 M5292 M5 Current Limiter Diode
4.3 mA, SILICON, CURRENT REGULATOR DIODE
JIGH RELIABILITY CURRENT REGULATOR DIODES JIGH可靠性电流调节二极管
HEADER STRAIGHT 34 WAY
HEADER STRAIGHT 60 WAY
5V Adjustable, 10W, CMOS, Step-Up, Switching Regulator Controller
HEADER R/A 50 WAY
Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits
HEADER STRAIGHT 50 WAY
HIGH RELIABILITY CURRENT REGULATOR DIODES 1.5 mA, SILICON, CURRENT REGULATOR DIODE, DO-35
MICROSEMI CORP-SCOTTSDALE
Microsemi, Corp.
MICROSEMI[Microsemi Corporation]
 
 Related keyword From Full Text Search System
68301-1006 cmos 68301-1006 text 68301-1006 schottky 68301-1006 datasheet 68301-1006 Amplifiers
68301-1006 Precision 68301-1006 suply voltase IC 68301-1006 driver 68301-1006 toshiba 68301-1006 relay
 

 

Price & Availability of 68301-1006

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
3.2318820953369