PART |
Description |
Maker |
TRF7565ALLT TRF2716AMLB TRF7765ALLB TRF5736AALT TR |
FIBER OPTIC TRANSCEIVER, 1480-1580nm, 622Mbps(Tx), 622Mbps(Rx), SURFACE MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 770-860nm, 1250Mbps(Tx), 1250Mbps(Rx), SURFACE MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1530-1580nm, 1250Mbps(Tx), 1250Mbps(Rx), SURFACE MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1270-1355nm, 1250Mbps(Tx), 1250Mbps(Rx), SURFACE MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1263-1360nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1500-1580nm, 2500Mbps(Tx), 2500Mbps(Rx), SURFACE MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1266-1360nm, 2500Mbps(Tx), 2500Mbps(Rx), SURFACE MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1260-1360nm, 2500Mbps(Tx), 2500Mbps(Rx), SURFACE MOUNT, LC CONNECTOR
|
OPNEXT INC
|
C-15-13-F06M-PD-SFCH C-15-13-F06M-PD-SFCL C-15-13- |
FIBER OPTIC RECEIVER, 1100-1360nm, 155Mbps, THROUGH HOLE MOUNT-RIGHT ANGLE, ST CONNECTOR FIBER OPTIC RECEIVER, 1100-1360nm, 155Mbps, THROUGH HOLE MOUNT-RIGHT ANGLE, LC CONNECTOR FIBER OPTIC RECEIVER, 1100-1360nm, 622Mbps, THROUGH HOLE MOUNT-RIGHT ANGLE, SC CONNECTOR FIBER OPTIC RECEIVER, 1100-1360nm, 622Mbps, THROUGH HOLE MOUNT-RIGHT ANGLE, MU CONNECTOR FIBER OPTIC RECEIVER, 1100-1360nm, 1250Mbps, THROUGH HOLE MOUNT-RIGHT ANGLE, SC CONNECTOR FIBER OPTIC RECEIVER, 1100-1360nm, 1250Mbps, THROUGH HOLE MOUNT-RIGHT ANGLE, SC/APC CONNECTOR FIBER OPTIC RECEIVER, 1100-1360nm, 1250Mbps, THROUGH HOLE MOUNT-RIGHT ANGLE, FC CONNECTOR FIBER OPTIC RECEIVER, 1100-1360nm, 1250Mbps, THROUGH HOLE MOUNT-RIGHT ANGLE, FC/APC CONNECTOR FIBER OPTIC RECEIVER, 1100-1360nm, 622Mbps, THROUGH HOLE MOUNT-RIGHT ANGLE, FC CONNECTOR FIBER OPTIC RECEIVER, 1100-1360nm, 155Mbps, THROUGH HOLE MOUNT-RIGHT ANGLE, MU CONNECTOR FIBER OPTIC RECEIVER, 1100-1360nm, 155Mbps, THROUGH HOLE MOUNT-RIGHT ANGLE, FC/APC CONNECTOR ROHS COMPLIANT PACKAGE-5 FIBER OPTIC RECEIVER, 1100-1360nm, 155Mbps, THROUGH HOLE MOUNT-RIGHT ANGLE, FC CONNECTOR ROHS COMPLIANT PACKAGE-5 FIBER OPTIC RECEIVER, 1100-1360nm, 155Mbps, THROUGH HOLE MOUNT-RIGHT ANGLE, MU/APC CONNECTOR ROHS COMPLIANT PACKAGE-5 FIBER OPTIC RECEIVER, 1100-1360nm, 155Mbps, THROUGH HOLE MOUNT-RIGHT ANGLE ROHS COMPLIANT PACKAGE-5 1550nm Emitting,1310nm Receiving(PIN-TIA,5pin-out,3.3V) Bi-directional Diplexer Optical Module
|
Electronic Theatre Controls, Inc. Black Box, Corp. Source Photonics, Inc.
|
C-159-155-FDFB-SLC5 C-127-155-FDFB-SLC9S-G5 C-127- |
155 Mbps Single Mode SFF LC Transceiver FIBER OPTIC TRANSCEIVER, 1305-1318nm, 155Mbps(Tx), 155Mbps(Rx), BOARD/PANEL MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1425-1438nm, 155Mbps(Tx), 155Mbps(Rx), BOARD/PANEL MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1265-1278nm, 155Mbps(Tx), 155Mbps(Rx), BOARD/PANEL MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1325-1338nm, 155Mbps(Tx), 155Mbps(Rx), BOARD/PANEL MOUNT, LC CONNECTOR
|
Source Photonics, Inc.
|
DWCC22P0199L2B3 DWCC22A0199L2B3 DWCC12A0199L2B3 DW |
FIBER OPTIC SPLITTER/COUPLER, 2X2PORT, 99/1, SC/PC CONNECTOR FIBER OPTIC SPLITTER/COUPLER, 1X2PORT, 99/1, SC/PC CONNECTOR FIBER OPTIC SPLITTER/COUPLER, 1X2PORT, 80/20 FIBER OPTIC SPLITTER/COUPLER, 1X2PORT, 99/1, SC/UPC CONNECTOR FIBER OPTIC SPLITTER/COUPLER, 1X2PORT, 99/1, SC/APC CONNECTOR FIBER OPTIC SPLITTER/COUPLER, 1X2PORT, 99/1, SC/SPC CONNECTOR
|
LIGHTEL TECHNOLOGIES INC
|
VSA-0CPHE10FA VSA-0LPHE10FA VSA-0CPHE10FP VSA-0LPH |
FIBER OPTIC VARIABLE SLOPE ATTENUATOR, 1568-1609nm, SC/APC CONNECTOR FIBER OPTIC VARIABLE SLOPE ATTENUATOR, 1530-1560nm, ST/HPC CONNECTOR FIBER OPTIC VARIABLE SLOPE ATTENUATOR, 1530-1560nm, MU CONNECTOR Variable Slope Attenuators FIBER OPTIC VARIABLE SLOPE ATTENUATOR, 1528-1565nm, MU CONNECTOR
|
JDS Uniphase Corporation http:// JDS Uniphase Corporatio...
|
180-066-9-5-C 180-066-9-5-M 180-066-9-5-NF 180-066 |
8 Channel D-Subminiature Fiber Optic Plug Connector SINGLE MODE, SIMPLEX FIBER OPTIC CONNECTOR, PLUG
|
Glenair, Inc. GLENAIR INC
|
FSCMRD |
Fiber Optic Connector; Fiber Diameter:62.5/125 um; Body Material:Zirconia Ceramic RoHS Compliant: Yes 900 um, MULTI MODE, SIMPLEX SC CONNECTOR
|
Panduit, Corp.
|
C-15-13-D02-B-SSCH-G5 C-15-13-D02-B-SSCL-G5 C-15-1 |
FIBER OPTIC RECEIVER, 1535-1565nm, 155Mbps, THROUGH HOLE MOUNT-RIGHT ANGLE, SC CONNECTOR FIBER OPTIC RECEIVER, 1535-1565nm, 622Mbps, THROUGH HOLE MOUNT-RIGHT ANGLE, SC CONNECTOR FIBER OPTIC RECEIVER, 1535-1565nm, 1250Mbps, THROUGH HOLE MOUNT-RIGHT ANGLE, SC CONNECTOR 1550nm Emitting(DFB),1310nm Receiving(PIN-TIA,3.3V), Bi-directional Diplexer Optical Module
|
Source Photonics, Inc.
|
180-071-M65 180-071-M61 180-071-M62 180-071-M63 18 |
Single Channel Fiber Optic Plug Connector SIMPLEX FIBER OPTIC CONNECTOR, PLUG
|
Glenair, Inc. GLENAIR INC
|
OAA-18F1000C3 OAA-18F1000C5 OAA-18F1000C9 OAA-18F1 |
FIBER OPTIC EDFA AMPLIFIER, 1529-1562nm, PANEL MOUNT, SC/UPC CONNECTOR FIBER OPTIC EDFA AMPLIFIER, 1529-1562nm, PANEL MOUNT, E2000 CONNECTOR FIBER OPTIC EDFA AMPLIFIER, 1529-1562nm, PANEL MOUNT, MU CONNECTOR FIBER OPTIC EDFA AMPLIFIER, 1529-1562nm, PANEL MOUNT, FC/UPC CONNECTOR FIBER OPTIC EDFA AMPLIFIER, 1529-1562nm, PANEL MOUNT, SC/APC CONNECTOR FIBER OPTIC EDFA AMPLIFIER, 1529-1562nm, PANEL MOUNT, FC/APC CONNECTOR Compact,Two-Stage Amplifier with Mid-Stage Access
|
JDS Uniphase, Corp. JDS Uniphase Corporation
|
C-13-15-F06M-PD-MSTH C-13-15-F06M-PD-MSTL C-13-15- |
FIBER OPTIC DEVICE-DUPLEX MODULE, 1290-1330nm, THROUGH HOLE MOUNT-RIGHT ANGLE, FC/APC CONNECTOR FIBER OPTIC DEVICE-DUPLEX MODULE, 1290-1330nm, THROUGH HOLE MOUNT-RIGHT ANGLE, ST/APC CONNECTOR FIBER OPTIC DEVICE-DUPLEX MODULE, 1290-1330nm, THROUGH HOLE MOUNT-RIGHT ANGLE, ST/PC CONNECTOR FIBER OPTIC DEVICE-DUPLEX MODULE, 1290-1330nm, THROUGH HOLE MOUNT-RIGHT ANGLE, FC/PC CONNECTOR 1310nm Emitting,1550nm Receiving(PIN-TIA,5pin-out,3.3V) Bi-directional Diplexer Optical Module
|
Source Photonics, Inc.
|
OL3450L-A-SFMUJ-S2 OL4451L-B-AFMUJ-S1 OL5451L-B-AF |
FIBER OPTIC LASER DIODE MODULE EMITTER, 1300-1320nm, PANEL MOUNT, THROUGH HOLE MOUNT, MU-J CONNECTOR FIBER OPTIC LASER DIODE MODULE EMITTER, 1480-1500nm, PANEL MOUNT, THROUGH HOLE MOUNT, MU-J CONNECTOR FIBER OPTIC LASER DIODE MODULE EMITTER, 1510-1530nm, PANEL MOUNT, THROUGH HOLE MOUNT, MU-J CONNECTOR FIBER OPTIC LASER DIODE MODULE EMITTER, 1620-1640nm, PANEL MOUNT, THROUGH HOLE MOUNT, MU-J CONNECTOR
|
LAPIS SEMICONDUCTOR CO LTD
|
|