PART |
Description |
Maker |
M80-8430842 M80-8780605 M80-8681205 M80-8680405 M8 |
Datamate Connectors Datamate L-Tek DIL Male Horizontal 4.5mm PC Tail Connector, latched, gold, 6 6-way 12 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Datamate L-Tek DIL Male Horizontal 3mm PC Tail Connector, latched, selective gold tin/lead, 7 7-way
|
Harwin Plc HARWIN INC
|
M80-4105042 |
Datamate J-Tek DIL Female Vertical 3mm PC Tail Connector, gold clip tin shell, no jackscrews, 25 25-way 50 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
SR3.3TC SR3.3TG |
RailClamp Low Capacitance TVS Diode Array Datamate Trio-Tek DIL Female Housing, with Hex Slotted jackscrews, 5 5-way
|
SEMTECH[Semtech Corporation] Semtechoration
|
M80-4111401 |
Datamate J-Tek DIL Female Vertical 4.5mm PC Tail Connector, gold clip tin/lead shell, no jackscrews, 7 7-way 14 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-4661042 M80-4663405 |
Datamate J-Tek DIL Female Small Bore Crimp Connector, Extended Wall, gold clip tin shell, with jackscrews, 5 5-way 10 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Datamate J-Tek DIL Female Small Bore Crimp Connector, Extended Wall, gold clip gold shell, with jackscrews, 17 17-way 34 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
M80-4633405 M80-4630642 |
Datamate J-Tek DIL Female Small Bore Crimp Connector, gold clip gold shell, with reverse fix jackscrews board mount, 17 17-way 34 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP Datamate J-Tek DIL Female Small Bore Crimp Connector, gold clip tin shell, with reverse fix jackscrews board mount, 3 3-way 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
M80-4813005 M80-4814205 |
Datamate J-Tek DIL Female Small Bore Crimp Connector, gold clip gold shell, with Hex Socket jackscrews, 15 15-way 30 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Datamate J-Tek DIL Female Small Bore Crimp Connector, gold clip gold shell, with Hex Socket jackscrews, 21 21-way 42 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
M80-8241822 M80-8241645 M80-8243445 |
Datamate L-Tek DIL Male Vertical 9.4mm PC Tail Connector, latched, selective gold tin/lead, 9 9-way 18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, PLUG Datamate L-Tek DIL Male Vertical 9.4mm PC Tail Connector, latched, gold, 8 8-way 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, PLUG Datamate L-Tek DIL Male Vertical 9.4mm PC Tail Connector, latched, gold, 17 17-way
|
Harwin PLC HARWIN INC
|
M80-5100422 M80-5105042 M80-5105005 M80-5100405 M8 |
JACKSCREW DATAMATE DIL VERTICAL PC TAIL MALE ASSEMBLY (BOARD MOUNT) Datamate J-Tek DIL Male Vertical 3mm PC Tail Connector, selective gold tin/lead, with jackscrews board mount, 10 10-way 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Datamate J-Tek DIL Male Vertical 3mm PC Tail Connector, selective gold tin/lead, with jackscrews board mount, 24 24-way 48 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin Plc
|
M80-7911222 M80-7912045 |
Datamate L-Tek DIL Male Horizontal 4.5mm PC Tail Connector, unlatched, selective gold tin/lead, 6 6-way 12 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Datamate L-Tek DIL Male Horizontal 4.5mm PC Tail Connector, unlatched, gold, 10 10-way 20 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-8972201 M80-8972205 M80-89722T6 M80-8970701 M8 |
DATAMATE 2mm PITCH SIL VERTICAL PC TAIL SOCKET ASSEMBLY Datamate L-Tek SIL Female Vertical 3mm PC Tail Connector, gold clip gold shell, 5-way 5 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET Datamate L-Tek SIL Female Vertical 3mm PC Tail Connector, gold clip tin/lead shell, 4-way 4 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET
|
Harwin Plc
|
|