PART |
Description |
Maker |
112MT120KB 112MT120KBS90 112MT100KB 112MT140KB 112 |
THREE PHASE CONTROLLED BRIDGE THREE PHASE CONTROLLED BRIDGE 三相控桥 CONN RING UNINSUL 12-10 AWG #10 HEADER, STRAIGHT, L/LATCH, 50WAY; Connector type:Wire-to-Board; Gender:Pin; Ways, No. of:50; Pitch, lead:2.54mm; Termination method:Solder; Material, contact:Phosphor Bronze (C510); Plating, contact:0.76u Gold over 2.54u Nickel; RoHS Compliant: Yes CONN L/FORK UNINSUL 12-10 AWG #1 Ejector Latch; For Use With:3M Shrouded Latch / Ejector PCB Headers With Strain Relief RoHS Compliant: Yes Ejector Latch; For Use With:3M Shrouded Latch / Ejector PCB Headers Without Strain Relief RoHS Compliant: Yes 800V 3 Phase Bridge in a INT-A-Pak package 1200V 3 Phase Bridge in a INT-A-Pak package 1600V 3 Phase Bridge in a INT-A-Pak package 1000V 3 Phase Bridge in a INT-A-Pak package 1400V 3 Phase Bridge in a INT-A-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
EHF-10301-LM-D-RA EHF-10501-LM-D-RA EHF-10801-LM-D |
.050 EJECTOR HEADER ASSEMBLY
|
Samtec, Inc
|
92193 |
68P EJECTOR HEADER ASSY FOR TYPE I/II/III (FOR 5.OV)
|
FCI connector
|
G53CS-DC9K G53AD-DC110 G53AD-DC110K G53AD-DC12 G53 |
CONN 52POS 2MM SOCKET STR PC SMD CONN 32POS 2MM SOCKET STR PC SMD BAG, SHIELDED, 75X125MM, PK100; Length / Height, external:125mm; Pack Quantity:100; Resistivity, surface inner:1000000Mohm/sq; Resistivity, surface outer:10000ohm/sq; Standard:MIL-PRF-81705 Type III, EIA 541, EIA 625, MILHDBK-263, RoHS Compliant: Yes CONN RCPT 30-POS 15X2 2MM ST CONN 34POS 2MM SOCKET R/A PC MT CONN 36POS 2MM SOCKET R/A PC MT 60=30X2 2MM FEM SOCKET PC-MNT CONN CONN 34POS 2MM SOCKET STR PC SMD CONN 32POS 2MM SOCKET VERT PC MT CONN 40POS 2MM SOCKET STR PC SMD RECTIFIER SBR DUAL 10A 100V 120A-ifsm 800mV-vf 0.2mA-ir ITO-220AB 50/TUBE CONN 4POS 2MM HEADER DL STR SMD 迷你型,重型接触载荷高达4000VA CONN 8POS 2MM HEADER DL STR SMD 迷你型,重型接触载荷高达4000VA Pin Header; No. of Contacts:8; No. of Rows:2; Gender:Male; Contact Plating:Gold; Contact Termination:Right Angle Through Hole; Current Rating:1.5A; Leaded Process Compatible:Yes; Mounting Type:Through Hole RoHS Compliant: Yes 迷你型,重型接触载荷高达4000VA CONN, 2P, 3A, HDR, STRT, 2MM, GOLD 迷你型,重型接触载荷高达4000VA HEADER 8POS 2ROW 2MM SMT MALE 迷你型,重型接触载荷高达4000VA Wire-To-Board Connector; No. of Contacts:50; Pitch Spacing:0.079"; No. of Rows:2; Mounting Type:PCB Straight Thru Hole; Gender:Female; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No 迷你型,重型接触载荷高达4000VA Wire-To-Board Connector; No. of Contacts:60; Pitch Spacing:0.079"; No. of Rows:2; Gender:Female; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes 迷你型,重型接触载荷高达4000VA CONN SKT BDM2MM 25 POS DLST028 迷你型,重型接触载荷高达4000VA Miniature Type, Heavy contact load up to 4000VA 迷你型,重型接触载荷高达4000VA CONN 50POS 2MM SOCKET R/A PC MT 迷你型,重型接触载荷高达4000VA CONN 60POS 2MM SOCKET STR PC SMD 迷你型,重型接触载荷高达4000VA Wire-To-Board Connector; No. of Contacts:44; Pitch Spacing:0.079"; No. of Rows:2; Gender:Female; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes 迷你型,重型接触载荷高达4000VA CONN 8POS 2MM HEADER DL STR T/H 迷你型,重型接触载荷高达4000VA CONN 60POS 2MM SOCKET VERT PC MT 迷你型,重型接触载荷高达4000VA CONN 34POS 2MM SOCKET VERT PC MT 迷你型,重型接触载荷高达4000VA
|
Global Components & Controls List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
EHT-105-01-S-D-SM-LC EHT-113-01-SM-D-SM-P |
CONN HEADER 2MM 10POS SMD GOLD 26 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT
|
SAMTEC INC
|
87264-3852 87264-3453 87264-3452 87264-3653 87264- |
CONN RECEPT 2MM 38POS SIDE ENTRY 38 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 2mm MGrid Rcpt S/E RA .76AuLF 34Ckt 34 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE CONN RECEPT 2MM 34POS SIDE ENTRY 34 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 2mm MGrid Rcpt S/E RA .76AuLF 36Ckt 36 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE CONN RECEPT 2MM 36POS SIDE ENTRY 36 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 2mm MGrid Rcpt S/E RA .38AuLF 14Ckt 14 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE CONN RECEPT 2MM 16POS SIDE ENTRY 16 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE
|
Molex, Inc.
|
15-06-0101 15-06-0180 15-06-0141 |
MiniFit BMI Rcpt/PanMnt V-0 10Ckt 10 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE Connector Housing; No. of Contacts:18; Pitch Spacing:4.2mm; No. of Rows:2; Series:Mini-Fit BMI; Connector Body Material:Nylon; Contact Termination:Crimp 18 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE Header Connector,Cable Mnt,PLUG,14 Contacts,SKT,0.165 Pitch,HOLE .164-.189
|
Molex, Inc. MOLEX INC
|
87427-2212 87427-1013 87427-1012 87427-2013 87427- |
4.2mm WtB RAHdr HT /OMntFlg 2.54Sn 22Ckt 22 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 4.2mm WtB RAHdr HT /OMntFlg 4Sn 10Ckt 10 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 4.2mm WtB RAHdr HT /OMntFlg 2.54Sn 10Ckt 10 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 20ckt r/a minifit jr with flange conn. 20 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 4.20mm WtB RAHdr HT /OMntFlg 2.54Sn 6Ckt 6 CONTACT(S), MALE, POWER CONNECTOR, SOLDER
|
Molex, Inc. MOLEX INC
|
87427-2203 87427-0403 87427-1802 87427-2002 87427- |
4.2mm WtB RAHdr HT /OMntFlg 4Sn 22Ckt 22 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 4.20mm WtB RA Hdr HTemp /O MntFlg 4Ckt 4 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 4.2mm WtB RAHdr HT /OMntFlg 2.54Sn 18Ckt 18 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 4.2mm WtB RAHdr HT /OMntFlg 2.54Sn 20Ckt 20 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 4.20mm WtB RAHdr HT /OMntFlg 2.54Sn 6Ckt
|
Molex, Inc. MOLEX INC
|
SMM-114-02-S-S SMM-140-02-S-S SMM-117-02-S-D |
2mm SOCKET STRIPS 14 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET CONN RCPT 2MM 40POS SGL GOLD SMD 40 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 2mm SOCKET STRIPS 34 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET
|
Samtec, Inc.
|
5100159-1 |
2mm Hard Metric PCB Mount Connectors ( Z-PACK 2mm HM ); 2MM HDR, 55 POS EXTN MOD ( AMP )
|
Tyco Electronics
|
5120638-1 |
2mm Hard Metric PCB Mount Connectors ( Z-PACK 2mm HM ); 2MM HM HDR ASY,12 ROW 144 POS ( AMP )
|
Tyco Electronics
|
|