PART |
Description |
Maker |
15-04-5221 15-04-5184 15-04-5424 15-04-5421 15-04- |
SL ItmCp DR O/Ribs 22Ckt 22 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR SL ItmCp DR W/Ribs 18Ckt 18 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR SL ItmCp DR W/Ribs 42Ckt 42 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR SL ItmCp DR O/Ribs 42Ckt 42 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR SL ItmCp DR O/Ribs 24Ckt 24 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR SL ItmCp DR W/Ribs 38Ckt 38 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR SL ItmCp DR W/Ribs 44Ckt 44 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR SL ItmCp DR W/Ribs 34Ckt 34 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR SL ItmCp DR O/Ribs 36Ckt 36 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR SL ItmCp DR W/Ribs 36Ckt 36 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR 15045181 18 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR Multipole Connector; Number of Contacts:50; Series:SL; Body Material:Polyester; Number of Rows:2 50 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR 15045341 34 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR Clip; For Use With:Dual row panel mount or headers; Connector Body Material:Polyester; Mounting Type:Panel Mount; No. of Contacts:40; Series:SL RoHS Compliant: Yes 40 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR Clip; For Use With:Dual row panel mount or headers; Connector Body Material:Polyester; Mounting Type:Panel Mount; Number of Contacts:12; Series:SL SL ItmCp DR O/Ribs 38Ckt SL ItmCp DR W/Ribs 30Ckt
|
Molex, Inc. MOLEX INC
|
M80-4C10405F1-04-325-00-000 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, 4 x Small bore signal contacts, 4 x 12 AWG Power contacts 8 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
51067-1000 51067-1500 51067-0300 51067-1100 |
10CKT 3.5MM W TO B HOUS 10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 3.5 W TO B CONN HOUSING 15 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE Multipole Connector; Gender:Female; No. of Contacts:3; Series:51067; Body Material:PBT Polyester; No. of Rows:1; Pitch Spacing:0.138" RoHS Compliant: Yes 3 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 3.5MM WTB HSG 11CKT 510671100 11 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE
|
Molex, Inc.
|
M80-4T1164200-06-301-00-000 |
Datamate 2-Row Mix-Tek Female Vertical PC Tail Connector, No jackscrews, 16 x 3mm PC Tail signal contacts, 6 x 3mm PC Tail Coax contacts 22 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
26-32-9020 09-06-3167 09-06-5168 09-06-5167 09-06- |
156 KK IDT DlCnt W/LR FTo Tin 2ckt 2 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 156 KK IDT DlCnt W/LR FTh Tin 16ckt 16 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 156 KK IDT DlCnt W/LR FTo Tin 16ckt 16 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC Multipole Connector; Gender:Female; No. of Contacts:20; Series:KK; Body Material:Nylon; No. of Rows:1 RoHS Compliant: Yes 20 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC Multipole Connector; Gender:Female; No. of Contacts:8; Series:KK; Body Material:Nylon; No. of Rows:1 8 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 156 KK IDT DlCnt W/LR FTh Gold 2ckt 2 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 156 KK IDT DlCnt W/LR FTo Gold 3ckt 3 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 156 KK IDT DlCnt W/LR FTo Gold 9ckt 9 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 156 KK IDT DlCnt WO/LR FTh Tin 16ckt 16 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 156 KK IDT DlCnt WO/LR FTh Tin 12ckt 12 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 156 KK IDT DlCnt WO/LR FTh Tin 4ckt 4 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 156 KK IDT DlCnt W/LR FTh Tin 4ckt 4 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 156 KK IDT DlCnt WO/LR FTo Tin 16ckt 16 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 156 KK IDT DlCnt WO/LR FTh Tin 15ckt 15 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 156 KK IDT DlCnt WO/LR FTo Tin 14ckt 14 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 156 KK IDT DlCnt WO/LR FTh Tin 6ckt 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 156 KK IDT DlCnt WO/LR FTh Tin 3ckt 3 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 156 KK IDT DlCnt W/LR Fto Tin 10ckt 10 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 156 KK IDT DlCnt W/LR FTo Tin 4ckt 4 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 156 KK IDT DlCnt W/LR Fth Tin 3ckt 3 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 156 KK IDT DlCnt W/LR Fto Tin 7ckt 7 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 156 KK IDT DlCnt W/LR Fto Tin 8ckt 8 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 156 KK IDT DlCnt WO/LR FTh Tin 2ckt 11 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 17 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 156 KK IDT DlCnt W/LR FTh Tin 9ckt 156 KK IDT DlCnt W/LR FTo Tin 14ckt 156 KK IDT DlCnt W/LR FTo Tin 6ckt 156 KK IDT DlCnt WO/LR FTo Tin 6ckt
|
Molex, Inc. MOLEX INC
|
51338-0674 51338-0474 51338-0374 51338-0274 |
0.4BtB RecHsgAssyJ-BendTl 60CktEmbsTpPkg 60 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE 0.4BtB RecHsgAssyJ-BendTl 40CktEmbsTpPkg 40 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE 513380374 30 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE Header; No. of Contacts:20; Pitch Spacing:0.016"; No. of Rows:2; Series:SlimStack; Body Material:Liquid Crystal Polymer 20 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE
|
Molex, Inc.
|
22-01-1082 |
Connector Housing; Gender:Female; Number of Contacts:8; Series:5051-N; Body Material:PA Polyamide (Nylon) 6/6; Number of Rows:1; Pitch Spacing:2.5mm 8 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Molex, Inc.
|
09-50-6255 09-50-5285 09-50-6085 09-50-6185 09-50- |
Multipole Connector; No. of Contacts:50; Series:KK; Body Material:Polyester 50 CONTACT(S), FEMALE, SINGLE PART CARD EDGE CONN, CRIMP 156 KK PCB Assy Dl Row Poly 28Ckt 56 CONTACT(S), FEMALE, SINGLE PART CARD EDGE CONN, CRIMP 156 KK PCB Assy Dl Row Poly 8Ckt 16 CONTACT(S), FEMALE, SINGLE PART CARD EDGE CONN, CRIMP 156 KK PCB Assy Dl Row Poly 18Ckt 36 CONTACT(S), FEMALE, SINGLE PART CARD EDGE CONN, CRIMP 156 KK PCB Assy Dl Row Poly 24Ckt 48 CONTACT(S), FEMALE, SINGLE PART CARD EDGE CONN, CRIMP
|
Molex, Inc.
|
BCS-150-L-S-PE BCS-108-L-D-TE BCS-130-SM-S-PE-BE B |
CONN RCPT 50POS .100 SNGL VERT 50 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET BOX CONNECTOR SOCKET STRIP 8 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 30 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 30 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, SOCKET 46 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 46 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, SOCKET 34 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 42 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 38 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 39 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 43 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 12 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 32 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 11 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 41 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 14 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, SOCKET 47 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, SOCKET 49 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 49 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, SOCKET 33 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 20 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 23 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, SOCKET 23 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 40 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 34 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, SOCKET 19 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 16 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 31 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 13 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, SOCKET 13 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 27 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 48 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, SOCKET 42 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, SOCKET 14 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 48 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 43 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, SOCKET 47 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET
|
Samtec, Inc. SAMTEC INC
|
35507-1100 35507-1400 |
Wire To Board Header; Number of Contacts:11; Pitch Spacing:0.079"; Number of Rows:1; Gender:Header; Series:35507; Body Material:Polyamide; Current Rating:2A; Voltage Rating:125V 11 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE 14CKT NEW 2.0 W/B CONN HOUSING 14 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc.
|
1716380000 |
Terminal Block,Cable Mount,PLUG,8 Contacts,SKT,DETENT 8 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, SCREW, SOCKET
|
Weidmuller, Corp.
|
|