PART |
Description |
Maker |
M80-500000000-01-331-01-311 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, No Jackscrews, no signal contacts, 1 x 3.5mm PC Tail Power contacts and 1 x 3mm PC Tail Coax contacts 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5T10422M1-04-331-00-000 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews, 4 x 3mm PC Tail signal contacts, 4 x 3.5mm PC Tail Power contacts 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5T21642M3-06-312-00-000 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 5mm board mount, 16 x 3mm PC Tail signal contacts, 6 x 4.5mm PC Tail Coax contacts 22 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5000000M1-05-336-00-000 M80-5000000M1-04-331-0 |
5 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, SOLDER Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews, no signal contacts, 4 x 3.5mm PC Tail Power contacts Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews, no signal contacts, 7 x 3.5mm PC Tail Power contacts Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews, no signal contacts, 2 x 3.5mm PC Tail Power contacts
|
HARWIN INC
|
M80-5L210M1-21-334-314 |
Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews, 10 x 4.5mm PC Tail signal contacts, 2 x 5mm PC Tail Power contacts and 1 x 4.5mm PC Tail Coax contact 13 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC HARWIN INC
|
39-29-9049 39-29-9104 39-29-9109 39-29-9147 39-29- |
CONN HDR VERT PCB MT 4POS 8AMPS 4 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; No. of Contacts:10; Pitch Spacing:0.165"; No. of Rows:2; Series:Mini-Fit Jr. 5566; Body Material:Nylon 6/6 10 CONTACT(S), MALE, POWER CONNECTOR, SOLDER CONNECTOR - 10 PIN, MINI-FIT JR 10 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; No. of Contacts:14; Pitch Spacing:0.165"; No. of Rows:2; Series:Mini-Fit Jr. 5566; Body Material:Nylon 6/6 14 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; No. of Contacts:12; Pitch Spacing:0.165"; No. of Rows:2; Series:Mini-Fit Jr. 5566; Body Material:Nylon 6/6 12 CONTACT(S), MALE, POWER CONNECTOR, SOLDER CONN,12-POS MOLEX HEADER, DUAL ROW, VERTICAL, GOLD, W/PEGS & DRAIN HOLES 12 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; No. of Contacts:18; Pitch Spacing:0.165"; No. of Rows:2; Series:Mini-Fit Jr. 5566; Body Material:Nylon 6/6 RoHS Compliant: Yes 18 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; No. of Contacts:20; Pitch Spacing:0.165"; No. of Rows:2; Series:Mini-Fit Jr. 5566; Body Material:Nylon 6/6 RoHS Compliant: Yes 20 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MINI-FIT JR. VERTICAL HEADER ASSEMBLIES WITH MOUNTING PEGS Header Connector,PCB Mnt,PLUG,6 Contacts,SKT,0.165 Pitch,PC TAIL Terminal,POLARIZED LCK 6 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFitJrHdr Vt DR W/Pgs 30Au V-2 14Ckt 14 CONTACT(S), MALE, POWER CONNECTOR, SOLDER A-5566-04AGS 4 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 39299169 16 CONTACT(S), MALE, POWER CONNECTOR, SOLDER
|
Molex, Inc. Molex Electronics Ltd. MOLEX INC
|
JRC-19F2A24C0.51 JRC-19F2A12CB0.2 JRC-19F2A12CB0.5 |
CLUSTER PANEL,RJ-11 W/ (8) 6-W COMPOSANTS ELECTRONIQUES电子元件 COMPUTER PRODUCT COMPOSANTS ELECTRONIQUES电子元件 4 WIRE WALLMOUNT BLOCK COMPOSANTS ELECTRONIQUES电子元件 COMPOSANTS ELECTRONIQUES ELECTRONIC COMPONENTS COMPOSANTS ELECTRONIQUES电子元件 Modular Connector; Leaded Process Compatible:No; No. of Contacts:8; Peak Reflow Compatible (260 C):No; Modular Connector Type:RJ-45 COMPOSANTS ELECTRONIQUES电子元件 CLUSTER PANEL, RJ-45 W/ (12) 8 4 OR 6 WIRE INLINE CPLR CROSS- SWITCH TACT 6MM RIGHT ANG 160GF 6 WIRE WALLMOUNT BLOCK 10 WIRE MODULAR COUPLER M.CONN,RJ45 MALE,STRANDEDSMART PAK EXISTS
|
Electronic Theatre Controls, Inc. ETC List of Unclassifed Manufacturers N/A DB Lectro, Inc.
|
M80-5T102M2-22-331 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 3.5mm board mount, 2 x 3mm PC Tail signal contacts, 4 x 3.5mm PC Tail Power contacts
|
HARWIN INC
|
M80-5T22442M3-03-312-00-000 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 5mm board mount, 24 x 3mm PC Tail signal contacts, 3 x 4.5mm PC Tail Coax contacts
|
HARWIN INC
|
M83-LML3M5N13-0302-333 |
Datamate 3-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews 5mm board mount, 13 x 4mm PC Tail signal contacts, 5 x 3.5mm PC Tail Power contacts
|
HARWIN INC
|
10-88-1105 10-89-1246 10-89-1667 10-88-1526 10-89- |
Header; No. of Contacts:10; Pitch Spacing:2.54mm; No. of Rows:2; Series:C-Grid; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Right Angle Pin 10 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,24 Contacts,PIN,0.1 Pitch,R ANGLE PC TAIL Terminal 24 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 66 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 52 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 68 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,8 Contacts,PIN,0.1 Pitch,R ANGLE PC TAIL Terminal 50 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc. MOLEX INC
|
|