PART |
Description |
Maker |
CRIMPFOX-HCM-50-OHM |
Crimping pliers, for coaxial, male and female contacts acc. to DIN 41626, contacts HC-M-04-STKOAX-and HC-M-04-BU-KOAX-... 50 and 75 Ohms respectively
|
PHOENIX CONTACT
|
M80-4D11205F2-03-327-00-000 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hex Socket jackscrews, 12 x Large bore signal contacts, 3 x 16 AWG Power contacts
|
HARWIN INC
|
39-01-2225 39-01-2025 |
Header; Number of Contacts:22; Pitch Spacing:0.165"; Number of Rows:2; Gender:Female; Series:Mini-Fit Jr. 5557; Body Material:Nylon 6/6 22 CONTACT(S), FEMALE, POWER CONNECTOR, RECEPTACLE Multipole Connector; Gender:Female; Number of Contacts:2; Body Material:PA Polyamide (Nylon); Connecting Termination:Crimp; Mounting Type:Header; Operating Temp. Min:-40 C; Pitch Spacing:4.2mm; Voltage Rating:600V
|
Molex, Inc. MOLEX INC
|
07-01-7101 07-01-7102 |
Connector; No. of Contacts:10; Pitch Spacing:0.175"; No. of Rows:1; Mounting Type:PCB; Gender:Female RoHS Compliant: Yes 10 CONTACT(S), FEMALE, POWER CONNECTOR Commoning Connector Poly 10Ckt 10 CONTACT(S), FEMALE, POWER CONNECTOR
|
Molex, Inc.
|
15-04-5221 15-04-5184 15-04-5424 15-04-5421 15-04- |
SL ItmCp DR O/Ribs 22Ckt 22 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR SL ItmCp DR W/Ribs 18Ckt 18 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR SL ItmCp DR W/Ribs 42Ckt 42 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR SL ItmCp DR O/Ribs 42Ckt 42 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR SL ItmCp DR O/Ribs 24Ckt 24 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR SL ItmCp DR W/Ribs 38Ckt 38 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR SL ItmCp DR W/Ribs 44Ckt 44 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR SL ItmCp DR W/Ribs 34Ckt 34 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR SL ItmCp DR O/Ribs 36Ckt 36 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR SL ItmCp DR W/Ribs 36Ckt 36 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR 15045181 18 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR Multipole Connector; Number of Contacts:50; Series:SL; Body Material:Polyester; Number of Rows:2 50 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR 15045341 34 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR Clip; For Use With:Dual row panel mount or headers; Connector Body Material:Polyester; Mounting Type:Panel Mount; No. of Contacts:40; Series:SL RoHS Compliant: Yes 40 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR Clip; For Use With:Dual row panel mount or headers; Connector Body Material:Polyester; Mounting Type:Panel Mount; Number of Contacts:12; Series:SL SL ItmCp DR O/Ribs 38Ckt SL ItmCp DR W/Ribs 30Ckt
|
Molex, Inc. MOLEX INC
|
15-06-0101 15-06-0180 15-06-0141 |
MiniFit BMI Rcpt/PanMnt V-0 10Ckt 10 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE Connector Housing; No. of Contacts:18; Pitch Spacing:4.2mm; No. of Rows:2; Series:Mini-Fit BMI; Connector Body Material:Nylon; Contact Termination:Crimp 18 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE Header Connector,Cable Mnt,PLUG,14 Contacts,SKT,0.165 Pitch,HOLE .164-.189
|
Molex, Inc. MOLEX INC
|
70ADJ-6-FL0G 70ADJ-5-FL1G 70ADJ-2-FL1G 70ADJ-4-FL0 |
Modular Contacts 6 Position Female SMD PCB CONNECTOR Modular Contacts 5 Position Female SMD PCB CONNECTOR Modular Contacts 2 Position Female SMD PCB CONNECTOR Modular Contacts 4 Position Female SMD
|
Bourns, Inc. BOURNS INC
|
302W2CSXX99A30X |
D-SUB COMBINATION FEMALE 2W2CS WITHOUT CONTACTS
|
CONEC Elektronische Bau...
|
22-01-2131 22-01-2331 22-01-2231 22-01-2091 22-01- |
100 KK Term O/LRamp WO/PoR 13Ckt 13 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 100 KK Term O/LRamp WO/PoR 29Ckt 33 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 100 KK Term O/LRamp WO/PoR 23Ckt 23 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Header Connector,Cable Mnt,PLUG,9 Contacts,SKT,0.100 Pitch,IDC Terminal 9 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Header Connector,Cable Mnt,PLUG,22 Contacts,SKT,0.1 Pitch,IDC Terminal 22 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Connector Housing; Gender:Female; No. of Contacts:6; Series:2695; Body Material:PA Polyamide (Nylon); Connecting Termination:Crimp; No. of Rows:1; Pitch Spacing:2.54mm RoHS Compliant: Yes 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 100 KK Term O/LRamp WO/PoR 25Ckt 25 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Connector Housing; Gender:Female; No. of Contacts:20; Series:2695; Body Material:PA Polyamide (Nylon); No. of Rows:1; Pitch Spacing:2.54mm 20 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Connector Housing; Gender:Female; Number of Contacts:12; Series:2695; Body Material:PA Polyamide (Nylon); Color:White; Connecting Termination:Crimp; Number of Rows:1; Pitch Spacing:2.54mm 12 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Header Connector,Cable Mnt,PLUG,14 Contacts,SKT,0.100 Pitch,IDC Terminal 14 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Connector Housing; Gender:Female; No. of Contacts:14; Series:2695; Body Material:PA Polyamide (Nylon); No. of Rows:1; Pitch Spacing:2.54mm 14 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 100 KK Term O/LRamp WO/PoR 1Ckt 1 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Connector Housing; Gender:Female; Number of Contacts:2; Series:2695; Body Material:PA Polyamide (Nylon); Connecting Termination:Crimp; Mounting Type:Header; Number of Rows:1; Pitch Spacing:2.54mm 2 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 100 KK Term Hsg W/LRamp Nylon 15Ckt 15 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Header Connector,Cable Mnt,PLUG,11 Contacts,SKT,0.100 Pitch,IDC Terminal 11 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Connector Housing; Gender:Female; No. of Contacts:16; Series:2695; Body Material:PA Polyamide (Nylon); No. of Rows:1; Pitch Spacing:2.54mm RoHS Compliant: Yes 16 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Connector Housing; Gender:Female; Number of Contacts:5; Series:2695; Body Material:PA Polyamide (Nylon); Connecting Termination:Crimp; Mounting Type:Header; Number of Rows:1; Pitch Spacing:2.54mm 5 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 100 KK Term O/LRamp WO/PoR 27Ckt 27 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Header Connector,Cable Mnt,PLUG,2 Contacts,SKT,0.1 Pitch,IDC Terminal 100 KK Term O/LRamp WO/PoR 2Ckt 100 KK Term Hsg W/LRamp Nylon 21Ckt 100 KK Term O/LRamp WO/PoR 21Ckt 19 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 100 KK Term Hsg W/LRamp W/PoR 11Ckt 100 KK Term Hsg W/LRamp W/PoR 10Ckt Connector Housing; Gender:Female; Number of Contacts:11; Series:2695; Body Material:PA Polyamide (Nylon); Color:White; Connecting Termination:Crimp; Number of Rows:1; Pitch Spacing:2.54mm
|
Molex, Inc. MOLEX INC
|
120-964-435 |
DIN 41612 PCB Connector; Number of Contacts:64; Number of Rows:3; Pitch Spacing:0.1"; Mounting Type:PC Board Thru Hole; Body Style:Straight; Gender:Female 64 CONTACT(S), FEMALE, TWO PART EURO CONNECTOR, IDC
|
ITW Pancon
|
22-55-2321 22-55-2441 22-55-2241 |
Multipole Connector; Number of Contacts:32; Pitch Spacing:0.1"; Number of Rows:2; Body Material:Polyester, Glass-filled; Connecting Termination:Crimp; Gender:Female 32 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP CGrid SL Hsg Opt A DR NPolar 44Ckt Multipole Connector; Number of Contacts:24; Pitch Spacing:0.1"; Number of Rows:2; Body Material:Polyester, Glass-filled; Color:Black; Connecting Termination:Crimp; Gender:Female; Series:70450
|
Molex, Inc. MOLEX INC
|
|