PART |
Description |
Maker |
87633-1014 87633-1024 |
Pwr Conn Rcpt Vert PF .76AuLF 22Ckt 22 CONTACT(S), FEMALE, POWER CONNECTOR, PRESS FIT, RECEPTACLE Pwr Conn Rec Vert PF .76AuLF 28Ckt 28 CONTACT(S), FEMALE, POWER CONNECTOR, PRESS FIT, RECEPTACLE
|
Molex, Inc.
|
IMP809 IMP809JEUR-T IMP809LEUR-T IMP809MEUR-T IMP8 |
3-Pin Microcontroller Power Supply Supervisor 3引脚微控制器电源监控 093 Pwr Conn Rcpt Free Hng 2Ckt 3引脚微控制器电源监控
|
IMP[IMP, Inc] A1 PROs co., Ltd. IMP INC.
|
QFSS-078-01-H-D-A QFSS-052-01-H-D-A QFSS-026-01-H- |
CONN RCPT .635MM 156POS DUAL SMD 156 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET CONN RCPT .635MM 104POS DUAL SMD 104 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET CONN RCPT .635MM 52POS DUAL SMD 52 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET CONN RCPT .635MM 208POS DUAL SMD 208 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET
|
Samtec, Inc.
|
G53CS-DC9K G53AD-DC110 G53AD-DC110K G53AD-DC12 G53 |
CONN 52POS 2MM SOCKET STR PC SMD CONN 32POS 2MM SOCKET STR PC SMD BAG, SHIELDED, 75X125MM, PK100; Length / Height, external:125mm; Pack Quantity:100; Resistivity, surface inner:1000000Mohm/sq; Resistivity, surface outer:10000ohm/sq; Standard:MIL-PRF-81705 Type III, EIA 541, EIA 625, MILHDBK-263, RoHS Compliant: Yes CONN RCPT 30-POS 15X2 2MM ST CONN 34POS 2MM SOCKET R/A PC MT CONN 36POS 2MM SOCKET R/A PC MT 60=30X2 2MM FEM SOCKET PC-MNT CONN CONN 34POS 2MM SOCKET STR PC SMD CONN 32POS 2MM SOCKET VERT PC MT CONN 40POS 2MM SOCKET STR PC SMD RECTIFIER SBR DUAL 10A 100V 120A-ifsm 800mV-vf 0.2mA-ir ITO-220AB 50/TUBE CONN 4POS 2MM HEADER DL STR SMD 迷你型,重型接触载荷高达4000VA CONN 8POS 2MM HEADER DL STR SMD 迷你型,重型接触载荷高达4000VA Pin Header; No. of Contacts:8; No. of Rows:2; Gender:Male; Contact Plating:Gold; Contact Termination:Right Angle Through Hole; Current Rating:1.5A; Leaded Process Compatible:Yes; Mounting Type:Through Hole RoHS Compliant: Yes 迷你型,重型接触载荷高达4000VA CONN, 2P, 3A, HDR, STRT, 2MM, GOLD 迷你型,重型接触载荷高达4000VA HEADER 8POS 2ROW 2MM SMT MALE 迷你型,重型接触载荷高达4000VA Wire-To-Board Connector; No. of Contacts:50; Pitch Spacing:0.079"; No. of Rows:2; Mounting Type:PCB Straight Thru Hole; Gender:Female; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No 迷你型,重型接触载荷高达4000VA Wire-To-Board Connector; No. of Contacts:60; Pitch Spacing:0.079"; No. of Rows:2; Gender:Female; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes 迷你型,重型接触载荷高达4000VA CONN SKT BDM2MM 25 POS DLST028 迷你型,重型接触载荷高达4000VA Miniature Type, Heavy contact load up to 4000VA 迷你型,重型接触载荷高达4000VA CONN 50POS 2MM SOCKET R/A PC MT 迷你型,重型接触载荷高达4000VA CONN 60POS 2MM SOCKET STR PC SMD 迷你型,重型接触载荷高达4000VA Wire-To-Board Connector; No. of Contacts:44; Pitch Spacing:0.079"; No. of Rows:2; Gender:Female; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes 迷你型,重型接触载荷高达4000VA CONN 8POS 2MM HEADER DL STR T/H 迷你型,重型接触载荷高达4000VA CONN 60POS 2MM SOCKET VERT PC MT 迷你型,重型接触载荷高达4000VA CONN 34POS 2MM SOCKET VERT PC MT 迷你型,重型接触载荷高达4000VA
|
Global Components & Controls List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
87663-9001 |
Pwr Hdr RA 3P-24S-6P .76AuLF 33Ckt 33 CONTACT(S), MALE, POWER CONNECTOR, SOLDER
|
Molex, Inc.
|
552212-1 |
2.16 [.085] Printed Circuit Board Connectors; ASSY, RCPT, 14 POS, VERT MTG ( AMP )
|
Tyco Electronics
|
552235-1 |
2.16 [.085] Printed Circuit Board Connectors; ASSY, RCPT, 36 POS, VERT MTG ( AMP )
|
Tyco Electronics
|
22-01-1054 |
CONN RCPT HOUSING 5POS 2.5MM
|
Molex
|
54457-1251 |
CONN,RCPT, Z-PAK,5X25PSN,RTANG 125 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, PRESS FIT, RECEPTACLE
|
Molex, Inc.
|
QSH-060-01-L-D-A |
CONN RCPT HI-SPD .5MM 120POS DL 120 CONTACT(S), FEMALE, STRAIGHT BOARD STACKING CONNECTOR, SURFACE MOUNT, SOCKET
|
Samtec, Inc.
|
15-44-5876 15-44-5860 15-44-5870 15-44-6826 15-44- |
CGrid VT Rcpt 15 SAu 76Ckt 76 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE DUAL ROW VERTICAL PCB RECEPTACLE - 60 60 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE CGrid VT Rcpt 15 SAu 70Ckt 70 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE CGrid VT Rcpt Tin 26Ckt 26 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE CGrid VT Rcpt 30 SAu 4Ckt Header Connector,PCB Mnt,PLUG,20 Contacts,SKT,0.1 Pitch,PC TAIL Terminal RoHS Compliant: Yes 15445110 CGrid VT Rcpt 30 SAu 22Ckt CGrid VT Rcpt 30 SAu 14Ckt CGrid VT Rcpt 30 SAu 32Ckt CGrid VT Rcpt 15 SAu 48Ckt
|
Molex, Inc. MOLEX INC
|
|