Part Number Hot Search : 
TPQ5400 2SA1252 GRM155 8FE07 SAB9083H M13252DH 300N0 AN3404
Product Description
Full Text Search
  rec Datasheet PDF File

For rec Found Datasheets File :: 6491    Search Time::0.984ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    Vishay
Part No. rec-38L
OCR Text ...ransducers, conductive plastic (rec) features ? measurement range from 12.5mm to 150mm ? high accuracy 1% down to 0.1% ? long life ? essentially infinite resolution ? very small dimension: external diameter = 9.52mm electrical specifica...
Description Precision Linear Transducers, Conductive Plastic, Very Compact, Designed for Precise Measurement of Short Travels, High Accuracy, Long Life, Essentially Infinite Resolution

File Size 72.71K  /  2 Page

View it Online

Download Datasheet





    Vishay Intertechnology,Inc.
Part No. rec-115L 115L
OCR Text ...ransducers, conductive plastic (rec) features ? measurement range 25mm to 1000mm ? high accuracy 1% down to 0.025% ? excellent repeatability ? long life ? essentially infinite resolution ? not sensitive to temperature variations mechanic...
Description Precision Linear Transducers, Conductive Plastic (rec)
Precision Linear Transducers, Conductive Plastic, Simply Mounted, Robust, High Accuracy, Excellent Repeatability, Long Life, Essentially Infinite Resolution, Not Sensitive to Temperature Variations

File Size 85.37K  /  2 Page

View it Online

Download Datasheet

    Vishay
Part No. rec-34L rec-50L
OCR Text rec) FEATURES * Measurement Range 25mm to 450mm * High accuracy 1% down to 0.025% * Essentially infinite resolution * Long life * Sealed on request The 50 L and 34 L are compact, accurate and adaptable motion transducers for both indust...
Description Precision Linear Transducers, Conductive Plastic, Compact, High Accuracy, Essentially Infinite Resolution, Long Life, Sealed on Request

File Size 106.31K  /  3 Page

View it Online

Download Datasheet

    Vishay
Part No. rec-140L
OCR Text rec) FEATURES * Measurement Range 25 mm to 1000 mm * High Accuracy 1 % down to 0.025 % * Excellent Repeatability * Long Life * Essentially Infinite Resolution * Not Sensitive to Temperature Variations The 140 L is a robust, high preci...
Description Precision Linear Transducers, Conductive Plastic, Robust, Double Ball Joints, Designed for Simple, Self-Aligned Mounting, High Accuracy, Excellent Repeatability, Long Life, Essentially Infinite Resolution

File Size 87.45K  /  2 Page

View it Online

Download Datasheet

    Vishay
Part No. rec-139L
OCR Text ...ransducers, conductive plastic (rec) 139 l v ishay sfernice document number: 54015 revision 14-dec-01 www.vishay.com 38 for technical questions, contact sfer@vishay .com series rec model 139 number of tracks l l= 1 theoretical electrica...
Description Precision Linear Transducers, Conductive Plastic, Robust, Side Actuation, Ideally Suited for Applications with Very Long Travels, Long Life, High Accuracy, Excellent Repeatability, Essentially Infinite Resolution

File Size 84.13K  /  2 Page

View it Online

Download Datasheet

    Vishay
Part No. rec-14LH rec-16LH
OCR Text ...er, Conductive Plastic Element (rec) FEATURES * Large Range of Strokes from 25 to 2000 mm * High Accuracy * Very Good Repeatability * Continuous Resolution * Easy Mounting These unsealed sensors are suitable for installation in the high p...
Description Precision Linear Transducers, Designed for Mounting in Hydraulic or Pneumatic Cylinder, Conductive Plastic Element, Unsealed, Designed for High Pressure Chamber of Cylinders, High Accuracy, Very Good Repeatability

File Size 119.77K  /  2 Page

View it Online

Download Datasheet

    Vishay
Part No. rec-10LA
OCR Text ...er, Conductive Plastic Element (rec) FEATURES * Large Range of Strokes from 25 to 500 mm * High Accuracy * Very Good Repeatability * Continuous Resolution * Easy Mounting This sensor is to be installed in the high pressure chamber of smal...
Description Precision Linear Transducers, Designed for Mount in Hydraulic or Pneumatic Cylinder, Conductive Plastic Element, Designed for High Pressure Chamber of Small Cylinders, Equipped with Glass-Sealed Electrical Outputs

File Size 97.83K  /  2 Page

View it Online

Download Datasheet

    Vishay
Part No. rec-14LA rec-16LA
OCR Text ...er, Conductive Plastic Element (rec) FEATURES * Large Range of Strokes from 25 to 2000mm * High Accuracy * Very Good Repeatability * Continuous Resolution * Easy Mounting Those sensors are to be installed in the high pressure chamber of c...
Description Precision Linear Transducers, Designed for Mounting in Hydraulic or Pneumatic Cylinder, Conductive Plastic Element, Designed for High Pressure Chamber of Cylinders, Equipped with Glass-Sealed Electrical Outputs

File Size 129.16K  /  3 Page

View it Online

Download Datasheet

    NCV7341D20G

ON SEMICONDUCTOR
Part No. NCV7341D20G
OCR Text ...itance on ic outputs 15 pf t pd(rec ? dom) propagation delay txd to rxd see figure 6 90 230 ns t pd(dom ? rec) propagation delay txd to rxd see figure 6 90 245 ns t j junction temperature ? 40 150 c esd hbm esd level, human body model pins...
Description Improved High Speed, Low Power CAN Transceiver

File Size 214.55K  /  18 Page

View it Online

Download Datasheet

    Panasonic
Part No. NV-FJ604 NV-FJ610
OCR Text ... < EJECT CVC C D rec/OTR TIMER recA 6 6 5 5 [ \ ] M^ C 8G AV2 (DECODER/EXT) AV1 (TV) AUDIO OUT L RF IN AC IN~ SECTEUR~ R RF OUT _ O N VCR TV TV/TEXT a b cd X VC...
Description (NV-FJ604 - NV-FJ610) Video recoder

File Size 805.52K  /  34 Page

View it Online

Download Datasheet

For rec Found Datasheets File :: 6491    Search Time::0.984ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of rec

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.7944488525391