PART |
Description |
Maker |
M80-5L10642M5-03-313-00-000 |
Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews 5mm board mount, 6 x 3mm PC Tail signal contacts, 3 x 3mm PC Tail Coax contacts 9 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5T10642M2-00-000-03-331 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 3.5mm board mount, 6 x 3mm PC Tail signal contacts, 3 x 3.5mm PC Tail Power contacts 9 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
CMRA4835 CMRD4855 |
IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL089HD4.3 TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX Solid-State DIN Rail Mount Relay; Contacts:SPST-NO; Output Device:SCR; Output Voltage Max:530Vrms; Output Voltage Min:48Vrms; Control Voltage Max:32VDC; Control Voltage Min:4VDC; Load Current Max:55A; Switching:Zero Cross RoHS Compliant: Yes
|
Crydom, Inc. CRYDOM CORP
|
DF14-3030SCF DF14-3030SCFA DF14-3031SCF DF14-3031S |
8 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT Silver Mica Capacitor; Capacitance:43pF; Capacitance Tolerance: 5%; Series:MIN; Voltage Rating:300VDC; Capacitor Dielectric Material:Mica; Package/Case:Surface Mount (SMD, SMT); Termination:SMD; Leaded Process Compatible:No RoHS Compliant: No Single/Dual/Quad, 10MHz Single-Supply Op Amps 1.25mm Pitch Super Low profile Crimping Connector 1.25mm间距超低配置压着连接 7 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT 4 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT 5 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT
|
http:// HIROSE[Hirose Electric] Hirose Electric USA, INC. HIROSE ELECTRIC Co., Ltd.
|
M80-5T102M2-22-331 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 3.5mm board mount, 2 x 3mm PC Tail signal contacts, 4 x 3.5mm PC Tail Power contacts
|
HARWIN INC
|
43650-0813 43650-1214 43650-0410 43650-0414 43650- |
Header; No. of Contacts:8; Pitch Spacing:0.118"; No. of Rows:1; Series:Micro-Fit 3.0; Body Material:Liquid Crystal Polymer 8 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT MicroFit 3.0 SR RA SMT Nail 30Au 12Ckt 12 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT CONN HEADER 4POS R/A W/CLIP SMD 4 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT MicroFit 3.0 SR RA SMT Nail 30Au 4Ckt 4 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT Header; Number of Contacts:10; Pitch Spacing:0.118"; Number of Rows:1; Series:Micro-Fit 3.0; Body Material:Liquid Crystal Polymer Multipole Connector; Gender:Male; No. of Contacts:10; Series:43650; Body Material:Polyester; Connecting Termination:Crimp; Mounting Type:Wire-to-wire; No. of Rows:2; Operating Voltage:250V; Pitch Spacing:3mm RoHS Compliant: Yes
|
Molex, Inc. MOLEX INC
|
15FMCJ91A 15FMCJ 15FMCJ10 15FMCJ100 15FMCJ100A 15F |
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 143V(min), 158V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 108V(min), 132V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 90.0V(min), 110V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 99.0V(min), 121V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 117V(min), 143V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 171V(min), 189V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 237V(min), 263V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 332V(min), 368V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 198V(min), 242V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 162V(min), 198V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 124V(min), 137V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 225V(min), 275V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 285V(min), 315V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 270V(min), 330V(max). For bidirectional use C or CA suffix. 10 GIG OPTIMIZED FIBER PATCH LC/LC Fiber Optic Cable Assembly; Cable Length:49.2ft; Connector Type A:ST; Connector Type B:ST FO CERAMIC 62.5 PLENUM ST-ST CONNECTORS 10M FO CERAMIC 62.5 PLENUM ST-ST CONNECTORS 5M Fiber Optic Cable Assembly; Cable Length:32.8ft; Connector Type A:ST; Connector Type B:ST; Drop Ship:Yes Fiber Optic Cable Assembly; Cable Length:16.4ft; Connector Type A:ST; Connector Type B:ST; Drop Ship:Yes 10 GIG OPTIMIZED FIBER PATCH ST/ST SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 表面贴装瞬态电压抑制器 Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 152V(min), 168V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 380V(min), 420V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 153V(min), 187V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 180V(min), 220V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 190V(min), 210V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 360V(min), 440V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 162V(min), 179V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 144V(min), 176V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 114V(min), 126V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 105V(min), 116V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 315V(min), 385V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 95.0V(min), 105V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 135V(min), 165V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 209V(min), 231V(max). For bidirectional use C or CA suffix.
|
RECTRON[Rectron Semiconductor]
|
45985-8113 |
1.27mm (.050), 12.00mm (.472) Pitch, EXTreme LPHPower?/a> Header, Right Angle, 8 Power Contacts, 12 Signal Contacts, Select Gold (Au) Plating, for 1.57mm (.062) Thick PC Board
|
Molex Electronics Ltd.
|
0459856133 |
1.27mm (.050), 12.00mm (.472) Pitch, EXTreme LPHPower Header, Right Angle, 6Power Contacts, 20 Signal Contacts, Select Gold (Au) Plating, for 1.57mm (.062) Thick PC Board
|
Molex Electronics Ltd.
|
45985-8123 |
1.27mm (.050), 12.00mm (.472) Pitch, EXTreme LPHPower?/a> Header, Right Angle, 8 Power Contacts, 16 Signal Contacts, Select Gold (Au) Plating, for 1.57mm (.062) Thick PC Board
|
Molex Electronics Ltd.
|
0459856132 |
1.27mm (.050), 12.00mm (.472) Pitch, EXTreme LPHPower Header, Right Angle, 6 Power Contacts, 20 Signal Contacts, Select Gold (Au) Plating, for 2.36mm (.093) Thick PC Board
|
Molex Electronics Ltd.
|
|