PART |
Description |
Maker |
109D706X9015F2E3 109D706X9015F0E3 109D826X0075F2B |
CAP 70UF 15VDC 10% 7.52 X 17.86MM AXL PLASTIC - Trays CAP 70UF 15VDC 10% 7.14 X 16.26MM AXL PLASTIC - Trays AXIAL,WET TA,82UF,75V,20%,F CASE,EX-RNG,SLV'D - Bulk CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 60 V, 8.2 uF, THROUGH HOLE MOUNT, AXIAL LEADED CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 50 V, 60 uF, THROUGH HOLE MOUNT, AXIAL LEADED CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 30 V, 8 uF, THROUGH HOLE MOUNT, AXIAL LEADED, ROHS COMPLIANT CAP 25UF 8VDC 20% 5.16 X 13.08MM AXL PLASTIC - Trays CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 100 V, 2.5 uF, THROUGH HOLE MOUNT, AXIAL LEADED, ROHS COMPLIANT CAP 25UF 8VDC 20% 4.75 X 11.51MM AXL PLASTIC - Trays CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 100 V, 30 uF, THROUGH HOLE MOUNT, AXIAL LEADED, ROHS COMPLIANT CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 8 V, 430 uF, THROUGH HOLE MOUNT, AXIAL LEADED CAP 430UF 30VDC 20% 10.31 X 23.4MM AXL PLASTIC - Trays CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 125 V, 1.7 uF, THROUGH HOLE MOUNT, AXIAL LEADED, ROHS COMPLIANT CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 50 V, 4.5 uF, THROUGH HOLE MOUNT, AXIAL LEADED CAP 360UF 50VDC 20% 9.53 X 26.97MM AXL PLASTIC - Trays CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 60 V, 4 uF, THROUGH HOLE MOUNT, AXIAL LEADED, ROHS COMPLIANT CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 15 V, 70 uF, THROUGH HOLE MOUNT, AXIAL LEADED CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 15 V, 540 uF, THROUGH HOLE MOUNT, AXIAL LEADED, ROHS COMPLIANT CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 30 V, 40 uF, THROUGH HOLE MOUNT, AXIAL LEADED, ROHS COMPLIANT CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 125 V, 9 uF, THROUGH HOLE MOUNT, AXIAL LEADED CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 50 V, 60 uF, THROUGH HOLE MOUNT, AXIAL LEADED, ROHS COMPLIANT
|
Vishay Sprague
|
MAX6607 MAX6607IXK-T MAX6607-MAX6608 MAX6608 MAX66 |
Solid Tantalum Capacitor; Capacitor Type:Solid; Voltage Rating:20VDC; Capacitor Dielectric Material:Tantalum; Capacitance:18uF; Capacitance Tolerance: 10%; Lead Pitch:3.17mm; Leaded Process Compatible:No RoHS Compliant: No 低电压、模拟温度传感器,SC70及SOT23封装 Solid Tantalum Capacitor; Capacitor Type:Solid; Voltage Rating:6VDC; Capacitor Dielectric Material:Tantalum; Capacitance:180uF; Capacitance Tolerance: 10%; Lead Pitch:6.35mm; Leaded Process Compatible:No RoHS Compliant: No Low-Voltage Analog Temperature Sensors in SC70 and SOT23 Packages
|
温度/湿度传感 Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
TR3B227M0040700 TR3A335M020E4000 TR3A2260041500 TR |
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT?, Molded Case, Low ESR CAPACITOR, TANTALUM, SOLID, POLARIZED, 20 V, 3.3 uF, SURFACE MOUNT, 1206, CHIP CAPACITOR, TANTALUM, SOLID, POLARIZED, 6.3 V, 330 uF, SURFACE MOUNT, 2917, CHIP, ROHS COMPLIANT CAPACITOR, TANTALUM, SOLID, POLARIZED, 6.3 V, 47 uF, SURFACE MOUNT, 1206, CHIP, ROHS COMPLIANT CAPACITOR, TANTALUM, SOLID, POLARIZED, 35 V, 10 uF, SURFACE MOUNT, 2412, CHIP, ROHS COMPLIANT CAPACITOR, TANTALUM, SOLID, POLARIZED, 5 V, 1 uF, SURFACE MOUNT, 2412, CHIP
|
Vishay Siliconix Vishay Sprague
|
TC.068-20C0AE TC1.0-35C3AM TC1.5-15C2RM037 TC1.0-2 |
CAPACITOR, TANTALUM, SOLID, POLARIZED, 20 V, 0.068 uF, THROUGH HOLE MOUNT, AXIAL LEADED CAPACITOR, TANTALUM, SOLID, POLARIZED, 35 V, 1 uF, THROUGH HOLE MOUNT, AXIAL LEADED TC Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-polar CAPACITOR, TANTALUM, SOLID, POLARIZED, 20 V, 1 uF, THROUGH HOLE MOUNT, RADIAL LEADED CAPACITOR, TANTALUM, SOLID, NON-POLARIZED, 25 V, 1 uF, THROUGH HOLE MOUNT, RADIAL LEADED CAPACITOR, TANTALUM, SOLID, NON-POLARIZED, 25 V, 3.3 uF, THROUGH HOLE MOUNT, RADIAL LEADED Optocoupler DC-IN 4-CH Transistor DC-OUT 4-Pin Mini-Flat T/R Optocoupler DC-IN 1-CH Transistor DC-OUT 4-Pin Mini-Flat T/R CAPACITOR, TANTALUM, SOLID, NON-POLARIZED, 35 V, 3.3 uF, THROUGH HOLE MOUNT, RADIAL LEADED CAPACITOR, TANTALUM, SOLID, NON-POLARIZED, 15 V, 10 uF, THROUGH HOLE MOUNT, RADIAL LEADED CAPACITOR, TANTALUM, SOLID, POLARIZED, 20 V, 10 uF, THROUGH HOLE MOUNT, RADIAL LEADED CAPACITOR, TANTALUM, SOLID, POLARIZED, 2 V, 10 uF, THROUGH HOLE MOUNT, RADIAL LEADED CAPACITOR, TANTALUM, SOLID, NON-POLARIZED, 20 V, 4.7 uF, THROUGH HOLE MOUNT, AXIAL LEADED
|
Vishay Sprague
|
TPSA225M010R1800 TPSA225K016R1800 TPSD106M035R0125 |
CAP 2.2UF 200V 10V TANT SMD-3216-18 TR-7 LOWESR-1800 CAPACITOR, TANTALUM, SOLID, POLARIZED, 10 V, 2.2 uF, SURFACE MOUNT, 1206 CAP TANT LOESR 2.2UF 16V 10% SMD CAPACITOR, TANTALUM, SOLID, POLARIZED, 16 V, 2.2 uF, SURFACE MOUNT, 1206 CAP 10UF 100V 35V TANT SMD-7343-31 TR-7 LOWESR-125 CAPACITOR, TANTALUM, SOLID, POLARIZED, 35 V, 10 uF, SURFACE MOUNT, 2917 CAP 6.8UF 6.3V 20V TANT SMD-3528-21 TR-7 LOWESR-1000 CAPACITOR, TANTALUM, SOLID, POLARIZED, 20 V, 6.8 uF, SURFACE MOUNT, 1210 CAP 4.7UF 4V 16V TANT SMD-3528-21 TR-7 LOWESR-1500 CAPACITOR, TANTALUM, SOLID, POLARIZED, 16 V, 4.7 uF, SURFACE MOUNT, 1210 CAP 6.8UF 6.3V 16V TANT SMD-3528-21 TR-7 LOWESR-1200 CAPACITOR, TANTALUM, SOLID, POLARIZED, 16 V, 6.8 uF, SURFACE MOUNT, 1210
|
AVX, Corp.
|
B45196H1226K109 B45196H1226J209 B45198H B45198H122 |
CAPACITOR, TANTALUM, SOLID, POLARIZED, 4 V, 1000 uF, SURFACE MOUNT CHIP CAPACITOR, TANTALUM, SOLID, POLARIZED, 6.3 V, 1000 uF, SURFACE MOUNT CHIP CAPACITOR, TANTALUM, SOLID, POLARIZED, 4 V, 1500 uF, SURFACE MOUNT CHIP Tantalum Chip Capacitors HighCap
|
KEMET, Corp. EPCOS[EPCOS]
|
LP62S1024BU-55LLT LP62S1024BM-55LLT LP62S1024BM-70 |
SWITCH KEYLOCK DP3T 4A 45DEG 128K的8位低电压CMOS的SRAM Tantalum Capacitor; Capacitor Type:Solid; Voltage Rating:35VDC; Capacitor Dielectric Material:Tantalum; Capacitance:10uF; Capacitance Tolerance: /- 10%; Termination:Axial Leaded RoHS Compliant: Yes Round Illuminated pushbutton switch featuring threaded or snap in panel mount design 128K X 8 BIT LOW VOLTAGE CMOS SRAM
|
http:// AMIC Technology, Corp. AMIC Technology Corporation
|
TCKIV475DT |
4.7UF, 10%, 35V, TANTALUM CAP, TANT, 35V, 2917 CAPACITOR, TANTALUM, SOLID, POLARIZED, 35 V, 4.7 uF, SURFACE MOUNT, 2916
|
Cal-Chip Electronics
|
TLS757M010C1F TLS257J010C1C TLS257M010C1C TLS757J0 |
CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 10 V, 750 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 10 V, 250 uF, THROUGH HOLE MOUNT AXIAL LEADED
|
Vishay Intertechnology, Inc.
|
TLJT476M010R600 TLJA476M010R600 |
CAPACITOR, TANTALUM, SOLID, POLARIZED, 10 V, 47 uF, SURFACE MOUNT, 3528LM CHIP, LEAD FREE CAPACITOR, TANTALUM, SOLID, POLARIZED, 10 V, 47 uF, SURFACE MOUNT, 1206 CHIP, LEAD FREE
|
AVX, Corp.
|
B45196L047750 B45196L068620 B45196L068630 B45196L0 |
CAPACITOR, TANTALUM, SOLID, POLARIZED, 4 V, 1000 uF, SURFACE MOUNT, 2916 CHIP, ROHS COMPLIANT Tantalum Chip Capacitors Tantalum Chip Capacitors
|
爱普科斯(中国)投资有限公司 EPCOS http://
|
|