PART |
Description |
Maker |
L562/PCB/2.5A L562/PCB/4A L562/PCB/1A L562/PCB/100 |
FAST BLOW ELECTRIC FUSE, 2.5A, 150VAC, 150VDC, 35A (IR), INLINE/HOLDER FAST BLOW ELECTRIC FUSE, 4A, 60VAC, 60VDC, 40A (IR), INLINE/HOLDER FAST BLOW ELECTRIC FUSE, 1A, 150VAC, 200VDC, 35A (IR), INLINE/HOLDER FAST BLOW ELECTRIC FUSE, 0.1A, 250VAC, 900VDC, 35A (IR), INLINE/HOLDER
|
Dialight Europe, Ltd. DIALIGHT BLP COMPONENTS LTD
|
0332009.MXP 0332006.HXP 0322009.MXP 0322009.HXP 03 |
VERY FAST BLOW ELECTRIC FUSE, 9A, 250VAC, 125VDC, 100A (IR), INLINE/HOLDER ROHS COMPLIANT 322/332 Series Lead-free 3AB, Very Fast-acting Fuse VERY FAST BLOW ELECTRIC FUSE, 3A, 250VAC, 125VDC, 100A (IR), INLINE/HOLDER VERY FAST BLOW ELECTRIC FUSE, 7A, 250VAC, 125VDC, 100A (IR), INLINE/HOLDER
|
Synergy Microwave, Corp. Littelfuse
|
217080P 217.063P 217.040P 217.800P 217.500P 217.20 |
Available in Cartridge and Axial Lead Form FAST BLOW ELECTRIC FUSE, 0.05A, 250VAC, 35A (IR), INLINE/HOLDER FAST BLOW ELECTRIC FUSE, 0.063A, 250VAC, 35A (IR), INLINE/HOLDER FAST BLOW ELECTRIC FUSE, 0.032A, 250VAC, 35A (IR), INLINE/HOLDER 5 x 20 mm Fast-Acting Fuse
|
Littelfuse
|
MFU0603FF01250P100 MFU1206FF00500P100 MFU1206FF006 |
Electric Fuse, VERY FAST BLOW ELECTRIC FUSE, 1.25A, 32VDC, 50A (IR), SURFACE MOUNT, HALOGEN FREE AND ROHS COMPLIANT Electric Fuse, VERY FAST BLOW ELECTRIC FUSE, 0.5A, 63VDC, 50A (IR), SURFACE MOUNT, HALOGEN FREE AND ROHS COMPLIANT Electric Fuse, VERY FAST BLOW ELECTRIC FUSE, 0.63A, 63VDC, 50A (IR), SURFACE MOUNT, HALOGEN FREE AND ROHS COMPLIANT Electric Fuse, VERY FAST BLOW ELECTRIC FUSE, 0.75A, 63VDC, 50A (IR), SURFACE MOUNT, HALOGEN FREE AND ROHS COMPLIANT MFU Series Thin Film Chip Fuses Electric Fuse, VERY FAST BLOW ELECTRIC FUSE, 1.25A, 63VDC, 50A (IR), SURFACE MOUNT, HALOGEN FREE AND ROHS COMPLIANT Thin Film Chip Fuses
|
Vishay Beyschlag Vishay Siliconix
|
A15QS20-2 A15QS500-4IL A15QS150-4TI A15QS40-1 A15Q |
FAST BLOW ELECTRIC FUSE, 20A, 150VAC, 150VDC, 100000A (IR), INLINE/HOLDER FAST BLOW ELECTRIC FUSE, 500A, 150VAC, 150VDC, 100000A (IR), INLINE/HOLDER FAST BLOW ELECTRIC FUSE, 150A, 150VAC, 150VDC, 100000A (IR), INLINE/HOLDER FAST BLOW ELECTRIC FUSE, 40A, 150VAC, 150VDC, 100000A (IR), INLINE/HOLDER FAST BLOW ELECTRIC FUSE, 80A, 150VAC, 150VDC, 100000A (IR), INLINE/HOLDER
|
MERSEN
|
FCC32162ADB FCC16401ABTP FCC16631ABB FCC20631ADB F |
FAST BLOW ELECTRIC FUSE, 1.6A, 50VDC, 50A (IR), SURFACE MOUNT FAST BLOW ELECTRIC FUSE, 0.4A, 32VDC, 35A (IR), SURFACE MOUNT FAST BLOW ELECTRIC FUSE, 0.63A, 32VDC, 35A (IR), SURFACE MOUNT FAST BLOW ELECTRIC FUSE, 0.63A, 50VDC, 50A (IR), SURFACE MOUNT FAST BLOW ELECTRIC FUSE, 1A, 24VDC, 35A (IR), SURFACE MOUNT FAST BLOW ELECTRIC FUSE, 1.25A, 32VDC, 35A (IR), SURFACE MOUNT FAST BLOW ELECTRIC FUSE, 0.25A, 32VDC, 35A (IR), SURFACE MOUNT FAST BLOW ELECTRIC FUSE, 0.5A, 32VDC, 35A (IR), SURFACE MOUNT FAST BLOW ELECTRIC FUSE, 1.5A, 50VDC, 50A (IR), SURFACE MOUNT FAST BLOW ELECTRIC FUSE, 1.25A, 50VDC, 50A (IR), SURFACE MOUNT FAST BLOW ELECTRIC FUSE, 2.5A, 50VDC, 50A (IR), SURFACE MOUNT FAST BLOW ELECTRIC FUSE, 0.5A, 50VDC, 50A (IR), SURFACE MOUNT FAST BLOW ELECTRIC FUSE, 0.2A, 32VDC, 35A (IR), SURFACE MOUNT FAST BLOW ELECTRIC FUSE, 2A, 32VDC, 35A (IR), SURFACE MOUNT FAST BLOW ELECTRIC FUSE, 0.5A, 24VDC, 35A (IR), SURFACE MOUNT
|
|
PCF12-S PCF15-H |
FAST BLOW ELECTRIC FUSE, 12A, 600VAC, 500VDC, 100000A (IR), SURFACE MOUNT FAST BLOW ELECTRIC FUSE, 15A, 600VAC, 500VDC, 100000A (IR), THROUGH HOLE
|
MERSEN
|
3AG1 3AP1 3AG2.5 3AP300 3AG300 3AP375 AP750 |
Fuses, 1A 250V FAST GLASS FAST BLOW ELECTRIC FUSE, 1A, 125VAC, 10000A (IR), INLINE/HOLDER Fuses, 1A 250V FAST GLASS FAST BLOW ELECTRIC FUSE, 1A, 125VAC, 10000A (IR), THROUGH HOLE Fuses, 2.5A 250V FAST GLASS FAST BLOW ELECTRIC FUSE, 2.5A, 125VAC, 10000A (IR), INLINE/HOLDER Fuses, 300mA 250V FAST GLASS FAST BLOW ELECTRIC FUSE, 0.3A, 125VAC, 10000A (IR), THROUGH HOLE Fuses, 300mA 250V FAST GLASS FAST BLOW ELECTRIC FUSE, 0.3A, 125VAC, 10000A (IR), INLINE/HOLDER Fuses, 375mA 250V FAST GLASS FAST BLOW ELECTRIC FUSE, 0.375A, 125VAC, 10000A (IR), THROUGH HOLE Fuses, 750mA 250V FAST GLASS
|
Bel Fuse, Inc. BEL FUSE INC
|
3AB3-R 3ABP1.6-R 3AB375-R |
Fuses, RoHS 3A 250V CERAMIC FAST BLOW ELECTRIC FUSE, 3A, 250VAC, 100A (IR), INLINE/HOLDER Fuses, RoHS 1.6A 250V CERAMIC LEAD FAST BLOW ELECTRIC FUSE, 1.6A, 250VAC, 100A (IR), THROUGH HOLE Fuses, RoHS 375mA 250V CERAMIC FAST BLOW ELECTRIC FUSE, 0.375A, 250VAC, 35A (IR), INLINE/HOLDER
|
Bel Fuse, Inc.
|
CCL30-60A CCK140-200A CCK225-300A CCK35-60A CBO060 |
Fork-Lift and Stud-Mounted Fuses 32 - 130 Volts DC Fast Acting and Time-Delay TIME DELAY BLOW ELECTRIC FUSE, 20A, 130VDC, INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 200A, 72VDC, INLINE/HOLDER
|
Littelfuse
|
225.125P 225.250P 225.100P 225.750P 225006P 225.50 |
225.100P FAST BLOW ELECTRIC FUSE, 6A, 125VAC, 500A (IR), INLINE/HOLDER FAST BLOW ELECTRIC FUSE, 0.25A, 250VAC, 35A (IR), INLINE/HOLDER 225.100P
|
Littelfuse
|
|