Part Number Hot Search : 
AM29F TA1634A TC74AC 390502 BD4852 MP2490DS B200C TC4028BF
Product Description
Full Text Search
  0.2a Datasheet PDF File

For 0.2a Found Datasheets File :: 42866    Search Time::1.86ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    0930-0-15-20-75-14-11-0 0932-0-15-20-77-14-11-0 0914-0-15-20-77-14-11-0 0901-0-00-00-00-00-11-0 0906-0-15-20-76-14-11-0

Mill-Max Mfg. Corp.
Part No. 0930-0-15-20-75-14-11-0 0932-0-15-20-77-14-11-0 0914-0-15-20-77-14-11-0 0901-0-00-00-00-00-11-0 0906-0-15-20-76-14-11-0 0922-0-15-20-75-14-11-0 0929-0-15-20-75-14-11-0 0908-0-15-20-75-14-11-0 0908-1-15-20-75-14-11-0 0908-2-15-20-75-14-11-0 0908-3-15-20-75-14-11-0 0908-4-15-20-75-14-11-0 0908-5-15-20-75-14-11-0 0908-6-15-20-75-14-11-0 0908-7-15-20-75-14-11-0 0908-8-15-20-75-14-11-0 0908-9-15-20-75-14-11-0 0906-1-15-20-75-14-11-0 0906-2-15-20-75-14-11-0 0906-3-15-20-75-14-11-0 0906-4-15-20-75-14-11-0 0980-0-15-20-75-14-11-0
OCR Text 0 .0195 .039 0906-14 Basic Part Number Length A 0930 0906-1 0906-2 0906-3 0906-4 .177 .197 .217 .236 0906-0-15-20-76-14-11-0 S...2A continuous, 3A peak CONTACT RESISTANCE: 20 m max. SPRING NUMBER Mid. STROKE Max. STROKE FORCE @ M...
Description SPRING-LOADED CONNECTORS Discrete Spring-Loaded Contacts

File Size 396.85K  /  1 Page

View it Online

Download Datasheet





    0933-0-15-20-75-14-11-0 0962-0-15-20-75-14-11-0 0950-0-15-20-71-14-11-0 0951-0-15-20-71-14-11-0

Mill-Max Mfg. Corp.
Part No. 0933-0-15-20-75-14-11-0 0962-0-15-20-75-14-11-0 0950-0-15-20-71-14-11-0 0951-0-15-20-71-14-11-0
OCR Text ... HOLE .035 DIA. HOLE 0950-0-15-20-71-14-11-0 Standard Stroke Solder Mount in .018 min. mounting hole 0951-0-15-20-71-14-11-0 Stan...2A continuous, 3A peak CONTACT RESISTANCE: 20 m max. SPRING NUMBER Mid. STROKE Max. STROKE FORCE @ M...
Description SPRING-LOADED CONNECTORS Discrete Spring-Loaded Contacts

File Size 215.03K  /  1 Page

View it Online

Download Datasheet

    0-1462035-1

Tyco Electronics
Part No. 0-1462035-1
OCR Text ...ringing) Slim line 15 x 7.5 mm, 0.59 x 0.295 inch Switching current 2 A 2 changeover contacts (2 form C / DPDT) Bifurcated contacts High sen...2A 2A 2A 2A 220 Vdc 220 Vdc 250 Vac 250 Vdc 60 W, 62.5 VA 60 W, 62.5 VA < 10 mV 100 mV < 70 mW min. ...
Description The Best Relaytion

File Size 497.97K  /  10 Page

View it Online

Download Datasheet

    2-1393817-0 2-1393817-1 2-1393817-2

Tyco Electronics
Part No. 2-1393817-0 2-1393817-1 2-1393817-2
OCR Text ... 250vac rated current 2a 0.2a 2a 0.2a 5a limiting continuous current at max. ambient temperature 2a 2a 2a 2a 5a breaking capacity 35 to 70w 5w, 5va 35 to 70w 5w, 5va 50 to 140w see dc load breaking ca...
Description Cradle P Relay V23003

File Size 1,426.73K  /  5 Page

View it Online

Download Datasheet

    Total Power Internation...
TOTAL-POWER[Total Power International]
Part No. TPES10B-30004-0-1 TPES10 TPES10-03310-A-1 TPES10-03325-0-1 TPES10-03420-0-3 TPES10-05010-B-3 TPES10-05020-0-5 TPES10-05209-C-5 TPES10-06008-D-6 TPES10-06016-0-6 TPES10-06020-0-0 TPES10-06020-0-1 TPES10-07014-0-7 TPES10-08511-0-8 TPES10-09007-E-7 TPES10-09010-0-A TPES10-10010-0-B TPES10-12006-F-A TPES10-12010-0-0 TPES10-12010-0-C TPES10-13505-G-B TPES10-13808-0-D TPES10-15004-H-C TPES10-15008-0-E TPES10-16007-0-F TPES10-18004-I-E TPES10-18006-0-G TPES10-20004-J-G TPES10-24005-0-2 TPES10B-03320-0-1 TPES10B-05020-0-1 TPES10B-06316-0-1 TPES10B-07014-0-1 TPES10B-09510-0-1 TPES10B-12010-0-1 TPES10B-15008-0-1 TPES10B-18006-0-1 TPES10B-24005-0-1
OCR Text ...rmister. Input Current: Typical 0.3A@115Vac/0.10A@230Vac. Dielectric Withstand: Meet IEC950. EMI: Meet EN55022 / FCC Class B. Hold-up Time: ...2A, 8.5-8.9V/1.1A, 9.0-12V/1.0A. Special: 6.0-6.5V/2.0A 12.1-13.3V/0.9A, 13.4-15.0V/0.8A, 15.1-17.1V...
Description UNIVERSAL INPUT AC TO DC EXTERNAL WALLMOUNT & DESKTOP ADAPTORS SINGLE & DUAL OUTPUT 10-12 WATTS SWITCHING POWER SUPPLIES TPES10 & TPES10B SERIES

File Size 489.61K  /  4 Page

View it Online

Download Datasheet

    HES10-03325-0-1 HES10B-24005-0-1 HES10-24005-0-2 HES10-08511-0-8 HES10-03310-A-1 HES10-03420-0-3 HES10-05010-B-3 HES10-0

HITRON ELECTRONICS CORPORTION
Part No. HES10-03325-0-1 HES10B-24005-0-1 HES10-24005-0-2 HES10-08511-0-8 HES10-03310-A-1 HES10-03420-0-3 HES10-05010-B-3 HES10-05020-0-5 HES10-05209-C-5 HES10-06008-D-6 HES10-06016-0-6 HES10-06020-0-0 HES10-06020-0-1 HES10-09007-E-7 HES10-09010-0-A HES10B-07014-0-1 HES10B-30004-0-1 HES10-18004-I-E HES10B-06316-0-1 HES10B-18006-0-1 HES10-18006-0-G HES10-13505-G-B HES10-12010-0-0 HES10-12010-0-C HES10-13808-0-D HES10-12006-F-A HES10B-03320-0-1 HES10B-15008-0-1 HES10 HES10-10010-0-B HES10-15004-H-C HES10-15008-0-E HES10-16007-0-F HES10-20004-J-G HES10B-12010-0-1 HES10B-09510-0-1 HES10B-05020-0-1 HES10-07014-0-7
OCR Text ...ding thermister. Input Current: 0.3A@115Vac/0.10A@230Vac typical. Dielectric Withstand: Meet IEC60950. EMI: Meet EN55022 / FCC Class B. Hold...2A, 8.5-8.9V/1.1A, 9.0-12V/1.0A. Special: 6.0-6.5V/2.0A 12.1-13.3V/0.9A, 13.4-15.0V/0.8A, 15.1-17.1V...
Description AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER UNIVERSAL OR USA INPUT SINGLE & DUAL OUTPUT 10-12 WATTS SWITCHING POWER SUPPLIES

File Size 352.46K  /  4 Page

View it Online

Download Datasheet

    3-1462039-0 7-1462039-0 6-1462039-0 2-1462038-0 1-1462038-0 1462037-9 1462038-2 1462037-1 1462037-4 1462038-1 1462038-3

Tyco Electronics
Part No. 3-1462039-0 7-1462039-0 6-1462039-0 2-1462038-0 1-1462038-0 1462037-9 1462038-2 1462037-1 1462037-4 1462038-1 1462038-3 1462038-4 5-1462037-2 5-1462037-1 1462039-2 1462039-3
OCR Text ...e at contact application 0 (30mv/10ma) min. 2.5x10 6 operations cable load open end min. 2.0x10 6 operations res...2a - 60w min. 1x10 5 operations ul contact rating 30vdc, 2a, 60w, no only 110vdc, 0....
Description IM Relay
   IM Relay

File Size 2,638.22K  /  6 Page

View it Online

Download Datasheet

For 0.2a Found Datasheets File :: 42866    Search Time::1.86ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 0.2a

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.662614107132