PART |
Description |
Maker |
TRF7565ALLT TRF2716AMLB TRF7765ALLB TRF5736AALT TR |
FIBER OPTIC TRANSCEIVER, 1480-1580nm, 622Mbps(Tx), 622Mbps(Rx), SURFACE MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 770-860nm, 1250Mbps(Tx), 1250Mbps(Rx), SURFACE MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1530-1580nm, 1250Mbps(Tx), 1250Mbps(Rx), SURFACE MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1270-1355nm, 1250Mbps(Tx), 1250Mbps(Rx), SURFACE MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1263-1360nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1500-1580nm, 2500Mbps(Tx), 2500Mbps(Rx), SURFACE MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1266-1360nm, 2500Mbps(Tx), 2500Mbps(Rx), SURFACE MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1260-1360nm, 2500Mbps(Tx), 2500Mbps(Rx), SURFACE MOUNT, LC CONNECTOR
|
OPNEXT INC
|
SPC-03-LR-49TNA SPC-03-LR-53TDA SPC-03-LR-55TDA SP |
FIBER OPTIC TRANSCEIVER, 1485-1498nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1505-1518nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1545-1518nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1465-1478nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1565-1578nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1605-1618nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1585-1598nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT ROHS COMPLIANT PACKAGE
|
SPC Technology
|
B-13-15-622-TPM-SSC-60 B-13-15-622-TPM3-SSC-60 B-1 |
FIBER OPTIC TRANSCEIVER, 1260-1360nm, 622Mbps(Tx), 622Mbps(Rx), THROUGH HOLE MOUNT, ST CONNECTOR FIBER OPTIC TRANSCEIVER, 1260-1360nm, 622Mbps(Tx), 622Mbps(Rx), THROUGH HOLE MOUNT, FC CONNECTOR ROHS COMPLIANT PACKAGE-9 622 Mbps Bi-directional Single Fiber Transceiver
|
HIROSE ELECTRIC Co., Ltd. Source Photonics, Inc.
|
OAT1523S-OLT-B |
FIBER OPTIC TRANSCEIVER FIBER OPTIC TRANSCEIVER, 1480-1500nm, 155.52Mbps(Tx), 155.52Mbps(Rx), THROUGH HOLE MOUNT
|
OKI ELECTRIC INDUSTRY CO LTD
|
C-141-1250-TDFB-SSC2 C-141-1250C-TDFB-SSC2 C-159-1 |
1.25 Gbps CWDM Single Mode Transceiver(5V) FIBER OPTIC TRANSCEIVER, 1265-1278nm, 1250Mbps(Tx), 1250Mbps(Rx), THROUGH HOLE MOUNT, SC CONNECTOR FIBER OPTIC TRANSCEIVER, 1545-1558nm, 1250Mbps(Tx), 1250Mbps(Rx), THROUGH HOLE MOUNT, SC CONNECTOR
|
Source Photonics, Inc.
|
AFCT-5815BZ-15 AFCT-5815XZ |
nSingle Mode Fiber Optic Transceiver for ATM 155 Mb/s Single Mode Fiber Optic Transceiver for ATM
|
AVAGO TECHNOLOGIES LIMI...
|
FWLF1634RL32 FWLF1634RL33 FWLF1634RL26 |
FIBER OPTIC TRANSCEIVER, 1527-1577nm, 4250Mbps(Tx), 4250Mbps(Rx), SURFACE MOUNT, SFP CONNECTOR FIBER OPTIC TRANSCEIVER, 1526-1576nm, 4250Mbps(Tx), 4250Mbps(Rx), SURFACE MOUNT, SFP CONNECTOR FIBER OPTIC TRANSCEIVER, 1532-1582nm, 4250Mbps(Tx), 4250Mbps(Rx), SURFACE MOUNT, SFP CONNECTOR
|
|
HFBR-53A3VFM HFBR-53A3VEM |
HFBR-53A3VFM · 1 x 9 3.3V Fiber Optic Transceiver for Fibre Channel/Storage - Flush Shield, Metalized Housing HFBR-53A3VEM · 1 x 9 3.3V Fiber Optic Transceiver for Fibre Channel/Storage - Extended Shield, Metalized Housing 3.3 V 1 x 9 Fiber Optic Transceivers for Fibre Channel for Fibre Channel
|
Agilent (Hewlett-Packard)
|
V23826-K15-C13 V23826-K15-C313 V23826-K15-C353 V23 |
FIBER OPTIC TRANSCEIVER SM 1.0625 GBd FC Transceiver
|
INFINEON TECHNOLOGIES AG
|
HFBR-2505C HFBR-1505A HFBR-2505A HFBR-1505C HFBR-1 |
HFBR-2515B · Fiber Optic Receiver for PROFIBUS Applications HFBR-1515B · Fiber Optic Transmitter for PROFIBUS Applications HFBR-0539 · Evaluation Kit designed for PROFIBUS applications that operate up to 12MBd HFBR-2505A · Fiber Optic Receiver for SERCOS Applications HFBR-1505A · Fiber Optic Transmitter for SERCOS Applications HFBR-0540 · Evaluation Kit designed for SERCOS applications that operate up to 10MBd HFBR-2505C · Fiber Optic Receiver for INTERBUS-S Applications HFBR-1505C · Fiber Optic Transmitter for INTERBUS-S Applications HFBR-0538 · Evaluation Kit designed for INTERBUS-S applications that operate at 500kB and 2MBd Fiber Optic Transmitters and Receivers for SERCOS, PROFIBUS and INTERBUS-S Applications Fiber Optic Receiver for INTERBUS-S Applications Fiber Optic Transmitter for INTERBUS-S Applications Evaluation Kit designed for PROFIBUS applications that operate up to 12MBd 评估板用于PROFIBUS的应用而设计,经营2MBd Fiber Optic Transmitter for INTERBUS-S Applications 光纤变送器的INTERBUS - S应用
|
http:// Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)] Coilcraft, Inc. Avago Technologies, Ltd.
|
|