PART |
Description |
Maker |
C-141-1250AC-FDFB-SLC2 C-141-1250AC-FDFB-SLC2-G5 C |
1.25 Gbps Single Mode SFF LC Transceiver FIBER OPTIC TRANSCEIVER, 1585-1598nm, 1250Mbps(Tx), 1250Mbps(Rx), BOARD/PANEL MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1485-1498nm, 1250Mbps(Tx), 1250Mbps(Rx), BOARD/PANEL MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1385-1398nm, 1250Mbps(Tx), 1250Mbps(Rx), BOARD/PANEL MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1445-1458nm, 1250Mbps(Tx), 1250Mbps(Rx), BOARD/PANEL MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1265-1278nm, 1250Mbps(Tx), 1250Mbps(Rx), BOARD/PANEL MOUNT, LC CONNECTOR
|
Source Photonics, Inc.
|
SPC-48-LR-39CNA SPC-48-LR-61CDA SPC-48-LR-43CNA SP |
FIBER OPTIC TRANSCEIVER, 1200-1625nm, 2488Mbps(Tx), 2488Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1404-1417nm, 2488Mbps(Tx), 2488Mbps(Rx) OC-48 LR/STM-16 L-16.2 CWDM SFP Transceiver
|
Source Photonics, Inc.
|
SP-48-LR2-RNA SP-48-LR2-CDA SP-48-LR2-CNA SP-48-LR |
FIBER OPTIC TRANSCEIVER, 1500-1580nm, 2488.32Mbps(Tx), 2488.32Mbps(Rx), PANEL MOUNT OC-48 LR-1/STM16 L-16.2 SFP Transceiver
|
Source Photonics, Inc.
|
B-13-155-T-SST3G5 B-13-155-T3-SST3G5 B-13-155C-T-S |
FIBER OPTIC TRANSCEIVER, 1260-1360nm, 155Mbps(Tx), 155Mbps(Rx), THROUGH HOLE MOUNT, FC CONNECTOR FIBER OPTIC TRANSCEIVER, 1480-1600nm, 155Mbps(Tx), 155Mbps(Rx), THROUGH HOLE MOUNT, FC CONNECTOR FIBER OPTIC TRANSCEIVER, 1480-1600nm, 155Mbps(Tx), 155Mbps(Rx), THROUGH HOLE MOUNT, ST CONNECTOR FIBER OPTIC TRANSCEIVER, 1260-1360nm, 155Mbps(Tx), 155Mbps(Rx), THROUGH HOLE MOUNT, ST CONNECTOR FIBER OPTIC TRANSCEIVER, 1480-1600nm, 155Mbps(Tx), 155Mbps(Rx), THROUGH HOLE MOUNT, SC CONNECTOR FIBER OPTIC TRANSCEIVER, 1260-1360nm, 155Mbps(Tx), 155Mbps(Rx), THROUGH HOLE MOUNT, SC CONNECTOR 155 Mbps Bi-directional Receptacle Single Fiber Transceiver
|
Source Photonics, Inc.
|
B-13-15-622-TPM-SSC-60 B-13-15-622-TPM3-SSC-60 B-1 |
FIBER OPTIC TRANSCEIVER, 1260-1360nm, 622Mbps(Tx), 622Mbps(Rx), THROUGH HOLE MOUNT, ST CONNECTOR FIBER OPTIC TRANSCEIVER, 1260-1360nm, 622Mbps(Tx), 622Mbps(Rx), THROUGH HOLE MOUNT, FC CONNECTOR ROHS COMPLIANT PACKAGE-9 622 Mbps Bi-directional Single Fiber Transceiver
|
HIROSE ELECTRIC Co., Ltd. Source Photonics, Inc.
|
B-15-13-155-T-SFC7-G5 B-15-13-155-T3-SFC7-G5 B-15- |
FIBER OPTIC TRANSCEIVER, 1260-1360nm, 155Mbps(Tx), 155Mbps(Rx), THROUGH HOLE MOUNT, FC CONNECTOR FIBER OPTIC TRANSCEIVER, 1260-1360nm, 155Mbps(Tx), 155Mbps(Rx), THROUGH HOLE MOUNT, SC CONNECTOR 155 Mbps Bi-directional Receptacle Single Fiber Transceiver FIBER OPTIC TRANSCEIVER, 1260-1360nm, 155Mbps(Tx), 155Mbps(Rx), THROUGH HOLE MOUNT, ST CONNECTOR
|
http:// Source Photonics, Inc.
|
FWLF1634RL32 FWLF1634RL33 FWLF1634RL26 |
FIBER OPTIC TRANSCEIVER, 1527-1577nm, 4250Mbps(Tx), 4250Mbps(Rx), SURFACE MOUNT, SFP CONNECTOR FIBER OPTIC TRANSCEIVER, 1526-1576nm, 4250Mbps(Tx), 4250Mbps(Rx), SURFACE MOUNT, SFP CONNECTOR FIBER OPTIC TRANSCEIVER, 1532-1582nm, 4250Mbps(Tx), 4250Mbps(Rx), SURFACE MOUNT, SFP CONNECTOR
|
|
B-13-155-TPM-S B-15-155-TPM-S B-13/15-155-TPM-SMU3 |
155 Mbps Bi-directional Single Fiber Transceiver FIBER OPTIC TRANSCEIVER, 1261-1360nm, 155Mbps(Tx), 155Mbps(Rx), THROUGH HOLE MOUNT, MU CONNECTOR
|
Source Photonics, Inc.
|
B-13-15-1250-T-SSC2A B-13-15-1250-T3-SSC2A B-13-15 |
1.25 Gbps Bi-directional Receptacle Single Fiber Transceiver FIBER OPTIC TRANSCEIVER, 1260-1360nm, 155Mbps(Tx), 155Mbps(Rx), THROUGH HOLE MOUNT, SC CONNECTOR
|
Source Photonics, Inc.
|
SCP69N4-GL-YN-41 SCP6EN4-GL-BN-61 |
FIBER OPTIC TRANSCEIVER, 1405-1418nm, 1250Mbps(Tx), 1250Mbps(Rx), SURFACE MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1605-1618nm, 1250Mbps(Tx), 1250Mbps(Rx), SURFACE MOUNT, LC CONNECTOR
|
Omron Electronics, LLC
|
OD-BP1511-23LL4 OD-BP1511-25LL4 OD-BP1511-23ML4 OD |
FIBER OPTIC TRANSCEIVER, 1260-1360nm, 156Mbps(Tx), 156Mbps(Rx), LC CONNECTOR ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1480-1580nm, 156Mbps(Tx), 156Mbps(Rx), LC CONNECTOR ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1260-1360nm, 156Mbps(Tx), 156Mbps(Rx), SC CONNECTOR ROHS COMPLIANT PACKAGE
|
HIROSE ELECTRIC Co., Ltd.
|
V23826-C18-C366-D3 V23826-C18-C63-D3 |
FIBER OPTIC TRANSCEIVER
|
INFINEON TECHNOLOGIES AG
|
|