PART |
Description |
Maker |
M80-4C10605F1-03-327-03-327 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, 6 x Small bore signal contacts, 6 x 16 AWG Power contacts 12 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
M80-4C10405F1-02-325-00-000 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, 4 x Small bore signal contacts, 2 x 12 AWG Power contacts 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
M80-4D10405F2-02-327-00-000 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hex Socket jackscrews, 4 x Large bore signal contacts, 2 x 16 AWG Power contacts 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
M80-4C11642F1-06-305-00-000 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, 16 x Small bore signal contacts, 3 x 2mm Crimp Coax contacts 22 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
M80-4D11405F2-04-325-02-325 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hex Socket jackscrews, 14 x Large bore signal contacts, 6 x 12 AWG Power contacts
|
HARWIN INC
|
50-84-2122 50-84-2020 50-84-2061 50-84-2091 |
MLX CAP 12CKT WHITE 94V0 4202212C 12 CONTACT(S), MALE AND FEMALE, POWER CONNECTOR, CRIMP, RECEPTACLE Header Connector,Cable Mnt,PLG/RCP,2 Contacts,PIN/SKT,0.25 Pitch,CRIMP Terminal,POLARIZED LCK RoHS Compliant: Yes 2 CONTACT(S), MALE AND FEMALE, POWER CONNECTOR, CRIMP, RECEPTACLE Header; No. of Contacts:6; Pitch Spacing:0.25"; No. of Rows:1; Gender:Female; Series:MLX; Body Material:Nylon 6/6 6 CONTACT(S), MALE AND FEMALE, POWER CONNECTOR, CRIMP, RECEPTACLE 9 CONTACT(S), MALE AND FEMALE, POWER CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc. MOLEX INC
|
M80-4T100F1-66-321 |
Datamate 2-Row Mix-Tek Female Vertical PC Tail Connector, Hexagonal jackscrews, no signal contacts, 12 x 3.5mm PC Tail Power contacts
|
HARWIN INC
|
70ADJ-6-FL0G 70ADJ-5-FL1G 70ADJ-2-FL1G 70ADJ-4-FL0 |
Modular Contacts 6 Position Female SMD PCB CONNECTOR Modular Contacts 5 Position Female SMD PCB CONNECTOR Modular Contacts 2 Position Female SMD PCB CONNECTOR Modular Contacts 4 Position Female SMD
|
Bourns, Inc. BOURNS INC
|
UTL6122G21W5S |
FEMALE PLUG SIZE 12 LAYOUT 8 CONTACTS
|
List of Unclassifed Man...
|
43645-0700 43645-1200 43645-0900 43645-1000 |
Multipole Connector; Gender:Female; Number of Contacts:7; Series:Micro-Fit 3.0; Body Material:Polyester; Number of Rows:1 7 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Multipole Connector; Gender:Female; No. of Contacts:12; Series:Micro-Fit 3.0; Body Material:Polyester; No. of Rows:1 RoHS Compliant: Yes 12 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Multipole Connector; Gender:Female; No. of Contacts:9; Series:Micro-Fit 3.0; Body Material:Polyester; No. of Rows:1 9 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Multipole Connector; Gender:Female; No. of Contacts:10; Series:Micro-Fit 3.0; Body Material:Polyester; No. of Rows:1 RoHS Compliant: Yes 10 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc.
|
51065-1300 51065-1000 |
2MM 13CKT RECEPTACLE HOUS 13 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Multipole Connector; Gender:Female; No. of Contacts:10; Series:50165; Body Material:PBT Polyester; No. of Rows:1; Pitch Spacing:0.079" RoHS Compliant: Yes 10 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc.
|
|