PART |
Description |
Maker |
NJG1553BF NJG1553BF-C1 NJG1553BF-C2 NJG1553BF-C3 N |
1.9ghZ band mixer gAaS mmic DIODE TVS 600W SMB GaAs MMIC Mixer IC With Built-in Local Amplifier for 1.9GHz PCS Applications(用于1.9GHz频带PCS型蜂巢电话的砷化镓单片微波集成电路混频器(内置本机放大) TVS UNIDIRECT 1500W 11V SMC TVS BIDIRECT 1500W 110V SMC TVS UNIDIRECT 1500W 100V SMC TVS UNIDIRECT 10V 1500W SMC TVS ZENER BIDIRECT 1500W 10V SMC TVS ZENER BIDIRECT 600W 90V SMB TVS UNIDIRECT 1500W 110V SMC
|
http:// NJRC[New Japan Radio] New Japan Radio Co., Ltd.
|
CSR33B563MA T110D105K050MSC T110D105M050MSC CSR13B |
LCD GRAPHIC MODULE 240X128 PIXEL TVS UNIDIRECT 14V 400W SMA INTELLIGENT DISP 4CHAR 5X5 HER TANTALUM HERMETICALLY SEALED / AXIAL 钽密轴流 Connector assemblies, Outlet 钽密轴流 DISPLAY 7SEG 14.3MM 2DGT RED CA 钽密轴流 RF/Coaxial Connector; RF Coax Type:MMCX; Contact Termination:Crimp; Body Style:Right Angle Plug; RG Cable Type:316DB RoHS Compliant: Yes 钽密轴流 CABLE ASSEMBLY; C MALE TO C MALE; 50 OHM, RG400/U COAX, DOUBLE SHIELDED; 12" CABLE LENGTH 钽密轴流 PHASEO POWER SUPPLY 5VDC 4AMP 钽密轴流 TVS ZENER UNIDIRECT 400W 12V SMA 钽密轴流 TVS 400W 15V BIDIRECT SMA 钽密轴流
|
Kemet Corporation http://
|
CD214B-T6.5CALF CD214B-T6.5ALF CD214A-T6.5ALF CD21 |
TVS Bidirect Diode 400 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA TVS Unidirect Diode 400 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA TVS Unidirect Diode 400 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AC TVS Bidirect Diode 400 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AC TVS Unidirect Diode 400 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB TVS Diode; Diode Type:Bidirectional TVS; Stand-Off Voltage, VRWM:24V; Breakdown Voltage, Vbr:26.7V; Package/Case:DO-214AA; Leaded Process Compatible:Yes; No. of Lines Protected Max:1; Peak Pulse Power PPK @ 10x1000uS:600W RoHS Compliant: Yes TVS Diode; Diode Type:Bidirectional TVS; Stand-Off Voltage, VRWM:24V; Breakdown Voltage, Vbr:26.7V; Package/Case:DO-214AC; Leaded Process Compatible:Yes; No. of Lines Protected Max:1; Peak Pulse Power PPK @ 10x1000uS:400W RoHS Compliant: Yes TVS Diode; Diode Type:Bidirectional TVS; Stand-Off Voltage, VRWM:100V; Breakdown Voltage, Vbr:111V; Package/Case:DO-214AC; Leaded Process Compatible:Yes; No. of Lines Protected Max:1; Peak Pulse Power PPK @ 10x1000uS:400W RoHS Compliant: Yes TVS Diode; Diode Type:Unidirectional TVS; Stand-Off Voltage, VRWM:33V; Breakdown Voltage, Vbr:36.7V; Package/Case:DO-214AB; Leaded Process Compatible:Yes; No. of Lines Protected Max:1; Peak Pulse Power PPK @ 10x1000uS:1500W RoHS Compliant: Yes TVS Diode; Diode Type:Unidirectional TVS; Stand-Off Voltage, VRWM:150V; Breakdown Voltage, Vbr:167V; Package/Case:DO-214AA; Leaded Process Compatible:Yes; No. of Lines Protected Max:1; Peak Pulse Power PPK @ 10x1000uS:600W RoHS Compliant: Yes TVS Diode; Diode Type:Bidirectional TVS; Stand-Off Voltage, VRWM:12V; Breakdown Voltage, Vbr:13.3V; Package/Case:DO-214AC; Leaded Process Compatible:Yes; No. of Lines Protected Max:1; Peak Pulse Power PPK @ 10x1000uS:400W RoHS Compliant: Yes TVS Diode; Diode Type:Bidirectional TVS; Stand-Off Voltage, VRWM:12V; Breakdown Voltage, Vbr:13.3V; Package/Case:DO-214AB; Leaded Process Compatible:Yes; No. of Lines Protected Max:1; Peak Pulse Power PPK @ 10x1000uS:1500W RoHS Compliant: Yes TVS Diode; Diode Type:Bidirectional TVS; Stand-Off Voltage, VRWM:20V; Breakdown Voltage, Vbr:22.2V; Package/Case:DO-214AB; Leaded Process Compatible:Yes; No. of Lines Protected Max:1; Peak Pulse Power PPK @ 10x1000uS:1500W RoHS Compliant: Yes CD214B Transient Voltage Suppressor Diode Series
|
Bourns, Inc. BOURNS INC Bourns Electronic Solutions
|
WM0831LCD WM0831LIP WM0831 WM0831CD WM0831CP WM083 |
8-Bit ADCs with Serial Interface and Differential or Dual Inputs 8 -串行接口和差分或双位ADC输入 TVS UNI-DIR 26V 1500W SMC 8 -串行接口和差分或双位ADC输入 TVS UNIDIRECT 1500W 24V SMC 8 -串行接口和差分或双位ADC输入 From old datasheet system 8-BIT DUAL INPUT ADC WITH SERIAL INTERFACE
|
Wolfson Microelectronics plc
|
MSM51V16405D MSM51V16405D-50SJ MSM51V16405D-50TS-K |
4,194,304-Word X 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO 4194304字4位动态随机存储器:快速页面模式型与江 TVS 400W 40V UNIDIRECT SMA 4194304字4位动态随机存储器:快速页面模式型与江 4194304-Word X 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
|
OKI SEMICONDUCTOR CO., LTD. OKI[OKI electronic componets] OKI electronic components
|
MXD1013 MXD1013PA MXD1013PD MXD1013SA MXD1013SE MX |
3-in-1 silicon delay line. Output delay 45ns. 3-in-1 silicon delay line. Output delay 30ns. 3-in-1 silicon delay line. Output delay 90ns. 3-in-1 silicon delay line. Output delay 12ns. 3-in-1 silicon delay line. Output delay 25ns. Silver Mica Capacitor; Capacitance:11pF; Capacitance Tolerance: 1pF; Series:CD4; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:2.5mm; Leaded Process Compatible:No RoHS Compliant: No 3-in-1 silicon delay line. Output delay 70ns. 3-in-1 silicon delay line. Output delay 75ns. 3-in-1 silicon delay line. Output delay 50ns. 3-in-1 silicon delay line. Output delay 20ns. 3-in-1 silicon delay line. Output delay 80ns. 3-in-1 silicon delay line. Output delay 15ns.
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
HZU16B1TRF-E HZU2.7B1TLF HZU2.0BTLF HZU2.4BTRF-E H |
15.69 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.625 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.05 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.45 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.925 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.225 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.25 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.525 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.075 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.375 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.775 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 7.21 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 5.795 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 4.515 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 30 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 23.445 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 21.325 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
|
ISD380-9 ISD25-15 ISDF65-7 ISD320-16 ISDR320-22 IS |
380 A, 900 V, SILICON, RECTIFIER DIODE 25 A, 1500 V, SILICON, RECTIFIER DIODE 65 A, 700 V, SILICON, RECTIFIER DIODE 320 A, 1600 V, SILICON, RECTIFIER DIODE 320 A, 2200 V, SILICON, RECTIFIER DIODE 160 A, 1400 V, SILICON, RECTIFIER DIODE 65 A, 400 V, SILICON, RECTIFIER DIODE 380 A, 1300 V, SILICON, RECTIFIER DIODE 380 A, 1200 V, SILICON, RECTIFIER DIODE 380 A, 1500 V, SILICON, RECTIFIER DIODE 380 A, 600 V, SILICON, RECTIFIER DIODE 380 A, 400 V, SILICON, RECTIFIER DIODE 380 A, 500 V, SILICON, RECTIFIER DIODE 160 A, 900 V, SILICON, RECTIFIER DIODE 160 A, 1000 V, SILICON, RECTIFIER DIODE 160 A, 500 V, SILICON, RECTIFIER DIODE
|
|
1N5361BG 1N5361BRLG 1N5338BG 1N5338BRLG 1N5388BRLG |
5 Watt Silicon Zener Diode(120V齐纳电压,5W,硅齐纳稳压二极管) 5 Watt Silicon Zener Diode(200V齐纳电压,5W,硅齐纳稳压二极管) 5 Watt Silicon Zener Diode(150V齐纳电压,5W,硅齐纳稳压二极管) 5 Watt Silicon Zener Diode(140V齐纳电压,5W,硅齐纳稳压二极管) 5 Watt Silicon Zener Diode(110V齐纳电压,5W,硅齐纳稳压二极管) 5 Watt Silicon Zener Diode(100V齐纳电压,5W,硅齐纳稳压二极管) 5 Watt Silicon Zener Diode(68V齐纳电压,5W,硅齐纳稳压二极管) 5 Watt Silicon Zener Diode(60V齐纳电压,5W,硅齐纳稳压二极管) 5 Watt Silicon Zener Diode(62V齐纳电压,5W,硅齐纳稳压二极管) 5 Watt Silicon Zener Diode(56V齐纳电压,5W,硅齐纳稳压二极管) 5 Watt Surmetic TM 40 Zener Voltage Regulators
|
ONSEMI[ON Semiconductor]
|
1N4748A 1N4732A 1N4758A 1N4745A 1N4754A 1N4744A 1N |
Silicon Power Z-Diode for Voltage Stabilization(稳定电压22V,稳定电1.5mA的硅功率齐纳二极 硅功率Z -二极管的电压稳定(稳定电2V的,稳定电流一十一点五毫安的硅功率齐纳二极管) Silicon Power Z-Diode for Voltage Stabilization(稳定电压3.9V,稳定电4mA的硅功率齐纳二极 硅功Z -二极管的电压稳定(稳定电压均.9V,稳定电流六十四毫安的硅功率齐纳二极管) Silicon Power Z-Diode for Voltage Stabilization(稳定电压16V,稳定电5.5mA的硅功率齐纳二极 硅功率Z -二极管的电压稳定(稳定电6V的稳定电流一十五点五毫安的硅功率齐纳二极管) Silicon Power Z-Diode for Voltage Stabilization(稳定电压9.1V,稳定电8mA的硅功率齐纳二极 硅功率Z -二极管的电压稳定(稳定电.1V,稳定电8毫安的硅功率齐纳二极管) Silicon Power Z-Diode for Voltage Stabilization(稳定电压12V,稳定电1mA的硅功率齐纳二极 硅功率Z -二极管的稳定电压12V的稳定电压,稳定电流21毫安的硅功率齐纳二极管) Silicon Power Z-Diode for Voltage Stabilization(稳定电压75V,稳定电.3mA的硅功率齐纳二极 硅功率Z -二极管的电压稳定(稳定电5V的,稳定电流三点三毫安的硅功率齐纳二极管 Silicon Power Z-Diodes 硅功率Z -二极 Silicon Power Z-Diode for Voltage Stabilization(稳定电压13V,稳定电9mA的硅功率齐纳二极 硅功率Z -二极管的电压稳定(稳定电3V的,稳定电流十九毫安的硅功率齐纳二极管) Silicon Power Z-Diode for Voltage Stabilization(稳定电压20V,稳定电2.5mA的硅功率齐纳二极 硅功率Z -二极管的电压稳定(稳定电0V的,稳定电流十二点五毫安的硅功率齐纳二极管) Silicon Power Z-Diode for Voltage Stabilization(稳定电压8.2V,稳定电1mA的硅功率齐纳二极 硅功率Z -二极管的电压稳定(稳定电.2V,稳定电流三一毫安的硅功率齐纳二极管) Silicon Power Z-Diode for Voltage Stabilization(稳定电压6.2V,稳定电1mA的硅功率齐纳二极 硅功率Z -二极管的电压稳定(稳定电.2V,稳定电1毫安的硅功率齐纳二极管) Silicon Power Z-Diode for Voltage Stabilization(稳定电压3.6V,稳定电9mA的硅功率齐纳二极 硅功率Z -二极管的电压稳定(稳定电.6V的稳定电9毫安的硅功率齐纳二极管) Silicon Power Z-Diode for Voltage Stabilization(稳定电压4.7V,稳定电3mA的硅功率齐纳二极 Silicon Power Z-Diode for Voltage Stabilization(稳定电压5.1V,稳定电9mA的硅功率齐纳二极 From old datasheet system Silicon Power Z?Diodes
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. TFUNK[Vishay Telefunken]
|
MBM29DL323BE90PBT MBM29DL323BE90TN MBM29DL323BE90T |
2M X 16 FLASH 2.7V PROM, 120 ns, PBGA63 32M (4M x 8/2M x 16) BIT Dual Operation 2M X 16 FLASH 3V PROM, 80 ns, PBGA63 32M (4M x 8/2M x 16) BIT Dual Operation 2M X 16 FLASH 3V PROM, 120 ns, PBGA63 TVS UNIDIRECT 600W 51V SMB 2M X 16 FLASH 3V PROM, 120 ns, PDSO48 MICRO SINGLE MODE FIBER TRANCEIVER, ST 32M的(4米8/2M × 16)位双操 32M (4M x 8/2M x 16) BIT Dual Operation 2M X 16 FLASH 3V PROM, 120 ns, PDSO48 32M (4M x 8/2M x 16) BIT Dual Operation 32M的(4米8/2M × 16)位双操 KPT 6C 6#20 SKT PLUG 2M X 16 FLASH 3V PROM, 90 ns, PDSO48 16 PORT MODULAR SWITCH ROHS VERSION LE1416A BLANK FACE PLATE 4 PORT 100 MB SINGLE-MODEFIBER XSNT SUPPR,ESD,060.00V,0603 MULTI-WAY IEC PANEL OUTLET 8 PORT MODULAR SWITCH PCI 10BASE T/10 BASE FL NIC, S TVS UNI-DIR 43V 600W SMB
|
Fujitsu, Ltd. Fujitsu Limited http:// Fujitsu Component Limited.
|
DSEP2X31-03A DSEP2X31-04A DSEP2X31-12A DSEP2X31-06 |
30 A, 300 V, SILICON, RECTIFIER DIODE MINIBLOC-4 30 A, 400 V, SILICON, RECTIFIER DIODE MINIBLOC-4 30 A, 1200 V, SILICON, RECTIFIER DIODE MINIBLOC-4 30 A, 600 V, SILICON, RECTIFIER DIODE MINIBLOC-4 60 A, 1200 V, SILICON, RECTIFIER DIODE MINIBLOC-4 HiPerFREDTM Epitaxial Diode with soft recovery 30 A, 300 V, SILICON, RECTIFIER DIODE, TO-220AC Versatile Miniature Switch, High Performance
|
IXYS, Corp. IXYS CORP
|
|