Part Number Hot Search : 
39100 BCM5238 S213202 STW30 BU508 B476W MN3718AT K1286
Product Description
Full Text Search
  3.9 Datasheet PDF File

For 3.9 Found Datasheets File :: 101295    Search Time::1.156ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    39-30-0104 0039300104 5569-10A2GS-210

Molex Electronics Ltd.
Part No. 39-30-0104 0039300104 5569-10A2GS-210
OCR Text ...is Series 5569Series Mates With 39-01-2105 Receptacle Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Shrouded Stackable Surface Mount...
Description 4.20mm (.165) Pitch Mini-Fit Jr. Header, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock

File Size 270.05K  /  9 Page

View it Online

Download Datasheet





    VHP-39 VHP-26 VHP-SERIES VHP-16 VHP-19 VHP-9R5

MINI[Mini-Circuits]
Part No. VHP-39 VHP-26 VHP-SERIES VHP-16 VHP-19 VHP-9R5
OCR Text ...HP-9R5 VHP-16 VHP-19 VHP-26 VHP-39 DC-600 DC-1030 DC-1450 DC-1500 DC-2000 (loss >20 dB) 750 1300 1650 2000 3050 fco, MHz Nom. (loss 3 dB) Typ. 950 1580 1995 2570 3900 PASSBAND (MHz) (loss < 1.3 dB) 1300-3500 1900-2700 2300-5500 3000...
Description Ultra-Reliable High Pass Filters 1300 to 5500 MHz

File Size 216.35K  /  2 Page

View it Online

Download Datasheet

    PLL520-38-39 PLL520-38 PLL520-39 PLL520-38OC P520-39QC P520-38OC P520-38QC P520-39OC PLL520-38OC-R PLL520-38QC PLL520-38

PLL[PhaseLink Corporation]
Part No. PLL520-38-39 PLL520-38 PLL520-39 PLL520-38OC P520-39QC P520-38OC P520-38QC P520-39OC PLL520-38OC-R PLL520-38QC PLL520-38QC-R PLL520-39OC PLL520-39OC-R PLL520-39QC PLL520-39QC-R
OCR Text 39 PECL and LVDS Low Phase Noise VCXO (for 65-130MHz Fund Xtal) FEATURES * * * * * * * 65MHz to 130MHz Fundamental Mode Crystal. Output range: 65MHz - 130MHz (no PLL). Low Injection Power for crystal 50uW. PECL (PLL520-38) or LVDS output...
Description    PECL and LVDS Low Phase Noise VCXO (for 65-130MHz Fund Xtal)

File Size 243.50K  /  7 Page

View it Online

Download Datasheet

    Alpha Industries, Inc.
ALPHA[Alpha Industries]
Part No. AF002C4-39 AF002C1-39
OCR Text 39, AF002C4-39 Features s Low Cost SOT-23 Package s Series or Shunt Configuration s Low DC Current Drain s Ideal Switch Building Blocks s Pin Diode Replacements s High Power Antenna Switches SOT-23 0.120 (3.05 mm) 0.110 (2.79 mm) 3 0.0...
Description Circular Connector; No. of Contacts:39; Series:MS27467; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:21; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:21-39 RoHS Compliant: No
GaAs IC Control FET Series DC-2.5 GHz

File Size 43.16K  /  4 Page

View it Online

Download Datasheet

    Zetex Semiconductor PLC
ZETEX[Zetex Semiconductors]
Part No. BZV62-39 BZV61 BZV61-22 BZV61-27 BZV61-33 BZV61-39 BZV62 BZV62-22 BZV62-27 BZV62-33
OCR Text ...on Device BZV61-22; ...; BZV61-39 BZV62-22; ...; BZV62-39 Quantity per box 500 500 Options The package quantities for the different package modifications are included in "PressFitPackageModifications.pdf" Device marking Devices are ide...
Description surface mount silicon Zener diodes 22 V, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
surface mount silicon Zener diodes 27 V, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
Silicon Power Zener Diode

File Size 128.48K  /  4 Page

View it Online

Download Datasheet

    POWERINT[Power Integrations, Inc.]
Part No. DER-39
OCR Text ...ons Applications Department DER-39 May 13, 2004 1.0 Summary and Features * * * * * * * * No optocoupler Provides sloping output VI characteristic, making it an ideal low standby power replacement for a linear transformer Uses an EF12.6 ...
Description 2.5W Adapter using LNK520P

File Size 631.99K  /  23 Page

View it Online

Download Datasheet

    POWERINT[Power Integrations, Inc.]
Part No. DI-39
OCR Text 39 (R) TOPSwitch-GX 13 W, Universal Input DVD Supply with 70 mW No-load Application DVD Device TOP244P Power Output 13 W (17 W pk) Input Voltage 85-265 VAC Output Voltage 3.3 V / 5 V / 12 V / -12 V Topology Flyback (R) Design Highli...
Description 13 W, Universal Input DVD Supply with 70 mW No-load

File Size 493.37K  /  2 Page

View it Online

Download Datasheet

    MINI[Mini-Circuits]
Part No. HFTC-39
OCR Text ...C -55C to 125C ! NEW HFTC-39 Features i i i i miniature size, 0.15"X0.15"X.028" low profile, .028" height low pass band insertion loss, 1.0 dB typ. high power handling, 10W CASE STYLE: FR933 PRICE: $3.75 ea. QTY (10-49) Pin ...
Description CAP 0.22UF 25V 20% Z5U SMD-0805 TR-7-PA
Ceramic High Pass Filter 4500 to 5500 MHz

File Size 170.81K  /  1 Page

View it Online

Download Datasheet

    LEE-39 DG03-170A LEE-29 LEE-19

MINI[Mini-Circuits]
Part No. LEE-39 DG03-170A LEE-29 LEE-19
OCR Text ...u MODEL NO. LEE-19 LEE-29 LEE-39 all specifications at 25C MAXIMUM DYNAMIC POWER (dBm) RANGE Output (1 dB Comp.) 2GHz fU Input (no dmg) GAIN , dB Typical FREQ. GHz fL - fU 0.1 1 over frequency, GHz 2 4 5 8 10 9.0 Min.@ 2GHz 9....
Description MONOLITHIC AMPLIFIERS 整体式功

File Size 109.02K  /  2 Page

View it Online

Download Datasheet

    SSDI[Solid States Devices, Inc]
Part No. SFT5666-39
OCR Text 39 SOLID STATE DEVICES, INC. 14830 Valley View Avenue * La Mirada, Ca 90638 Phone: (562) 404-4474 * Fax: (562) 404-1773 DESIGNER'S DATA SHEET FEATURES: * * * * * * * * High Performance replacement for 2N5666 Radiation Tolerant Faster...
Description 5 AMP 180 VOLTS HIGH SPEED NPN TRANSISTOR

File Size 37.22K  /  2 Page

View it Online

Download Datasheet

For 3.9 Found Datasheets File :: 101295    Search Time::1.156ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 3.9

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.7025899887085