Part Number Hot Search : 
CCR254 2M100 81M25 11200 DT74FCT1 SIHF830A LMG640X UN327
Product Description
Full Text Search
  9.1 Datasheet PDF File

For 9.1 Found Datasheets File :: 51594    Search Time::1.625ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    POWERINT[Power Integrations, Inc.]
Part No. EPR-91
OCR Text 91 - 12 W Power Supply using TinySwitch(R)-III (TNY278P) Specification 85-265 VAC Input, 12 V, 1 A Output Application Author Document Number Date Revision TinySwitch-III Reference Design (DAK-91) Power Integrations Applications Departme...
Description Engineering Prototype Report for EP-91 - 12 W Power Supply using

File Size 714.93K  /  36 Page

View it Online

Download Datasheet





    PRECI-DIP SA
PREDIP[Precid-Dip Durtal SA]
Part No. 315-91-116 315-93-116 315-99-116 415-99-216-41-001 311-91-116-41-001 311-93-116-41-001 311-99-116-41-001 315-91-116-41-001 315-91-116-41-003 315-93-116-41-001 315-93-116-41-003 315-97-116-41-003 315-99-116-41-001 315-99-116-41-003 411-91-216-41-001 411-93-216-41-001 411-99-216-41-001 415-91-216-41-001 415-93-216-41-001
OCR Text ... see pages 43 to 46 Platings 91 93 97 99 Sleeve 5 m Sn Pb 5 m Sn Pb 5 m Sn Pb 5 m Sn Pb Clip 0.25 m Au 0.75 m Au Goldflash 5 m Sn Pb Pin Ordering information Replace xx with the number of poles, e.g. 411-91-2xx-41-001 for a d...
Description PCB connectors 2.54 mm Single row / double row Solder tail 电路板连接器2.54毫米单列/双列焊尾

File Size 32.63K  /  1 Page

View it Online

Download Datasheet

    115-91-306 115-91-308 115-91-310 115-91-314 115-91-316 115-97-624-41-003 115-97-628-41-003 115-97-632-41-003 115-97-636-

PRECI-DIP SA
PREDIP[Precid-Dip Durtal SA]
Part No. 115-91-306 115-91-308 115-91-310 115-91-314 115-91-316 115-97-624-41-003 115-97-628-41-003 115-97-632-41-003 115-97-636-41-003 115-97-640-41-003 115-97-648-41-003 115-97-650-41-003 115-99-650-41-003 115-91-306-41-003 115-91-308-41-003 115-91-310-41-003 115-91-314-41-003 115-91-316-41-003 115-91-318-41-003 115-91-320-41-003 115-91-322-41-003 115-91-324-41-003 115-91-328-41-003 115-91-420-41-003 115-91-422-41-003 115-91-424-41-003 115-91-428-41-003 115-91-624-41-003 115-91-628-41-003 115-91-632-41-003 115-91-636-41-003 115-91-640-41-003 115-91-648-41-003 115-91-650-41-003 115-93-306-41-003 115-93-308-41-003 115-93-310-41-003 115-93-314-41-003 115-93-316-41-003 115-93-318-41-003 115-93-320-41-003 115-93-322-41-003 115-93-324-41-003 115-93-328-41-003 115-93-420-41-003 115-93-422-41-003 115-93-424-41-003 115-93-428-41-003 115-93-624-41-003 115-93-628-41-003 115-93-632-41-003 115-93-636-41-003 115-93-640-41-003 115-93-648-41-003 115-93-650-41-003 115-97-306-41-003 115-97-308-41-003 115-97-310-41-003 115-97-314-41-003 115-97-316-41-003 115-97-318-41-003 115-97-320-41-003 115-97-322-41-003 115-97-324-41-003 115-97-328-41-003 115-97-420-41-003 115-97-422-41-003 115-97-424-41-003 115-97-428-
OCR Text ...ltra low) Fig. 2 Platings 91 93 97 99 Sleeve 5 m Sn Pb 5 m Sn Pb 5 m Sn Pb 5 m Sn Pb Clip 0.25 m Au 0.75 m Au Goldflash 5 m Sn Pb Pin Ordering information For standard version (ultra low) (Fig. 1) see table Option: Very lo...
Description 3#24 FEP SH FEP RoHS Compliant: Yes 双列直插式插座非常低超低配置/开架式焊尾
Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:600V RoHS Compliant: Yes 双列直插式插座非常低超低配置/开架式焊尾
Shielded Multiconductor Cable; Number of Conductors:3; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes 双列直插式插座非常低超低配置/开架式焊尾
Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:Teflon; Approval Bodies:UL NEC/CUL,CEC; Capacitance:30.2pF/ft; Conductor Material:Copper RoHS Compliant: Yes 双列直插式插座非常低超低配置/开架式焊尾
Dual-in-line sockets very low profile / ultra low profile / open frame Solder tail 双列直插式插座非常低超低配置/开架式焊尾
Multiconductor Cable; Number of Conductors:9; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:600V RoHS Compliant: Yes
3 #22 FEP FS SIL RoHS Compliant: Yes
Shielded Paired Cable; Number of Conductors:12; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:6; Features:Aluminium Foil/Tinned Copper Braid; Impedance:75ohm RoHS Compliant: Yes
Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Features:Conducting Nylon; Leaded Process Compatible:Yes; Temperature Max:150 C; Voltage Nom.:300V RoHS Compliant: Yes
Shielded Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes
Shielded Paired Cable; Number of Conductors:20; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:10; Features:Aluminium Foil/Tinned Copper Braid; Impedance:75ohm RoHS Compliant: Yes
Multiconductor Cable; Number of Conductors:6; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:600V RoHS Compliant: Yes
Shielded Paired Cable; Leaded Process Compatible:Yes RoHS Compliant: Yes
Shielded Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes
Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:Teflon; Approval Bodies:UL NEC/CUL,CEC; Capacitance:22pF/ft; Conductor Material:Copper RoHS Compliant: Yes
Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:18; No. Strands x Strand Size:19 x 30; Jacket Material:Teflon; Approval Bodies:UL NEC/CUL,CEC; Capacitance:31pF/ft; Conductor Material:Copper RoHS Compliant: Yes
Shielded Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes
Shielded Paired Cable; Number of Conductors:25; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:12.5; Features:Aluminium Foil/Tinned Copper Braid; Impedance:75ohm RoHS Compliant: Yes
Multiconductor Cable; Number of Conductors:6; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:600V RoHS Compliant: Yes
Shielded Multiconductor Cable; Number of Conductors:6; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes
Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:20; No. Strands x Strand Size:19 x 32; Jacket Material:Teflon; Approval Bodies:UL NEC/CUL,CEC; Capacitance:31.7pF/ft; Conductor Material:Copper RoHS Compliant: Yes

File Size 38.38K  /  1 Page

View it Online

Download Datasheet

    Amphenol, Corp.
Part No. 91-100-PIN-BP
OCR Text ...number. part number description 91-050-97-bp mt-rj multimode 50 m connector no pins (bulk packs of 100) 91-100-97-bp mt-rj multimode 62.5 m connector no pins (bulk packs of 100) 91-100-pin-bp mt-rj multimode connector pins (bulk packs of 20...
Description MULTI MODE, SIMPLEX FIBER OPTIC CONNECTOR

File Size 84.61K  /  2 Page

View it Online

Download Datasheet

    91-21SUBC 91-21SUBC_S400-XX_XXX 91-21SUBC/S400-XX/XXX 91-21SUBC/S400-A4/F9

EVERLIGHT ELECTRONICS CO LTD
Everlight Electronics Co., Ltd
Part No. 91-21SUBC 91-21SUBC_S400-XX_XXX 91-21SUBC/S400-XX/XXX 91-21SUBC/S400-A4/F9
OCR Text 91-21SUBC/S400-XX/XXX Features Package in 12mm tape on 7" diameter reels. Compatible with automatic placement equipment. EIA Std. package. Mono-color type. Pb-free The product itself will remain within RoHS compliant version. F1 F2 ...
Description T-3/4 SINGLE COLOR LED, SUPER BLUE, 1.9 mm
1.9mm Round Subminiature Lead LEDs

File Size 253.40K  /  10 Page

View it Online

Download Datasheet

    BZD142-91 BZD142 BZD142-100 BZD142-110 BZD142-120 BZD142-130 BZD142-150 BZD142-160 BZD142-68 BZD142-75 BZD142-82

SunLED Co., Ltd.
NXP Semiconductors N.V.
PHILIPS[Philips Semiconductors]
Part No. BZD142-91 BZD142 BZD142-100 BZD142-110 BZD142-120 BZD142-130 BZD142-150 BZD142-160 BZD142-68 BZD142-75 BZD142-82
OCR Text ... 5 5 5 5 5 5 5 5 56 62 68 75 82 91 100 110 120 130 VZ (V) at IZ (see Fig.4) MIN. NOM. 68 75 82 91 100 110 120 130 150 160 MAX. 75 82 90 100 110 121 132 143 165 171 Itest (mA) 68 75 82 91 100 110 120 130 150 160 Notes 61 68 74 82...
Description ZenBlockTM; zener with integrated blocking diode 120 V, 2.1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
ZenBlockTM; zener with integrated blocking diode 82 V, 2.1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
ZenBlockTM; zener with integrated blocking diode 100 V, 2.1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
ZenBlockTM; zener with integrated blocking diode 91 V, 2.1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE

File Size 51.10K  /  8 Page

View it Online

Download Datasheet

    299-91-608-10-002 299-93-608-10-002 299-93-306-11-001 299-91-306-11-001 299-93-308-10-001 299-91-308-10-001 299-93-622-1

PRECI-DIP SA
PREDIP[Precid-Dip Durtal SA]
Part No. 299-91-608-10-002 299-93-608-10-002 299-93-306-11-001 299-91-306-11-001 299-93-308-10-001 299-91-308-10-001 299-93-622-10-002 299-93-640-10-002 299-91-306-10-001 299-91-308-11-001 299-91-310-10-001 299-91-310-11-001 299-91-312-10-001 299-91-312-11-001 299-91-314-10-001 299-91-314-11-001 299-91-316-10-001 299-91-316-11-001 299-91-318-10-001 299-91-318-11-001 299-91-320-10-001 299-91-320-11-001 299-91-324-10-001 299-91-324-11-001 299-91-610-10-002 299-91-612-10-002 299-91-614-10-002 299-91-616-10-002 299-91-618-10-002 299-91-620-10-002 299-91-622-10-002 299-91-624-10-002 299-91-626-10-002 299-91-628-10-002 299-91-630-10-002 299-91-632-10-002 299-91-636-10-002 299-91-640-10-002 299-93-306-10-001 299-93-308-11-001 299-93-310-10-001 299-93-310-11-001 299-93-312-10-001 299-93-312-11-001 299-93-314-10-001 299-93-314-11-001 299-93-316-10-001 299-93-316-11-001 299-93-318-10-001 299-93-318-11-001 299-93-320-10-001 299-93-320-11-001 299-93-324-10-001 299-93-324-11-001 299-93-610-10-002 299-93-612-10-002 299-93-614-10-002 299-93-616-10-002 299-93-618-10-002 299-93-620-10-002 299-93-624-10-002 299-93-626-10-002 299-93-628-10-002 299-93-630-10-002 299-93-632-10-002 299-93-636-10-002
OCR Text ...-finger standard Platings 93 91 Sleeve 5 m Sn Pb 5 m Sn Pb Clip 0.75 m Au 0.25 m Au Pin Ordering information For complete part number see Order Codes list below No. of poles Plating 93 B E = 7.62 6 8 10 12 14 16 18 20 24 8...
Description FAN 24VDC MUFFIN MC24K3 双列直插式插直角版本封闭框架焊尾
Proximity Sensor; Sensor Input Type:Inductive; Sensing Range Max:10mm; Sensor Output Type:NPN Transistor; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Sensing Face Diameter:12mm; Sensor Housing:Barrel 双列直插式插直角版本封闭框架焊尾
FAN FALCON 115VAC FA2B3 W/O FG 双列直插式插直角版本封闭框架焊尾
FAN FALCON 220VAC FA77B3 W/O FG 双列直插式插直角版本封闭框架焊尾
Dual-in-line sockets / right angle version Closed frame Solder tail 双列直插式插直角版本封闭框架焊尾
Axial Fan; Current Type:DC; Supply Voltage:12VDC; Series:Galaxy; External Height:127mm; External Width:127mm; External Depth:38mm; Fan Flow Rate:150CFM; Noise Rating:53.6dBA; Bearing Style:Ball; Depth:38mm; Height:127mm; RoHS Compliant: Yes
FAN DIP 220VAC DAF77B3 W/O FG

File Size 41.05K  /  1 Page

View it Online

Download Datasheet

    PRECI-DIP SA
PREDIP[Precid-Dip Durtal SA]
Part No. 803-91-016-40-001 801-91-016-40-001 801-91-016-40-002 801-93-016-40-001 801-93-016-40-002 801-99-016-40-001 801-99-016-40-002
OCR Text ... see pages 30 to 35 Platings 91 93 99 Sleeve 5 m Sn Pb 5 m Sn Pb 5 m Sn Pb Clip 0.25 m Au 0.75 m Au 5 m Sn Pb Pin Ordering information Replace xxx with the number of poles, e.g. 803-91-xxx-40-001 for a double row version with...
Description PCB connectors 2.54 mm Single row / double row / surface mount 电路板连接器2.54毫米单列/双列/表面贴装

File Size 36.84K  /  1 Page

View it Online

Download Datasheet

    BEL FUSE INC
Part No. L834-1A1T-91
OCR Text ...o a rd mount l 834 -1 a 1 t - 91 * yes no ultra lo w profi l e l 830 -1j1 t - 47 no yes ultra lo w profi l e ?m i d - b o a r d mount l 835 -1 a 1 t - 91 * yes yes ultra lo w profi l e l 829 -1x1 t - 91 yes yes au t o - mdix l...
Description DATACOM TRANSFORMER FOR 10/100 BASE-TX AUTOMDIX APPLICATION(S)

File Size 164.70K  /  1 Page

View it Online

Download Datasheet

    BEL[Bel Fuse Inc.]
Part No. L829-1X1T-91
OCR Text 91 10/100Base-TX Ultra Low Profile MagJack(R) (c)2006 Bel Fuse Inc. Specifications subject to change without notice. 05.06 Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfus...
Description INTEGRATED CONNECTOR MODULES 10/100Base-TX Ultra Low Profile MagJack

File Size 171.95K  /  3 Page

View it Online

Download Datasheet

For 9.1 Found Datasheets File :: 51594    Search Time::1.625ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 9.1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.91062784194946