PART |
Description |
Maker |
CRIMPFOX-HCM-50-OHM |
Crimping pliers, for coaxial, male and female contacts acc. to DIN 41626, contacts HC-M-04-STKOAX-and HC-M-04-BU-KOAX-... 50 and 75 Ohms respectively
|
PHOENIX CONTACT
|
50-65-0024 50-65-0048 50-65-0014 50-65-0032 50-65- |
CGrid SL PMC WToW DR ModBrnch 24Ckt 24-24 CONTACT(S), FEMALE-MALE, PANEL MOUNT, PCB ADAPTER CGrid SL PMC WToW DR ModBrnch 48Ckt 48-48 CONTACT(S), FEMALE-MALE, PANEL MOUNT, PCB ADAPTER 50650014 14-14 CONTACT(S), FEMALE-MALE, PANEL MOUNT, PCB ADAPTER CGrid SL PMC WToW DR ModBrnch 32Ckt 32-32 CONTACT(S), FEMALE-MALE, PANEL MOUNT, PCB ADAPTER CGrid SL PMC WToW DR ModBrnch 12Ckt Mod Branch; No. of Contacts:20; No. of Rows:2; Mounting Type:Panel Mount; Gender:Header RoHS Compliant: Yes CGrid SL PMC WToW DR ModBrnch 8Ckt CGrid SL PMC WToW DR ModBrnch 28Ckt
|
Molex, Inc. MOLEX INC
|
50-84-1030 50-84-1120 50-84-1090 50-84-1035 |
Header Connector,Cable Mnt,PLUG,3 Contacts,PIN/SKT,0.25 Pitch,CRIMP Terminal,LATCH 3 CONTACT(S), MALE AND FEMALE, POWER CONNECTOR, CRIMP, PLUG connector 12 CONTACT(S), MALE AND FEMALE, POWER CONNECTOR, CRIMP, PLUG Header Connector,Cable Mnt,PLUG,9 Contacts,PIN/SKT,0.250 Pitch,CRIMP Terminal,LATCH 9 CONTACT(S), MALE AND FEMALE, POWER CONNECTOR, CRIMP, PLUG 2.13MM POWER CONNECTOR 4202103C
|
Molex, Inc. MOLEX INC
|
M80-4D10605F1-00-000-05-326 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, 6 x Large bore signal contacts, 5 x 14 AWG Power contacts 11 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
70AAJ-2-F0 70AAJ-5-F1 70AAJ-3-F0 70AAJ-2-F1 70AAJ- |
CONN MOD 2 POS FEMALE SMD PCB CONNECTOR CONN MOD 5 POS FEMALE SMD PCB CONNECTOR Battery Holder; Body Material:Glass-Filled Thermoplastic; Contact Plating:Copper Alloy; For Use With:Handheld communications; Leaded Process Compatible:Yes; Terminal Type:PCB Surface Mount PCB CONNECTOR Modular Contacts 2.54mm 6Pin Female Standard Pins PCB CONNECTOR Modular Contacts 2.54mm 6Pin Female Locating Pins CONN MOD 4 POS FEMALE SMD Modular Contacts 2.54mm 4Pin Female Standard Pins
|
AVX, Corp. Bourns, Inc. BOURNS INC
|
M80-4C11642F1-06-305-00-000 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, 16 x Small bore signal contacts, 3 x 2mm Crimp Coax contacts 22 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
FCC17-XXXXM-XX0X FCC17-E09PM-2O0G FCC17-A15PM-2O0G |
FCC 17 FILTERED D-SUB CONNECTOR, PIN & SOCKET, SOLDER CUP CONTACTS 9 CONTACT(S), FEMALE, D SUBMINIATURE CONNECTOR, SOLDER 9 CONTACT(S), MALE, D SUBMINIATURE CONNECTOR, SOLDER 15 CONTACT(S), MALE, D SUBMINIATURE CONNECTOR, SOLDER 25 CONTACT(S), MALE, D SUBMINIATURE CONNECTOR, SOLDER 37 CONTACT(S), MALE, D SUBMINIATURE CONNECTOR, SOLDER 15 CONTACT(S), FEMALE, D SUBMINIATURE CONNECTOR, SOLDER
|
Amphenol Corporation
|
19-09-2032 |
Multipole Connector; Gender:Female; No. of Contacts:3; Series:Standard .093"; Body Material:Nylon 6/6; No. of Rows:1 3 CONTACT(S), MALE, POWER CONNECTOR, PLUG
|
Molex, Inc.
|
M80-5T1060500-06-331-02-311 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, No jackscrews, 6 x 3mm PC Tail signal contacts, 6 x 3.5mm PC Tail Power contacts and 2 x 3mm PC Tail Coax contacts
|
HARWIN INC
|
M80-5T11022M3-03-331-00-000 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 5mm board mount, 4 x 3mm PC Tail signal contacts, 3 x 3.5mm PC Tail Power contacts 13 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M83-LFC1F2N08-0400-325 |
Datamate 3-Row Mix-Tek Female Crimp Connector, Hex Socket jackscrews, 8 x Small bore signal contacts, 4 x 12 AWG Power contacts
|
HARWIN INC
|
|