PART |
Description |
Maker |
X93154UU8IZ-3 X93154 X93154UM8I-3 X93154UM8IZ-3 |
Digitally Controlled Potentiometer Digitally Controlled Potentiometer 50K DIGITAL POTENTIOMETER, INCREMENT/DECREMENT CONTROL INTERFACE, 32 POSITIONS, PDSO8
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
X9C503 X9C103 X9C104ST1 X9C102 X9C10209 X9C104SIZT |
Digitally Controlled Potentiometer (XDCP™); Temperature Range: 0°C to 70°C; Package: 8-SOIC T&R 100K DIGITAL POTENTIOMETER, INCREMENT/DECREMENT CONTROL INTERFACE, 100 POSITIONS, PDSO8 Wiper Position Stored in Non-volatile Memory and Recalled on Power-up Digitally Controlled Potentiometer (XDCP?
|
Intersil Corporation Intersil, Corp.
|
EP9430-800 EP9430-13 EP9430-95 EP9430-45 EP9430-40 |
Single Digitally Controlled (XDCP) Potentiometer; Temperature Range: -40°C to 85°C; Package: 14-TSSOP Dual Digitally Controlled Potentiometer (XDCP); Temperature Range: -40°C to 85°C; Package: 20-PDIP Single Digitally Controlled (XDCP) Potentiometer; Temperature Range: 0°C to 70°C; Package: 14-TSSOP Dual Digitally Controlled Potentiometer (XDCP); Temperature Range: 0°C to 70°C; Package: 20-PDIP Quad Digital Controlled Potentionmeters (XDCP), Non-Volatile/Low Power/2-Wire/64 Taps; Temperature Range: -40°C to 85°C; Package DELAY LINE|FIXED TAPS|1-LINE|1-TAP|HYBRID|DIP|14PIN|PLASTIC 延迟线|定额丝锥| 1线| 1 -技术咨询|混合|双酯| 14PIN |塑料 Single Digitally Controlled (XDCP™) Potentiometer; Temperature Range: 0°C to 70°C; Package: 14-TSSOP 延迟线|定额丝锥| 1线| 1 -技术咨询|混合|双酯| 14PIN |塑料 Digitally Controlled Potentiometer (XDCP™); Temperature Range: 0°C to 70°C; Package: 8-SOIC 延迟线|定额丝锥| 1线| 1 -技术咨询|混合|双酯| 14PIN |塑料 Single Digitally Controlled (XDCP™) Potentiometer; Temperature Range: -40°C to 85°C; Package: 14-TSSOP 延迟线|定额丝锥| 1线| 1 -技术咨询|混合|双酯| 14PIN |塑料
|
Fairchild Semiconductor, Corp.
|
ISL9084106 ISL90841WIV1427Z ISL90841UIV1427Z |
Quad Digitally Controlled Potentiometers (XDCP? Quad Digitally Controlled Potentiometers (XDCP⑩)
|
INTERSIL[Intersil Corporation]
|
X9511WP X9511WS X9511WSZ X9511 X9511WPI X9511WPIZ |
Single Digitally-Controlled (XDCP) Potentiometer (Push Button Controlled)
|
INTERSIL[Intersil Corporation]
|
X93256WV14I-2.7T1 X93256UV14I-2.7 |
Dual Digitally Controlled Potentiometers (XDCPs™); Temperature Range: -40°C to 85°C; Package: 14-TSSOP T&R DUAL 12.5K DIGITAL POTENTIOMETER, INCREMENT/DECREMENT CONTROL INTERFACE, 32 POSITIONS, PDSO14 Dual Digitally Controlled Potentiometers(XDCPs?
|
Intersil, Corp. Intersil Corporation
|
EPA1130G-44 EPA1130-350 EPA1130G-75 EPA1130G-250 E |
Quad Digitally Controlled (XDCP) Potentiometers; Temperature Range: 0°C to 70°C; Package: 24-TSSOP Quad, 64 Tap, Digitally Controlled Potentiometer (XDCP); Temperature Range: 0°C to 70°C; Package: 24-SOIC Quad Digitally Controlled (XDCP) Potentiometers; Temperature Range: -40°C to 85°C; Package: 24-SOIC Tapped Delay Line Quad, 64 Tap, Digitally Controlled Potentiometer (XDCP); Temperature Range: -40°C to 85°C; Package: 24-TSSOP Quad Digitally Controlled (XDCP™) Potentiometers; Temperature Range: 0°C to 70°C; Package: 24-TSSOP 抽头延迟
|
Sony, Corp.
|
EP9604G-32 EP9604G-36 EP9604G-800 EP9604G-600 EP96 |
Dual Digitally Controlled (XDCP) Potentiometers; Temperature Range: -40°C to 85°C; Package: 24-SOIC Dual Digitally Controlled (XDCP) Potentiometers; Temperature Range: 0°C to 70°C; Package: 24-SOIC Dual Digitally Controlled (XDCP) Potentiometers; Temperature Range: 0°C to 70°C; Package: 24-TSSOP Quad Digitally Controlled (XDCP™)Potentiometers; Temperature Range: 0°C to 70°C; Package: 24-TSSOP 延迟线|定额丝锥| 1线| 5,技术咨询|混合|双酯| 14PIN |塑料 DELAY LINE|FIXED TAPS|1-LINE|5-TAP|HYBRID|DIP|14PIN|PLASTIC 延迟线|定额丝锥| 1线| 5,技术咨询|混合|双酯| 14PIN |塑料 Dual Digitally Controlled (XDCP™) Potentiometers; Temperature Range: -40°C to 85°C; Package: 24-SOIC 延迟线|定额丝锥| 1线| 5,技术咨询|混合|双酯| 14PIN |塑料
|
NXP Semiconductors N.V.
|
ST6373 ST6373J2B1 ST6373J3B1 ST6373J5B1 5022 ST63E |
8-BIT MICROCONTROLLER (MCU) WITH ROM, EPROM, OTP FOR DIGITALLY CONTROLLED MULTISYNC/MULTISTANDARD MONITORS 8-BIT ROM/OTP/EPROM MCUs FOR DIGITALLY CONTROLLED MULTISYNC/MULTISTANDARD MONITORS From old datasheet system
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
EPA2398-60 EPA2398-600 EPA2398-40 EPA2398-35 EPA23 |
Digitally Controlled Potentiometer (XDCP); Temperature Range: -40°C to 85°C; Package: 8-SOIC Digitally Controlled Potentiometer (XDCP); Temperature Range: -40°C to 85°C; Package: 8-PDIP Digitally Controlled Potentiometer (XDCP); Temperature Range: 0°C to 70°C; Package: 8-SOIC Delay Line 延迟
|
Belden, Inc. TE Connectivity, Ltd. EPCOS AG
|
EPA1130G-350 EPA1130G-125 EPA1130G-300 EPA1130G-50 |
DELAY LINE|FIXED TAPS|1-LINE|5-TAP|HYBRID|DIP|8PIN|PLASTIC Quad Digitally Controlled (XDCP) Potentiometers; Temperature Range: -40°C to 85°C; Package: 24-PDIP Quad Digitally Controlled (XDCP) Potentiometers; Temperature Range: -40°C to 85°C; Package: 24-TSSOP Quad Digitally Controlled (XDCP) Potentiometers; Temperature Range: 0°C to 70°C; Package: 24-SOIC Quad Digitally Controlled (XDCP) Potentiometers; Temperature Range: 0°C to 70°C; Package: 24-PDIP Quad Digitally Controlled (XDCP™) Potentiometers; Temperature Range: -40°C to 85°C; Package: 24-PDIP 延迟线|定额丝锥| 1线| 5,技术咨询|混合|双酯| 8引脚|塑料 DELAY LINE|FIXED TAPS|1-LINE|5-TAP|HYBRID|DIP|14PIN|PLASTIC 延迟线|定额丝锥| 1线| 5,技术咨询|混合|双酯| 14PIN |塑料
|
数字电位
|