PART |
Description |
Maker |
ISL22424TFR16Z ISL22424TFV14Z ISL22424UFR16Z ISL22 |
Dual Digitally Controlled Potentiometer (XDCP?? Dual Digitally Controlled Potentiometer (XDCP? Dual Digitally Controlled Potentiometer (XDCP™), Low Noise, Low Power, SPI® Bus, 256 Taps; Temperature Range: Full-Range Ind; Package: 14-TSSOP T&R
|
Intersil Corporation
|
EP9430-800 EP9430-13 EP9430-95 EP9430-45 EP9430-40 |
Single Digitally Controlled (XDCP) Potentiometer; Temperature Range: -40°C to 85°C; Package: 14-TSSOP Dual Digitally Controlled Potentiometer (XDCP); Temperature Range: -40°C to 85°C; Package: 20-PDIP Single Digitally Controlled (XDCP) Potentiometer; Temperature Range: 0°C to 70°C; Package: 14-TSSOP Dual Digitally Controlled Potentiometer (XDCP); Temperature Range: 0°C to 70°C; Package: 20-PDIP Quad Digital Controlled Potentionmeters (XDCP), Non-Volatile/Low Power/2-Wire/64 Taps; Temperature Range: -40°C to 85°C; Package DELAY LINE|FIXED TAPS|1-LINE|1-TAP|HYBRID|DIP|14PIN|PLASTIC 延迟线|定额丝锥| 1线| 1 -技术咨询|混合|双酯| 14PIN |塑料 Single Digitally Controlled (XDCP™) Potentiometer; Temperature Range: 0°C to 70°C; Package: 14-TSSOP 延迟线|定额丝锥| 1线| 1 -技术咨询|混合|双酯| 14PIN |塑料 Digitally Controlled Potentiometer (XDCP™); Temperature Range: 0°C to 70°C; Package: 8-SOIC 延迟线|定额丝锥| 1线| 1 -技术咨询|混合|双酯| 14PIN |塑料 Single Digitally Controlled (XDCP™) Potentiometer; Temperature Range: -40°C to 85°C; Package: 14-TSSOP 延迟线|定额丝锥| 1线| 1 -技术咨询|混合|双酯| 14PIN |塑料
|
Fairchild Semiconductor, Corp.
|
ISL2231710 ISL22317 ISL22317TFRTZ ISL22317UFRTZ IS |
Precision Single Digitally Controlled Potentiometer (XDCP Low Noise, Low Power, I-2CBus, 128 Taps Precision Single Digitally Controlled Potentiometer (XDCP垄芒) Precision Single Digitally Controlled Potentiometer (XDCP?? Precision Single Digitally Controlled Potentiometer (XDCP?
|
Intersil Corporation
|
X941006 X9410YS24IZ-2.7 X9410 X9410WP24I X9410WP24 |
Dual Digitally Controlled Potentiometer
|
INTERSIL[Intersil Corporation]
|
ISL22326 ISL22326UFV14Z ISL22326WFV14Z |
Dual Digitally Controlled Potentiometers
|
Intersil Corporation
|
MX029 |
MX029 Dual Digitally Controlled Amplifier
|
CONSUMER MICROCIRCUITS LIMITED
|
X93255UV14IT1 |
Dual Digitally Controlled Potentiometers(XDCPs?
|
Intersil Corporation
|
X9221 |
Dual Digitally Controlled Potentiometer (XDCP)
|
Xicor
|
X9221A |
Dual Digitally Controlled Potentiometer (XDCP)
|
Xicor
|
ISL22429WFU10Z ISL22429 ISL22429UFU10Z |
Dual Digitally Controlled Potentiometer (XDCP)
|
Intersil Corporation
|
X9417YP24I-2.7 X9417YP24-2.7 X9417 |
Dual Digitally Controlled Potentiometers (XDCP DUAL 2.5K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDIP24 PLASTIC, DIP-24
|
Xicor Intersil, Corp.
|
X9455 X9255 |
Dual Two-wiper Digitally-Controlled Potentiometer(带两个滑动端的双路数控电位器) Dual Two-wiper Digitally-Controlled (XDCP) Potentiometer(带两个滑动端的双路数控电位器(XDCP))
|
Xicor Inc.
|