PART |
Description |
Maker |
1510FB |
200 V - 1000 V Single Phase Bridge
|
Voltage Multipliers
|
LMB10S-TP LMB2S LMB4S LMB6S LMB8S |
1.0 Amp Single Phase Glass Passivated Bridge Rectifier 200 to 1000 Volts
|
Micro Commercial Components
|
LMB10S |
1.0 Amp Single Phase Glass Passivated Bridge Rectifier 200 to 1000 Volts
|
Micro Commercial Compon...
|
EH8008ZI EH8006ZI EH8004ZI EH8012ZI EH10002ZI EH10 |
3 PHASE BRIDGE MODULES 3 PHASE, 80 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE 3 PHASE BRIDGE MODULES 3 PHASE, 80 A, 1200 V, SILICON, BRIDGE RECTIFIER DIODE 3 PHASE BRIDGE MODULES 3 PHASE, 100 A, 1000 V, SILICON, BRIDGE RECTIFIER DIODE TV 13C 13#22D SKT WALL RECP
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
MP5005-BP MP501 MP502-BP MP506-B MP5010-BP MP504-B |
50 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE 50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
|
Micro Commercial Components 天津环球磁卡股份有限公司 Micro Commercial Compon...
|
1106FC 1102C 1106C 1102UFC 1102FC 1106UFC 1110UFC |
600 V single phase bridge 1.4-1.5 A forward current, 150 ns recovery time 200 V single phase bridge 1.4-1.5 A forward current, 3000 ns recovery time 600 V single phase bridge 1.4-1.5 A forward current, 3000 ns recovery time 200 V single phase bridge 1.4-1.5 A forward current, 70 ns recovery time 200 V single phase bridge 1.4-1.5 A forward current, 150 ns recovery time 600 V single phase bridge 1.4-1.5 A forward current, 70 ns recovery time 1000 V single phase bridge 1.4-1.5 A forward current, 70 ns recovery time 1000 V single phase bridge 1.4-1.5 A forward current, 150 ns recovery time
|
Voltage Multipliers
|
CKR05BX102KRV |
Ceramic, Military/High Reliability, MIL-39014, 1000 pF, 10%, 200 V, BX, R (0.01%/1000 Hrs), Lead Spacing = 5.08mm
|
Kemet Corporation
|
SPD56151 SPD5615SMS SPD5617S |
1.0 AMP 200 - 1000 VOLTS FAST RECOVERY RECTIFIER 1 A, 200 V, SILICON, SIGNAL DIODE 1.0 AMP 200 - 1000 VOLTS FAST RECOVERY RECTIFIER 1 A, 400 V, SILICON, SIGNAL DIODE
|
http:// Solid State Devices, Inc.
|
1502B 1510UFB 1510B 1502FB |
200 V - 1,000 V Single Phase Bridge 200 1,000 V单相 240 x 320 pixel format (Portrait Mode), CFL Backlight available with power harness
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
HER208G-AP HER205G HER203G-BP |
2 A, 1000 V, SILICON, RECTIFIER DIODE, DO-15 ROHS COMPLIANT, PLASTIC PACKAGE-2 2.0 Amp Glass Passivated High Efficient Rectifiers 50 to 1000 Volts 2 A, 200 V, SILICON, RECTIFIER DIODE, DO-15
|
Micro Commercial Components, Corp.
|
3402B 3402FB |
200 V - 1,000 V Three Phase Bridge 18.0 A - 20.0 A Forward Current 70 ns - 3000 ns Recovery Time 3 PHASE, 20 A, SILICON, BRIDGE RECTIFIER DIODE
|
Electronic Theatre Controls, Inc. Voltage Multipliers, Inc.
|