Part Number Hot Search : 
MC101 AP1605TS DG413CY FDS66 KSE200 MJD11203 BR106 14275
Product Description
Full Text Search
  three Datasheet PDF File

For three Found Datasheets File :: 72129    Search Time::1.078ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    INTEGRATED DEVICE TECHNOLOGY INC
Part No. IDT723634L12PF
OCR Text ...and almost-full flags; each has three default offsets (8, 16 and 64) ? ? ? ? ? serial or parallel programming of partial flags ? ? ? ? ? port b bus sizing of 36-bits (long word), 18-bits (word) and 9-bits (byte) ? ? ? ? ? big- or little-end...
Description 512 X 36 BI-DIRECTIONAL FIFO, 8 ns, PQFP128

File Size 405.88K  /  35 Page

View it Online

Download Datasheet





    Winbond Electronics
Part No. W78L52/P/F
OCR Text ...al interrupts ( int2 , int3 ), three 16-bit timer/counters, one watchdog timer and a serial port. these peripherals are supported by a eight-source, two-level interrupt capability. there are 256 bytes of ram and an 8k byte mask rom for app...
Description W78C52D Wide Voltage Version

File Size 174.31K  /  18 Page

View it Online

Download Datasheet

    Winbond Electronics
Part No. W78C52D/DP/DF
OCR Text ...al interrupts ( int2 , int3 ), three 16-bit timer/counters, one watchdog timer and a serial port. these peripherals are supported by a eight-source, two-level interrupt capability. there are 256 bytes of ram and an 8k byte mask rom for app...
Description 8-bit MCU w/ 8Kx8 ROM, 256x8 RAM, 32 I/Os, 3 Timers, 1 Serial Port

File Size 181.31K  /  18 Page

View it Online

Download Datasheet

    EPSON[Epson Company]
Part No. HG-2000 HG-1000
OCR Text .... 10ppm max. 2ppm max. three drops on a hard wooden board from 75 cm or excitation test with 3000G x 0.3ms x 1/2sine wave in 3 directions External dimensions NO. Pin terminal 1 2 3 4 Ts GND OUT VDD (Unit: mm) Recommended...
Description HIGH-STABILITY HIGH-FREQUENCY OSCILLATOR

File Size 79.03K  /  2 Page

View it Online

Download Datasheet

    Shenzhen Luguang Electronic Technology Co., Ltd
AVAGO TECHNOLOGIES LIMI...
Part No. PEX8605
OCR Text ...e. the pex 8605 supports three pairs of pci express - compliant, 100mhz, buffered hcsl outpu t clocks, one pair for each downstream port of the switch. each clock output pair can be disabled by software or serial eeprom when ...
Description Low Packet Latency & High Performance
PCI Express Gen 2 Switch

File Size 271.10K  /  3 Page

View it Online

Download Datasheet

    P3P623S09B P3P623S05BG-08TR P3P623S09A P3P623S05A

ON Semiconductor
Part No. P3P623S09B P3P623S05BG-08TR P3P623S09A P3P623S05A
OCR Text ... source pll shut-down 0 0 three-state three-state driven pll n 0 1 driven three-state driven pll n 1 0 driven driven driven reference y 1 1 driven driven driven pll n note1: this output is driven and has an i...
Description Timing-Safe Peak EMI Reduction IC
Timing-Safe?Peak EMI Reduction IC

File Size 190.68K  /  11 Page

View it Online

Download Datasheet

    INTERSIL[Intersil Corporation]
Part No. HI1-5701T_883 HI-5701_883 HI-5701883 HI-5701/883
OCR Text ...ut Digital Ground No Connection three-State Output Enable Input, Active high (See Truth Table) three-State Output Enable Input, Active Low (See Truth Table) Clock Input Sample Clock Phase Control Input. When Phase is Low, Sample Unknown (1)...
Description 6-Bit, 30 MSPS Flash A/D Converter

File Size 59.17K  /  8 Page

View it Online

Download Datasheet

    INTERSIL[Intersil Corporation]
Part No. HI1179_05 HI1179-EV HI1179JCQ
OCR Text ...rence * Input CMOS Compatible * three-State TTL Compatible Output * Single Power Supply . . . . . . . . . . . . . . . . . . . . . . . . . +5V * Low Input Capacitance (Typ) . . . . . . . . . . . . . . . . . 8pF * Reference Impedance (Typ) . ...
Description 8-Bit, 35 MSPS, Video A/D Converter

File Size 298.22K  /  15 Page

View it Online

Download Datasheet

    INTERSIL[Intersil Corporation]
Part No. HI2302_05 HI2302 HI2302JCQ HI230205
OCR Text ...Ld MQFP PKG. NO. Q32.7x7-S * three-State TTL Compatible Output * Power Supply . . . . . . . . . . . . . . . . . . . . . . . . . . +5V Single or +5V/3.3V Dual * Direct Replacement for Sony CXD2302Q Applications * Video Digitizing * Wi...
Description 8-Bit, 50MSPS, Video A/D Converter with Clamp Function

File Size 568.41K  /  16 Page

View it Online

Download Datasheet

    INTERSIL[Intersil Corporation]
Part No. HI2570JCQ HI2570
OCR Text ...t Crystal oscillator selection. three bits, XSL0 to 2. Selects the clock frequency to be input from XTLI (Pin 7). Crystal oscillator selection. three bits, XSL0 to 2. Selects the clock frequency to be input from XTLI (Pin 7). Crystal oscill...
Description 1-Bit AD/DA Converter For Audio Application

File Size 509.60K  /  8 Page

View it Online

Download Datasheet

For three Found Datasheets File :: 72129    Search Time::1.078ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of three

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.4472348690033