PART |
Description |
Maker |
HD74LS86 74LS86 |
Quadruple 2-input Exclusive-OR Gates
|
HITACHI[Hitachi Semiconductor]
|
HD74LS266 HD74LS266P HD74LS266FPEL |
Quadruple 2-input Exclusive-NOR Gates (with open collector outputs)
|
Renesas Electronics Corporation
|
IDT74LVC86A 74LVC86A_DS_97860 |
3.3V CMOS QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE From old datasheet system
|
IDT
|
HD74LS136 74LS136 |
Quadruple 2-input Exclusive-OR Gates(with open collector outputs)
|
Hitachi Semiconductor
|
74LVC1G19GM 74LVC1G19GV 74LVC1G19GW 74LVC1G19 |
Quadruple 2-Input Exclusive-NOR Gates With Open-Drain Outputs 14-SOIC -40 to 85 具有开漏输出四2输入异或非门14-SOIC封装, -40℃到85 1-of-2 decoder/demultiplexer
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
SNJ54LS266W |
<font color=red>[Old version datasheet]</font> QUADRUPLE 2-INPUT EXCLUSIVE-NOR GATES WITH OPEN-COLLECTOR OUTPUTS
|
TI store
|
MC10H107-D |
Triple 2-Input Exclusive OR/Exclusive NOR Gate
|
ON Semiconductor
|
74VHC132MTCXNL 74VHC132MT 74VHC132MX 74VHC132SJ 74 |
Quad 2-Input NAND Schmitt Trigger Quadruple 2-Input Exclusive-OR Gates 14-SO -40 to 85 Quad 2-Input NAND Schmitt Trigger 输入与非施密特触发器
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
BU4070BF |
Quadruple Exclusive OR gates
|
Rohm
|
HEF4030BN HEF4030BD |
Quadruple exclusive-OR gate
|
Philips
|
HEF4077B HEF4077BT HEF4077BP HEF4077BN HEF4077BF H |
Quadruple exclusive-NOR gate
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
M29F100BB-45N1T M29F100BT-45N1T M29F100BT-70N1T M2 |
1 Mbit 128Kb x8 or 64Kb x16, Boot Block Single Supply Flash Memory 1兆位28KBx84Kbx16,有启动区域的单电源闪存 8-Bit, 0.1 us MDAC, Parallel Input, Fast Control Signalling for DSP, Easy Micro Interface 20-PLCC -25 to 85 1兆位28KB x84Kb的x16插槽,启动座单电源闪 Octal Magnitude Comparators 24-SOIC 0 to 70 1兆位28KB x84Kb的x16插槽,启动座单电源闪 1 Mbit 128Kb x8 or 64Kb x16, Boot Block Single Supply Flash Memory 1兆位128KBx84Kbx16,有启动区域的单电源闪存 Quadruple 2-Input Positive-NAND Gate 14-VQFN -40 to 85 1兆位28KB x84Kb的x16插槽,启动座单电源闪 Dual 4-Bit D-Type Edge-Triggered Flip-Flops 24-SOIC 0 to 70 1兆位28KB x84Kb的x16插槽,启动座单电源闪 Octal Magnitude Comparators 24-PDIP 0 to 70 Dual 4-Bit D-Type Edge-Triggered Flip-Flops 24-PDIP 0 to 70 8-Bit, 0.1 us MDAC, Parallel Input, Fast Control Signalling for DSP, Easy Micro Interface 16-PDIP 0 to 70 Quadruple 2-Input Exclusive-OR Gates 14-SOIC 0 to 70 Quadruple 2-Input Exclusive-OR Gates 14-PDIP 0 to 70 8-Bit, 0.1 us MDAC, Parallel Input, Fast Control Signalling for DSP, Easy Micro Interface 20-PLCC 0 to 70 8-Bit, 0.1 us MDAC, Parallel Input, Fast Control Signalling for DSP, Easy Micro Interface 16-PDIP -40 to 85 8-Bit, 0.1 us Dual MDAC, Parallel Input, Fast Control Signalling for DSP, Easy Micro I/F 20-SOIC 0 to 70 8-Bit, 0.1 us MDAC, Parallel Input, Fast Control Signalling for DSP, Easy Micro Interface 16-TSSOP 0 to 70 8-Bit, 5 us Quad DAC, Parallel Input, Single / Dual Supply 20-LCCC -55 to 125
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|