Part Number Hot Search : 
CD4066A 5520M 015C2 BCR25R TUA1574 MAX6390 79L12 1N4728
Product Description
Full Text Search
  counters Datasheet PDF File

For counters Found Datasheets File :: 10359    Search Time::1.86ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    AT17F16A-30CC AT17F16A-30CI AT17F16A-30CU AT17F16A-30JU AT17F16A-30JC AT17F16A-30JI

ATMEL Corporation
Part No. AT17F16A-30CC AT17F16A-30CI AT17F16A-30CU AT17F16A-30JU AT17F16A-30JC AT17F16A-30JI
OCR Text ...resets both the address and bit counters. A High level (with nCS Low) enables the data output driver. 5.6 nCS(1) Chip Enable input (active Low). A Low level (with OE High) allows DCLK to increment the address counter and enables the ...
Description FPGA Configuration Flash Memory

File Size 208.94K  /  16 Page

View it Online

Download Datasheet





    CY8C42423-24LFXI CY8C42423-24LFXIT CY8C42423 CY8C42000-24LFXI CY8C42323-24ZXI CY8C42323-24ZXIT CY8C42123-24SXI CY8C42123

Cypress Semiconductor
Part No. CY8C42423-24LFXI CY8C42423-24LFXIT CY8C42423 CY8C42000-24LFXI CY8C42323-24ZXI CY8C42323-24ZXIT CY8C42123-24SXI CY8C42123-24SXIT CY8C42223 CY8C42223-24SXI CY8C42223-24SXIT CY8C42123
OCR Text ... Blocks -- 8- to 16-Bit Timers, counters, and PWMs -- Connectable to All GPIO Pins -- Connectable to All High Voltage Output Pins -- Single Block Deadband PWM with Kill -- Digital Blocks can Drive Outputs to 36V -- Complex Peripherals by Co...
Description Power PSoC⑩ Devices

File Size 509.15K  /  42 Page

View it Online

Download Datasheet

    APCI-IB40

ETC
List of Unclassifed Manufacturers
Part No. APCI-IB40
OCR Text ...gital I/O lines and three timer/counters. Each I/O line can be configured as either an input or an output. The board also has the facility to define the power-up/reset state of those lines to be used as outputs. The I/O connector conforms t...
Description PCI-BUS I/O CARD PCI总线I / O
32-bit PCI Local Bus I/O board

File Size 249.60K  /  10 Page

View it Online

Download Datasheet

    Winbond Electronics
Part No. W78L52/P/F
OCR Text ...2 , int3 ), three 16-bit timer/counters, one watchdog timer and a serial port. these peripherals are supported by a eight-source, two-level interrupt capability. there are 256 bytes of ram and an 8k byte mask rom for application programs. ...
Description W78C52D Wide Voltage Version

File Size 174.31K  /  18 Page

View it Online

Download Datasheet

    89C55 AT89C55 AT89C55-16AA AT89C55-16JA AT89C55-16PA AT89C55-16QA AT89C55-24AC AT89C55-24AI AT89C55-24JC AT89C55-24JI AT

ATMEL[ATMEL Corporation]
Part No. 89C55 AT89C55 AT89C55-16AA AT89C55-16JA AT89C55-16PA AT89C55-16QA AT89C55-24AC AT89C55-24AI AT89C55-24JC AT89C55-24JI AT89C55-24PC AT89C55-24PI AT89C55-24QC AT89C55-24QI AT89C55-33AC AT89C55-33JC AT89C55-33PC AT89C55-33QC
OCR Text ...le I/O Lines Three 16-bit Timer/counters Eight Interrupt Sources Low Power Idle and Power Down Modes Description The AT89C55 is a low-power, high-performance CMOS 8-bit microcomputer with 20K bytes of Flash programmable and erasable rea...
Description 8-Bit Microcontroller with 20K Bytes Flash

File Size 605.37K  /  24 Page

View it Online

Download Datasheet

    Winbond Electronics
Part No. W78C52D/DP/DF
OCR Text ...2 , int3 ), three 16-bit timer/counters, one watchdog timer and a serial port. these peripherals are supported by a eight-source, two-level interrupt capability. there are 256 bytes of ram and an 8k byte mask rom for application programs. ...
Description 8-bit MCU w/ 8Kx8 ROM, 256x8 RAM, 32 I/Os, 3 Timers, 1 Serial Port

File Size 181.31K  /  18 Page

View it Online

Download Datasheet

    AT89C55WD AT89C55WD-24AC AT89C55WD-24AI AT89C55WD-24JC AT89C55WD-24JI AT89C55WD-24PC AT89C55WD-24PI AT89C55WD-33AC AT89C

ATMEL[ATMEL Corporation]
Part No. AT89C55WD AT89C55WD-24AC AT89C55WD-24AI AT89C55WD-24JC AT89C55WD-24JI AT89C55WD-24PC AT89C55WD-24PI AT89C55WD-33AC AT89C55WD-33JC AT89C55WD-33PC AT89C55WDNBSP
OCR Text ...le I/O Lines Three 16-bit Timer/counters Eight Interrupt Sources Programmable Serial Channel Low-power Idle and Power-down Modes Interrupt Recovery from Power-down Mode Hardware Watchdog Timer Dual Data Pointer Power-off Flag 8-bit Micro...
Description From old datasheet system
80C32 Microcontroller with 20K Bytes Flash
8-bit Microcontroller with 20K Bytes Flash

File Size 249.54K  /  37 Page

View it Online

Download Datasheet

    FM31272 FM31272-G FM31274 FM31274-G FM31276 FM31276-G FM31278 FM31278-G

Ramtron International Corporation
Part No. FM31272 FM31272-G FM31274 FM31274-G FM31276 FM31276-G FM31278 FM31278-G
OCR Text ... Warning/NMI * Two 16-bit Event counters * Serial Number with Write-lock for Security Ferroelectric Nonvolatile RAM * 4Kb, 16Kb, 64Kb, and 256Kb versions * Unlimited Read/Write Endurance * 10 year Data Retention * NoDelayTM Writes Real-time...
Description 5V Integrated Processor Companion with Memory

File Size 327.14K  /  25 Page

View it Online

Download Datasheet

    Intel
Part No. A82596DX KU82596DX KU82596SX
OCR Text ...nitor mode e 32-bit statistical counters y self-test diagnostics y configurable initialization root for data structures y high-speed, 5-v, chmos ** iv technology y 132-pin plastic quad flat pack (pqfp) and pga package (see packaging specifi...
Description High-performance 32-bit local area network coprocessor

File Size 764.91K  /  77 Page

View it Online

Download Datasheet

    Intel
Part No. A82596CA KU82596CA
OCR Text ...nitor mode e 32-bit statistical counters y 82586 software compatible y self-test diagnostics y optimized cpu interface e optimized bus interface to intel's i486 tm dx, i486 tm sx, i487 tm sx and 80960ca processors e 33 mhz, 25 mhz, 20 mhz a...
Description High-performance 32-bit local area network coprocessor

File Size 739.58K  /  76 Page

View it Online

Download Datasheet

For counters Found Datasheets File :: 10359    Search Time::1.86ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of counters

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.55265307426453