PART |
Description |
Maker |
ISL22313UFU10Z ISL22313 ISL22313TFU10Z ISL22313WFU |
Single Digitally Controlled Potentiometer (XDCP), Low Noise, Low Power, I-2CBus, 256 Taps Single Digitally Controlled Potentiometer (XDCP? Single Digitally Controlled Potentiometer XDCP
|
Intersil Corporation
|
AD8369ARU-REEL7 AD8369 |
600 MHz, 45 dB Digitally Controlled Variable Gain Amplifier 45 dB Digitally Controlled VGA LF to 600 MHz
|
Analog Devices, Inc.
|
X9119TV14Z-2.7 X9119TV14IZ-2.7 |
Single Digitally-Controlled (XDCP? Potentiometer Single Digitally Controlled (XDCP™) Potentiometer; Temperature Range: 0°C to 70°C; Package: 14-TSSOP
|
http:// Intersil Corporation
|
X9315WSIT1 X9315WST1 X9315WSIZ X9315WSIZT1 X9315WS |
Digitally Controlled Potentiometer (XDCP™); Temperature Range: 0°C to 70°C; Package: 8-SOIC T&R Digitally Controlled Potentiometer (XDCP™); Temperature Range: -40°C to 85°C; Package: 8-MSOP T&R 100K DIGITAL POTENTIOMETER, INCREMENT/DECREMENT CONTROL INTERFACE, 32 POSITIONS, PDSO8 Digitally Controlled Potentiometer (XDCP?
|
Intersil, Corp. Intersil Corporation
|
X9511WP X9511WS X9511WSZ X9511 X9511WPI X9511WPIZ |
Single Digitally-Controlled (XDCP) Potentiometer (Push Button Controlled)
|
INTERSIL[Intersil Corporation]
|
X9429WS16I X9429WS16IZ X9429WV14IZ-2.7T1 INTERSILC |
Single Digitally Controlled Potentiometer(XDCP? Single Digitally Controlled Potentiometer (XDCP™); Temperature Range: -40°C to 85°C; Package: 14-TSSOP T&R 10K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO14
|
Intersil Corporation Intersil, Corp.
|
FX009 FX009LG FX009LS |
Digitally Controlled Amplifier Array Digitally Controlled Amp Array
|
CML Microcircuits
|
QQ-28 QQ-28-10T QQ-12 |
500 MHz - 1000 MHz, 0 deg - 360 deg RF/MICROWAVE DIGITALLY CONTROLLED PH SHFTR 100 MHz - 200 MHz, 45 deg - 45 deg RF/MICROWAVE DIGITALLY CONTROLLED PH SHFTR
|
|
EPA1140-350 EPA1140-175 EPA1140-225 EPA1140-450 EP |
Quad Digitally Controlled Potentiometers (XDCP); Temperature Range: -40°C to 85°C; Package: 24-SOIC Tapped Delay Line Quad Digitally Controlled (XDCP) Potentiometers; Temperature Range: -40°C to 85°C; Package: 24-TSSOP T&R Quad Digitally Controlled Potentiometers (XDCP™); Temperature Range: 0°C to 70°C; Package: 24-SOIC 抽头延迟
|
Glenair, Inc.
|
EP9604G-850 EP9604G-150 EP9604G-350 EP9604G-60 EP9 |
Dual Digitally Controlled (XDCP) Potentiometers; Temperature Range: -40°C to 85°C; Package: 24-SOIC Dual Digitally Controlled (XDCP) Potentiometers; Temperature Range: 0°C to 70°C; Package: 24-SOIC Dual Digitally Controlled (XDCP) Potentiometers; Temperature Range: 0°C to 70°C; Package: 24-TSSOP Tapped Delay Line 抽头延迟 Dual Digitally Controlled (XDCP™) Potentiometers; Temperature Range: 0°C to 70°C; Package: 24-TSSOP 抽头延迟
|
Data Delay Devices, Inc. Advanced Micro Devices, Inc.
|