PART |
Description |
Maker |
PE8255 |
50 Ohm SMA To SMA Adjustable Phase Shifter Operating From DC to 18 GHz With an Adjustable Phase of 60.00 Deg. Per GHz
|
Pasternack Enterprises,...
|
TC620CVOA TC620 TC621 TC621XEPA TC620XCOA TC620XCP |
5V, dual trip point temperature sensors, low true control output (TC620 / TC621) Dual Trip Point Temperature Sensors The TC620 and TC621 are programmable logic output temperature detectors designed for use in thermal management applications. The TC620 features an on-board temperature sensor, while the TC621 connects to an external NTC thermistor for remo
|
MICROCHIP[Microchip Technology]
|
FAN5182QSCXNA3E229 FAN5182 FAN518208 |
Adjustable Output, 1-, 2-, or 3-Phase Synchronous Buck Controller
|
Fairchild Semiconductor
|
AM4967GSTR-G1 AM4967RGSTR-G1 AM4967GS-G1 AM4967RGS |
ADJUSTABLE-SPEED SINGLE-PHASE FULL-WAVE PRE-DRIVER FOR MOTOR
|
Diodes Incorporated
|
LTC1708-PG LTC1708-PG1 LTC1708EG-PG |
Dual Adjustable 5-Bit VID High Efficiency, 2-Phase Current Mode Synchronous Buck DC/DC Controller
|
Linear Technology
|
TC623CVOA TC623CCOA TC623CCPA TC623CEOA TC623CEPA |
3V, Dual Trip Point Temperature Sensor
|
MICROCHIP[Microchip Technology]
|
MTL5521 |
FREQUENCY TO CURRENT CONVERTER AND TRIP AMPLIFIER
|
ETC[ETC]
|
TC620 |
5V, DUAL TRIP POINT TEMPERATURE SENSORS
|
TelCom Semiconductor, Inc
|
GV3P40 |
motor circuit breaker thermomagnetic trip unit
|
Schneider
|
TC626055CZB TC626055EAB |
DIGITAL TEMP SENSOR-SINGLE TRIP POINT
|
|
TC624VPA TC622_06 TC622COA TC622CPA TC622EAT TC622 |
Low Cost Single Trip Point Temperature Sensor
|
MICROCHIP[Microchip Technology]
|
FT500DL FT500DL-24 FT500DL-4 FT500DL-20 FT500DL-16 |
Phase control SCR. 500A, 400V. Phase Control SCR 500 Amperes Avg 200-1400 Volts Phase control SCR. 500A, 1200V. Phase control SCR. 500A, 200V. Phase control SCR. 500A, 1000V. Phase control SCR. 500A, 800V. Phase control SCR. 500A, 300V. Phase control SCR. 500A, 500V. Phase control SCR. 500A, 600V. Phase control SCR. 500A, 1400V.
|
Powerex Power Semiconductor... POWEREX[Powerex Power Semiconductors]
|