PART |
Description |
Maker |
AD8370ARE AD8370-EVAL AD8370 AD8370ARE-REEL7 |
750MHz Digitally Controlled Variable Gain Amplifier LF to 750 MHz Digitally Controlled VGA
|
AD[Analog Devices]
|
FX009A FX009ALS FX009AJ |
Digitally Controlled Amp Array Digitally Controlled Gain Amplifier 数控增益放大
|
CONSUMER MICROCIRCUITS LIMITED
|
X9318WS8 X9318WS8Z X9318 X9318WP8 X9318WP8I X9318W |
Digitally Controlled Potentiometer Digitally Controlled Potwntiometer(XSCP) CRIMP SHELLS, DB25 MALE
|
INTERSIL[Intersil Corporation]
|
ISL90460 ISL90460WIH527Z-TK ISL90460TIE527-TK ISL9 |
Digitally Controlled Potentiometer (XD 50K DIGITAL POTENTIOMETER, INCREMENT/DECREMENT CONTROL INTERFACE, 32 POSITIONS, PDSO6 Digitally Controlled Potentiometer (XD 100K DIGITAL POTENTIOMETER, INCREMENT/DECREMENT CONTROL INTERFACE, 32 POSITIONS, PDSO6 Digitally Controlled Potentiometer (XD 10K DIGITAL POTENTIOMETER, INCREMENT/DECREMENT CONTROL INTERFACE, 32 POSITIONS, PDSO6 Single Volatile 32-Tap Digitally Controlled Potentiometer (XDCP™)
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
X93156WM8IZ-2.7 X93156 X93156UM8I-2.7 X93156UM8IZ- |
Digitally Controlled Potentiometer :SEMITOP-4; Voltage, Vceo:600V; Voltage, Vce sat max:1.9V; Current, Ic continuous a Digitally Controlled Potentiometer 50K DIGITAL POTENTIOMETER, INCREMENT/DECREMENT CONTROL INTERFACE, 32 POSITIONS, PDSO8
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
X9C503 X9C103 X9C104ST1 X9C102 X9C10209 X9C104SIZT |
Digitally Controlled Potentiometer (XDCP™); Temperature Range: 0°C to 70°C; Package: 8-SOIC T&R 100K DIGITAL POTENTIOMETER, INCREMENT/DECREMENT CONTROL INTERFACE, 100 POSITIONS, PDSO8 Wiper Position Stored in Non-volatile Memory and Recalled on Power-up Digitally Controlled Potentiometer (XDCP?
|
Intersil Corporation Intersil, Corp.
|
X9111_06 X9111 X9111TV14 X9111TV14-2.7 X9111TV14I |
Single Digitally-Controlled (XDCP? Potentiometer Single Digitally-Controlled (XDCP⑩) Potentiometer
|
http:// INTERSIL[Intersil Corporation]
|
ISL9084106 ISL90841WIV1427Z ISL90841UIV1427Z |
Quad Digitally Controlled Potentiometers (XDCP? Quad Digitally Controlled Potentiometers (XDCP⑩)
|
INTERSIL[Intersil Corporation]
|
X9511WP X9511WS X9511WSZ X9511 X9511WPI X9511WPIZ |
Single Digitally-Controlled (XDCP) Potentiometer (Push Button Controlled)
|
INTERSIL[Intersil Corporation]
|
EPA073HL-225 EPA073HL-100 EPA073HL-300 EPA073HL-35 |
Digitally Controlled Potentiometer (XDCP); Temperature Range: 0°C to 70°C; Package: 8-SOIC Quad Digitally Controlled Potentiometers (XDCP); Temperature Range: -40°C to 85°C; Package: 24-SOIC Quad Digitally Controlled Potentiometers (XDCP); Temperature Range: 0°C to 70°C; Package: 24-TSSOP Dual Digitally Controlled Potentiometers (XDCPs); Temperature Range: -40°C to 85°C; Package: 14-TSSOP DELAY LINE|FIXED TAPS|1-LINE|5-TAP|HYBRID|DIP|14PIN|PLASTIC 延迟线|定额丝锥| 1线| 5,技术咨询|混合|双酯| 14PIN |塑料 Quad Digitally Controlled Potentiometers (XDCP™); Temperature Range: -40°C to 85°C; Package: 24-SOIC 延迟线|定额丝锥| 1线| 5,技术咨询|混合|双酯| 14PIN |塑料 Digitally Controlled Potentiometer (XDCP™); Temperature Range: 0°C to 70°C; Package: 8-SOIC 延迟线|定额丝锥| 1线| 5,技术咨询|混合|双酯| 14PIN |塑料
|
Abracon, Corp. TE Connectivity, Ltd.
|
X93156UM8I-2.7 X93156UM8IZ-2.7 X93156WM8IZ-2.7T1 X |
Single Digitally Controlled Potentiometer (XDCP? Low Noise, Low Power, 3 wire Up/Down, 32 Taps Single Digitally Controlled Potentiometer (XDCP?
|
Intersil Corporation
|
ST6373 ST6373J2B1 ST6373J3B1 ST6373J5B1 5022 ST63E |
8-BIT MICROCONTROLLER (MCU) WITH ROM, EPROM, OTP FOR DIGITALLY CONTROLLED MULTISYNC/MULTISTANDARD MONITORS 8-BIT ROM/OTP/EPROM MCUs FOR DIGITALLY CONTROLLED MULTISYNC/MULTISTANDARD MONITORS From old datasheet system
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics]
|