PART |
Description |
Maker |
TMP06BKS-500RL7 TMP05BKS-500RL7 TMP05ART-REEL7 TMP |
±0.5°C Accurate PWM Temperature Sensor in 5-Lead SC-70 TV 22C 22#22D PIN PLUG 0.5∑C Accurate PWM Temperature Sensor in 5-Lead SC-70 .5C Accurate PWM Temperature Sensor in 5-Lead SC-70 .5∑C Accurate PWM Temperature Sensor in 5-Lead SC-70 DIGITAL TEMP SENSOR-SERIAL, 12BIT(s), 2Cel, RECTANGULAR, SURFACE MOUNT .5∑C Accurate PWM Temperature Sensor in 5-Lead SC-70 DIGITAL TEMP SENSOR-SERIAL, 12BIT(s), 1Cel, RECTANGULAR, SURFACE MOUNT TV 22C 22#22D SKT PLUG DIGITAL TEMP SENSOR-SERIAL, 12BIT(s), 2Cel, RECTANGULAR, SURFACE MOUNT .5∑C Accurate PWM Temperature Sensor in 5-Lead SC-70 .5ΣC高精度PWM温度传感器在5引脚SC - 70 ??.5?? Accurate PWM Temperature Sensor in 5-Lead SC-70
|
Analog Devices, Inc. ANALOG DEVICES INC
|
ADT7301ARM ADT7301ARM-REEL ADT7301ARM-REEL7 ADT730 |
DIGITAL TEMP SENSOR-SERIAL, 13BIT(s), 4Cel, RECTANGULAR, SURFACE MOUNT LEAD FREE, PLASTIC, MO-178AB, SOT-23, 6 PIN 13-Bit, 0.5C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23 13-Bit/ 0.5C Accurate/ MicroPower Digital Temperature Sensor in 6-Lead SOT-23 13-Bit, ±1ºC Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23 and 8-Lead MSOP
|
Analog Devices, Inc.
|
MAX6581TG9A MAX6581TG98 MAX6581TG9C MAX6581TG9E |
隆戮1隆?C Accurate 8-Channel Temperature Sensor 卤1掳C Accurate 8-Channel Temperature Sensor ±1°C Accurate 8-Channel Temperature Sensor
|
Maxim Integrated Products
|
AD8551 AD8552 |
Worlds Most Accurate Single-Channel Amplifier at 3 V-5 V Worlds Most Accurate Dual-Channel Amplifier at 3 V-5 V
|
Analog Devices
|
SMP11GY SMP10EY SMP10AY SMP11BY SMP11FY SMP11GP SM |
Low Droop Rate / Accurate / Sample and Hold Amplifiers IC,SAMPLE/TRACK-AND-HOLD AMPLIFIER,SINGLE,DIP,14PIN,CERAMIC LOW DROOP RATE/ACCURATE SAMPLE-ANDHOLD AMPLIFIERS
|
adi Analog Devices http://
|
24LC04B-/SN 24LC04B-I/SL 24LC04B-I/SM 24LC04B-/SM |
Extremely Accurate I2C-Integrated RTC/TCXO/Crystal 6-/8-/12-Port DS3/E3/STS-1 LIU Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs I2C Serial EEPROM I2C串行EEPROM Extremely Accurate I<sup>2</sup>C-Integrated RTC/TCXO/Crystal I2C串行EEPROM
|
Microchip Technology, Inc. Techspray
|
AQ200GY-N3-12-TRL AQ200GY-N3-12-BUL AQ200GY-M3-12- |
3oC Accurate with Hysteresis 120oC Thermostat SOT23, TO-92, PSOT23-6, SC70 Packages 3ìC Accurate with Hysteresis 120ìC Thermostat SOT23, TO-92, PSOT23-6, SC70 Packages
|
Acutechnology Semiconductor
|
LTC1992 LTC1998IS6 LTC1998 LTC1998C LTC1998CS6 LTC |
2.5uA, 1% Accurate SOT-23 Comparator and Voltage Reference for Battery Monitoring 2.5uA1%精度,采用SOT - 23比较器和电池电压参考监 2.5uA/ 1% Accurate SOT-23 Comparator and Voltage Reference for Battery Monitoring From old datasheet system
|
Linear Technology, Corp. LINER[Linear Technology]
|
ADT7302ARMZ ADT7302ARMZ-REEL7 ADT7302ART-500RL7 AD |
±2°C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23 【2∑C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23 ±2°C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23
|
AD[Analog Devices]
|
PC74HC4516 PC74HCT4516 |
(It is accurate) Binary Up/Down Counter
|
NXP
|
WT431 |
Adjustable Accurate Reference Source
|
Weitron Technology
|
PC74HC4002 |
(It is accurate) Dual 4-Input NOR Gate
|
NXP
|