Part Number Hot Search : 
15SQ035 74LVC1G 74LVC1G AD6652 SFH6942 DG540 SFH6942 ENA1198
Product Description
Full Text Search
  accurate Datasheet PDF File

For accurate Found Datasheets File :: 53366    Search Time::1.188ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    MAX15068

Maxim Integrated Products
Part No. MAX15068
OCR Text ...s factory-calibrated to deliver accurate overcurrent protection with 5% accuracy. during an overcurrent-fault condition, the device enters an autoretry mode. the device features an adjustable slew-rate control during startup. ad...
Description Dual ORing, Single Hot-Swap Controller

File Size 436.68K  /  17 Page

View it Online

Download Datasheet





    Maxim Integrated Products, Inc.
Part No. MAX21100
OCR Text ... max21100 is the industrys most accurate 6+3 dof inertial measurement unit available in a 3mm x 3mm x 0.83mm package and capable of working with a supply voltage as low as 1.71v. the max21100 can interface an external magnetometer throu...
Description Low-Power, Ultra-accurate 6 3 DoF IMU

File Size 856.20K  /  32 Page

View it Online

Download Datasheet

    AD9101 AD9101AE AD9101AR AD9101SE

AD[Analog Devices]
Part No. AD9101 AD9101AE AD9101AR AD9101SE
OCR Text ...N The AD9101 is an extremely accurate, general purpose, high speed sampling amplifier. Its fast and accurate acquisition speed allows for a wide range of frequency vs. resolution performance. The AD9101 is capable of 8 to 12 bits of accu...
Description 125 MSPS Monolithic Sampling Amplifier

File Size 240.80K  /  12 Page

View it Online

Download Datasheet

    MAXIM[Maxim Integrated Products]
Part No. DS2745 DS2745U__TR DS2745U_ DS2745U_R DS2745U_T DS2745U/T DS2745U/R
OCR Text ...ith each measurement to support accurate "coulomb counting". Each current measurement is reported with sign and magnitude in the two-byte Current register. The Accumulated Current register (ACR) reports the coulomb count and supports a wide...
Description Low-Cost I2C Battery Monitor

File Size 220.31K  /  14 Page

View it Online

Download Datasheet

    MAT04FP MAT04FS MAT04FY MAT04 MAT04EY MAT04AY

AD[Analog Devices]
Part No. MAT04FP MAT04FS MAT04FY MAT04 MAT04EY MAT04AY
OCR Text ...ior logarithmic conformance and accurate matching characteristics of the MAT04 makes it an excellent choice for use in log and antilog circuits. The MAT04 is an ideal choice in applications where low noise and high gain are required. REV...
Description Matched Monolithic Quad Transistor

File Size 850.28K  /  12 Page

View it Online

Download Datasheet

    microchip
Part No. PS501
OCR Text ...(SBData) v1.1 values. 1.6 accurate Integrated Time Base The PS501 integrates a highly accurate silicon oscillator that provides accurate timing for self-discharge and capacity calculations and eliminates the need for an external cr...
Description Single Chip Field Reprogrammable Battery Manager

File Size 322.79K  /  40 Page

View it Online

Download Datasheet

    MAXIM[Maxim Integrated Products]
Part No. MAX8521 MAX8520 MAX8520ETP MAX8521ETP MAX8521EBX
OCR Text ...revents TEC Current Surges o 5% accurate Adjustable Heating/Cooling Current Limits o 2% accurate TEC Voltage Limit o No Dead Zone or Hunting at Low Output Current o ITEC Monitors TEC Current o 1% accurate Voltage Reference o Switching Frequ...
Description Smallest TEC Power Drivers for Optical Modules

File Size 601.96K  /  19 Page

View it Online

Download Datasheet

    Torex 
Part No. XC61CN2702NR
OCR Text accurate : 2% NLow Power Consumption : 0.7A (VIN = 1.5V) NUltra small SSOT-24 (SC-82) Package GMicroprocessor reset circuitry GMemory battery back-up circuits GPower-on reset circuits GPower failure detection GSystem battery life and charg...
Description Voltage Detector 

File Size 288.09K  /  14 Page

View it Online

Download Datasheet

    AD7885

Analog Devices
Part No. AD7885
OCR Text ...IT ADC 9 VREF- SW3 16-BIT accurate DAC 9 TIMER R7 2k R8 2k VREF+F VREF+S VINV O U LATCH T 16 P + U ALU T 9 D R I V 16 E R S DB15 DB0 CONTROL CS RD GENERAL DESCRIPTION The AD7884/AD7885 is a 16-bit monolithic analo...
Description LC2MOS 16-Bit High Speed Sampling ADCs

File Size 189.43K  /  16 Page

View it Online

Download Datasheet

For accurate Found Datasheets File :: 53366    Search Time::1.188ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of accurate

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.50809693336487