PART |
Description |
Maker |
UCP-3.3/15-D48S UCP-3.3/15-D24N UCP-3.3/15-D48N UC |
5V STEP-DOWN CURRENT MODE PWM DC-DC CONVERTERS 3 A, 900 kHz, monolithic synchronous step-down regulator 2 A, 1.5 MHz PWM step-down switching regulator with synchronous rectification Synchronous rectification with enable, 0.7 A, 1.7 MHz fixed or adjustable step-down switching regulator in TSOT23-5L 型DC - DC电压转换 Synchronous rectification with inhibit, 1.5 A, 1.5 MHz fixed or adjustable, step-down switching regulator 型DC - DC电压转换
|
TE Connectivity, Ltd.
|
UC3500 UC3550L-XX-AF5-R UC3550-XX-AF5-R UC3550-33- |
PWM CONTROLLED,PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER PWM控制,PWM / PFM切换升压型DC - DC控制 PWM CONTROLLED锛?WM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER HIGH EFFICIENCY VFM CONTROLLED STEP-UP DC/DC CONVERTER
|
??『绉???′唤?????? Unisonic Technologies Co., Ltd. 友顺科技股份有限公司 UTC[Unisonic Technologies]
|
HIP6521 HIP6521CB HIP6521EVAL1 |
PWM Controller and Triple Linear Power Controller, Adjustable Outputs, 0.8V Reference, ?% Reg, 300kHz Fsw PWM and Triple Linear Power Controller
|
INTERSIL[Intersil Corporation]
|
X24645 X24645P X24645P-2.7 X24645PI X24645PI-2.7 X |
Voltage Regulator IC; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes 先进2线串行e2座门锁TM保护胎膜早破 Isolated Flyback Switching Regulator with 9V Output 隔离反激式开关稳9V输出 IC SW REG STEP-UP 1.4A SOT23-5 IC STEP-UP SW REG 1.4A 10-MLPD Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
|
TOKO, Inc. STMicroelectronics N.V. Electronic Theatre Controls, Inc. XICOR[Xicor Inc.]
|
MAX640C/D MAX653C/D MAX653EPA MAX653ESA MAX653 MAX |
5V/3.3V/3V Adjustable, High-Efficiency, Low-IQ, Step-Down DC-DC Converters 700-mW Mono, Differential Input, Class-AB Audio Amplifier with Active Low Shutdown 8-SOIC -40 to 85 5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Converters 5V/3.3V/3V/可调、高效率、低IQ、降压型DC-DC转换 8-Bit Shift Register 24-SOIC -40 to 125 1 A SWITCHING REGULATOR, PDIP8 5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Converters 1 A SWITCHING REGULATOR, PDSO8
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
LTC1876 |
High Efficiency, 2-Phase, Synchr., Dual, Step-Down Sw. Contr. W/ Step-Up Reg.
|
Linear
|
XC6376SERIES XC6377SERIES TOR018 |
PWM Controlled,PWM/PFM Switchable Step-down DC/DC Converters From old datasheet system
|
Torex
|
XC92082LCMR XC9206 XC9206153ML XC9206153MR XC92061 |
PWM, PWM/PFM Switchable Step-Down DC/DC Converters with Driver Transistor Built-In
|
TOREX[Torex Semiconductor]
|
MAX787 MAX789 MAX788 |
5V/3.3V/3V 5A Step-Down, PWM,
Switch-Mode DC-DC Regulators(5A,5V步降,PWM,开关型DC-DC变换
|
Maxim Integrated Products, Inc.
|
UC3550G-XX-AF5-R UC355010 |
PWM CONTROLLED,PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
|
Unisonic Technologies
|