Part Number Hot Search : 
HVD138 MMBTA HVD138 MCR08B 600BR MNR4G C74HC0 MNR4G
Product Description
Full Text Search
  ccfl Datasheet PDF File

For ccfl Found Datasheets File :: 1767    Search Time::0.922ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    MAX1610 MAX1610CSE MAX1610-MAX1611 MAX1611 MAX1611CSE

MAXIM - Dallas Semiconductor
MAXIM[Maxim Integrated Products]
Part No. MAX1610 MAX1610CSE MAX1610-MAX1611 MAX1611 MAX1611CSE
OCR Text ccfl Backlight Power Supplies ____________________________Features _______________General Description The MAX1610/MAX1611 are fully integrated, highefficiency drivers for cold-cathode fluorescent lamps (ccfls). They operate from a 4.5V...
Description Digitally Controlled ccfl Backlight Power Supplies

File Size 135.38K  /  20 Page

View it Online

Download Datasheet





    Toshiba
Part No. LTM10C313U
OCR Text ...imately) 270 g backlight single ccfl, sidelight type absolute maximum ratings item min. max. unit ( v dd ) -0.3 4.0 v supply voltage ( v fl ) 0 2.0 kv( rms) fl driving frequency ( f fl ) - 100 khz input signal voltage ( v in ) -0.3 v dd +...
Description LCD Module

File Size 138.12K  /  10 Page

View it Online

Download Datasheet

    LXM1598-01

MICROSEMI[Microsemi Corporation]
Part No. LXM1598-01
OCR Text ccfl I T HE NVERTER M ODULES I NFINITE P OWER OF I N N O VAT I O N Not Recommended for New Designs K E Y F E AT U R E S s 15 to 30% More Light Output s Closed Loop, Fully Regulating Design s 10V To 14V I...
Description 12V ccfl INVERTER MODULES

File Size 233.82K  /  5 Page

View it Online

Download Datasheet

    LXE1686-0X LXE1686-OX LXE1686-01 LXE1686-02 LXE1686-03

MICROSEMI[Microsemi Corporation]
Part No. LXE1686-0X LXE1686-OX LXE1686-01 LXE1686-02 LXE1686-03
OCR Text ... DESCRIPTION The LXE1686-0x ccfl Inverter Evaluation Boards are designed to demonstrate Linfinity's LX1686 Backlight Controller IC. It consists of a fully assembled and tested inverter circuit board. This design guide complements the LX...
Description ccfl Inverter Module - Single Lamp
INVERTER EVALUATION BOARD

File Size 392.42K  /  15 Page

View it Online

Download Datasheet

    Toshiba
Part No. LTM04C380K
OCR Text ...oximately) 65g backlight single ccfl, sidelight type absolute maximum ratings item min. max. unit ( v dd ) (0.0) (4.5) v supply voltage ( v fl ) --- (1.5) kvrms fl driving frequency ( f fl ) --- (160) khz input signal voltage ( v in )...
Description LCD Module

File Size 182.89K  /  9 Page

View it Online

Download Datasheet

    MPS
Part No. MP1018
OCR Text ccfl driver controller mp1018 rev 1.1_07/10/03 monolithic power systems, inc. 1 monolithic power systems general description the mp1018 is a cold cathode florescent lamp (ccfl) driver controller optimized for flat panel monitor ...
Description Flat Panel Monitor ccfl Driver Controller

File Size 320.37K  /  11 Page

View it Online

Download Datasheet

    GREEN C&C TECH
Part No. GH027I
OCR Text ccfl backlight inverter(rohs) model name : gh027i gcct name : gcct027ae approval checked written documentation for approval please return one document after approved sign. d.c.d. display solution srl via timermans, 6 torino italy www.dcd.it...
Description ccfl BACKLIGHT INVERTER

File Size 814.65K  /  36 Page

View it Online

Download Datasheet

    TPU207 TPU207N-1001

TOKO, Inc.
TOKO Inc
TOKO[TOKO, Inc]
Part No. TPU207 TPU207N-1001
OCR Text ... DESCRIPTION The TPU207 is a ccfl driving inverter unit with a maximum height of 3.5 mm. It uses a piezo-ceramic transformer and is suitable as a inverter unit for small LCD monitors (1.8 to 4.0 inch display). TPU207 48.5 OUT+ VIN...
Description Circular Connector; MIL SPEC:MIL-C-5015 E/F/R; Body Material:Aluminum Alloy; Series:SG3102; Number of Contacts:30; Connector Shell Size:32; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle 压电逆变器模
PIEZOELECTRIC INVERTER MODULE

File Size 17.82K  /  2 Page

View it Online

Download Datasheet

    LT1182 LT1182CS LT1183 LT1183CS LT1184 LT1184CS LT1184F LT1184FCS

LINER[Linear Technology]
Part No. LT1182 LT1182CS LT1183 LT1183CS LT1184 LT1184CS LT1184F LT1184FCS
OCR Text ccfl/LCD Contrast Switching Regulators FEATURES s s s s s s s DESCRIPTION The LT(R)1182/LT1183 are dual current mode switching regulators that provide the control function for Cold Cathode Fluorescent Lighting (ccfl) and Liquid Crys...
Description From old datasheet system
ccfl/LCD Contrast Switching Regulators

File Size 405.10K  /  24 Page

View it Online

Download Datasheet

For ccfl Found Datasheets File :: 1767    Search Time::0.922ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of ccfl

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.62590384483337