PART |
Description |
Maker |
TMP47E885AF |
High Speed,Advanced,Single-chip,4-Bit Microcomputer with a Built-in 64x8 bit EEPROM,Enhanced Timer/Counter Function, an 8-bit Asynchronous Serial Interface(高先进内置64 x 8位EEPROM,增强的定时器/计数器功4位单片微控制
|
Toshiba Corporation
|
MSM64172 |
From old datasheet system 4-Bit Microcontroller with Built-in Serial Port and LCD Driver
|
OKI electronic componets
|
AD7244AQ AD7244JN AD7244JR AD7244SQ3 AD7242BQ AD72 |
CMOS, Dual, Complete 12-Bit Serial DACPORT TM LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs DUAL, SERIAL INPUT LOADING, 2 us SETTLING TIME, 12-BIT DAC, CDIP24 LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs LC2MOS双,完整2-Bit/14-Bit串行数模转换 LC2MOS Dual/ Complete/ 12-Bit/14-Bit Serial DACs XTAL PLAS SMT 13X5 4PAD
|
Analog Devices, Inc. ANALOG DEVICES INC http://
|
MAX1069 MAX1069ACUD MAX1069BCUD MAX1069CCUD MAX106 |
0.3-6V; 58.6ksps, 14-bit, 2-wire serial 8-bit serial ADC. For hand-held portable applications, medical instrumnets, battery-powered test equipment, solar-powered remote systems, received-signal-strength indicators, system supervision 58.6ksps 14-Bit 2-Wire Serial ADC " 58.6ksps, 14-Bit, 2-Wire Serial ADC in a 14-Pin TSSOP" 58.6ksps / 14-Bit / 2-Wire Serial ADC
|
MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX1970-MAX1972 MAX1970EEE MAX1971 MAX1971EEE MAX1 |
Dual, 180° Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO Fixed-Point Digital Signal Processor 532-FCBGA 0.75 A SWITCHING REGULATOR, 1600 kHz SWITCHING FREQ-MAX, PDSO16 Dual, 180Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO 双路80°异相.4MHz50mA、降压型调节器,带有POR和RSI/PFO Dual / 180 Out-of-Phase / 1.4MHz / 750mA Step- Down Regulator with POR and RSI/PFO Dual, 180??Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO
|
http:// Maxim Integrated Products, Inc.
|
AD7827BR-REEL AD7827BR-REEL7 AD7827BRZ AD7827BN |
3 V/5 V, 1 MSPS, 8-Bit, Serial Interface Sampling ADC 1-CH 8-BIT FLASH METHOD ADC, SERIAL ACCESS, PDSO8 14-Bit 48KSPS DAS with ADC, MUX, PGA and Internal Reference 28-SSOP -40 to 85 1-CH 8-BIT FLASH METHOD ADC, SERIAL ACCESS, PDIP8 3/5V, 1 MSPS, 8-Bit, Serial Interface Sampling ADC; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 1-CH 8-BIT FLASH METHOD ADC, SERIAL ACCESS, PDSO8
|
Analog Devices, Inc.
|
MAX1239EEE-T MAX122BEAG MAX122BEAGT MAX1241AESA-T |
2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs 12-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO16 500ksps, Sampling, 12-Bit ADC with Track/Hold and Reference 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO24 2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8
|
Maxim Integrated Products, Inc.
|
IS24C02A-2ZI IS24C04A-2PI |
1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8
|
Integrated Silicon Solution, Inc.
|
AD9228BCPZRL-65 |
Quad, 12-bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter 4-CH 12-BIT PROPRIETARY METHOD ADC, SERIAL ACCESS, QCC48
|
Analog Devices, Inc.
|
SPT7830 SPT7830SCS SPT7830SCU SPT7830SIS |
10-BIT, 2.5 MSPS, SERIAL OUTPUT A/D CONVERTER 1-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8 From old datasheet system
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
|