Part Number Hot Search : 
NAS1103 D20400 DTA123J TA1007A R66FC KGZ10 4B06A T346010
Product Description
Full Text Search
  4-bit Datasheet PDF File

For 4-bit Found Datasheets File :: 108456    Search Time::2.547ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    Analog Devices, Inc.
Part No. AD14160KB-4 AD14160LKB-4 AD14160LBB-4
OCR Text 4) 480 MFLOPS Peak, 320 MFLOPS Sustained 25 ns Instruction Rate, Single-Cycle Instruction Execution-Each of Four Processors 16 Mbit Shared S...Bit Single Precision and 40-Bit Extended Precision IEEE Floating Point Data Formats, or 32-Bit Fixed...
Description Quad-SHARC DSP Multiprocessor Family
ECONOLINE: RD & RC - Dual Output from a Single Input Rail- 1kVDC & 2kVDC Isolation- Power Sharing on Output- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 86%

File Size 1,205.01K  /  52 Page

View it Online

Download Datasheet





    VG2618165CJ-4

Vanguard International Semiconductor
Part No. VG2618165CJ-4
OCR Text ...esh Document:1G5-0158 Rev.4 Page 1 VIS VG26(V)(S)18165C 1,048,576 x 16 - Bit CMOS Dynamic RAM Pin Configuration 42-Pin 400mil Plastic SOJ 44-Pin 400mil Plastic TSOPII VCC DQ1 DQ2 DQ3 DQ4 VCC DQ5 DQ6 DQ7 DQ8 NC NC WE...
Description Vanguard International Semiconductor Corporation (VIS)

File Size 258.90K  /  28 Page

View it Online

Download Datasheet

    HY5DU643222AQ-4 HY5DU643222AQ-43 HY5DU643222AQ-5 HY5DU643222AQ-7

Hynix Semiconductor
Part No. HY5DU643222AQ-4 HY5DU643222AQ-43 HY5DU643222AQ-5 HY5DU643222AQ-7
OCR Text ...o. history draft date remark 0.4 1) removed 183/166mhz parts from speed bin 2) define idd specification 3) changed vih/vil of ac operating...bit cmos double da ta rate(ddr) synchronous dram, ideally suited for the point-to-point applications...
Description GDDR SDRAM - 64Mb

File Size 298.66K  /  28 Page

View it Online

Download Datasheet

    HM62V16100LBPI-4 HM62V16100LBPI-4SL HM62V16100LBPI-5SL HM62V16100LTI-5SL HM62V16100I HM62V16100LTI-4 HM62V16100LTI-4SL

Hitachi,Ltd.
Renesas Electronics Corporation
Part No. HM62V16100LBPI-4 HM62V16100LBPI-4SL HM62V16100LBPI-5SL HM62V16100LTI-5SL HM62V16100I HM62V16100LTI-4 HM62V16100LTI-4SL
OCR Text ...rmation Type No. HM62V16100LTI-4 HM62V16100LTI-4SL HM62V16100LTI-5SL HM62V16100LBPI-4 HM62V16100LBPI-4SL HM62V16100LBPI-5SL Access time 45 ...bit. Word mode: LSB (least significant bit) is A0. Byte mode: LSB (least significant bit) is A-1. ...
Description Wide Temperature Range Version 宽温版本
Wide Temperature Range Version 16 M SRAM (1-Mword × 16-bit)
Wide Temperature Range Version 16 M SRAM (1-Mword 隆驴 16-bit)

File Size 209.09K  /  25 Page

View it Online

Download Datasheet

    HY5DU561622FTP-4 HY5DU561622FTP-5 HY5DU561622FLTP-5 HY5DU561622FLTP-4

Hynix Semiconductor
Part No. HY5DU561622FTP-4 HY5DU561622FTP-5 HY5DU561622FLTP-5 HY5DU561622FLTP-4
OCR Text 4 256M(16Mx16) DDR SDRAM HY5DU561622F(L)TP-5 HY5DU561622F(L)TP-4 This document is a general product description and is subject to cha...bit CMOS Double Data Rate(DDR) Synchronous DRAM, ideally suited for the point-to-point applications ...
Description 256M(16Mx16) DDR SDRAM

File Size 176.03K  /  28 Page

View it Online

Download Datasheet

    TDL2A-433-4 TDL2A-433-9

Radiometrix Ltd
Part No. TDL2A-433-4 TDL2A-433-9
OCR Text ...an) RF GND 1 Antenna 2 RF GND 3 4 5 6 No pin 7 8 9 30.48 mm 33 mm 18 17 16 15 14 13 12 11 10 GND Vcc ENABLE SETUP TXD NC RXD STATUS GND 2...bit) and 16kHz (31.25s short bit). Radiometrix Ltd TDL2A Data Sheet page 5 Programming the TDL2A...
Description UHF Multi Channel Transparent Data Link Transceiver

File Size 346.81K  /  11 Page

View it Online

Download Datasheet

    LT1993IUD-4 LT1993CUD-4 LT1993CUD-4TRPBF

Linear Technology, Corp.
Part No. LT1993IUD-4 LT1993CUD-4 LT1993CUD-4TRPBF
OCR Text 4 900MHz Low Distortion, Low Noise Differential Amplifier/ ADC Driver (AV = 4V/V) DESCRIPTIO The LT(R)1993-4 is a low distortion, low noise...bit ADCs. In addition to the normal unfiltered outputs (+OUT and -OUT), the LT1993-4 has a built-in ...
Description 700MHz Low Distortion, Low Noise Differential Amplifier/ADC Driver (AV = 10V/V); Package: QFN; No of Pins: 16; Temperature Range: 0&deg;C to 70&deg;C OP-AMP, 10000 uV OFFSET-MAX, PQCC16
900MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 4V/V)

File Size 702.28K  /  16 Page

View it Online

Download Datasheet

    TXL2-433-4 RXL2-433-4 RXL2-433-9 TXL2-433-9 RXL2 TXL2

Radiometrix Ltd
Part No. TXL2-433-4 RXL2-433-4 RXL2-433-9 TXL2-433-9 RXL2 TXL2
OCR Text ...m TXL2 15.24mm (0.6") 1 2 3 4 5 6 7 0.3" 8 8 holes of 0.7mm dia. pin spacing 2.54mm (0.1") 1 = RF gnd 2 = RF out 3 = RF gnd 4 = En...bit) and 16kHz (31.25s short bit). Programming the TXL2/RXL2 In order to use all the functions e...
Description UHF Multi Channel Transparent Data Link TX/RX

File Size 595.46K  /  11 Page

View it Online

Download Datasheet

    TXL2-433-4 RXL2-433-4 TXL2-433-9 RXL2-433-9 RXL2 TXL2

List of Unclassifed Manufacturers
ETC
Part No. TXL2-433-4 RXL2-433-4 TXL2-433-9 RXL2-433-9 RXL2 TXL2
OCR Text ...m TXL2 15.24mm (0.6") 1 2 3 4 5 6 7 0.3" 8 8 holes of 0.7mm dia. pin spacing 2.54mm (0.1") 1 = RF gnd 2 = RF out 3 = RF gnd 4 = En...bit) and 16kHz (31.25s short bit). Programming the TXL2/RXL2 In order to use all the functions e...
Description UHF Multi Channel Transparent Data Link TX/RX

File Size 372.30K  /  11 Page

View it Online

Download Datasheet

    CYW320OXC-4 CYW320OXC-4T CYW320ZXC-4 CYW320ZXC-4T W320-04HT W320-04XT

CYPRESS SEMICONDUCTOR CORP
Part No. CYW320OXC-4 CYW320OXC-4T CYW320ZXC-4 CYW320ZXC-4T W320-04HT W320-04XT
OCR Text ... X2 XTAL OSC REF 1 2 3 4 5 6 7 8 9 10 11 12 13 15 16 17 18 19 20 21 22 23 24 25 26 27 28 56 55 54 53 52 51 50 49 48 47 46 45 44 ...bit first) with the Start Slave Address R/W 0/1 A bit 1 1 0 1 0 0 1 0 1 bit 7 bits 1 1 Command Code ...
Description 200-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
200 MHz, PROC SPECIFIC CLOCK GENERATOR, PDSO56

File Size 257.94K  /  17 Page

View it Online

Download Datasheet

For 4-bit Found Datasheets File :: 108456    Search Time::2.547ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 4-bit

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.72232699394226