PART |
Description |
Maker |
L8231 L8231-21 L8231-22 L8231-23 L8231-32 L8231-44 |
2V; 0.2mW; laser diode: repectacle type, 1.3um, 1.25, 2.5Gbps. For optical fiber communications, fiber channel, gigabit ethernet, HDTV, SDH Receptacle type, 1.3 レm, 1.25, 2.5 Gbps 插座类型.3レ米.25.5 Gbps CAP 1.5PF 50V /-0.25PF C0G SMD-0402 TR-7-PA SN100 插座类型.3レ米.25.5 Gbps Receptacle type/ 1.3 m/ 1.25/ 2.5 Gbps Receptacle type, 1.3 m, 1.25, 2.5 Gbps Receptacle type 1.3 m 1.25 2.5 Gbps Receptacle type, 1.3 μm, 1.25, 2.5 Gbps FIBER OPTIC LASER DIODE EMITTER, 1250Mbps, PANEL MOUNT, SC CONNECTOR
|
Hamamatsu Photonics K.K. HAMAMATSU[Hamamatsu Corporation]
|
TW17-D730 |
161.92 MHz High Performance VCO/Synthesizer
|
Skyworks Solutions Inc.
|
EMDS13E2J-161.13126M |
CRYSTAL OSCILLATOR, CLOCK, 161.13126 MHz, LVDS OUTPUT
|
ECLIPTEK CORP
|
NBXSGA008 NBXSGA008LN1TAG NBXSGA008LNHTAG |
2.5/3.3 V, 161.1328 MHz LVPECL Clock Oscillator This is a Pb?Free Device
|
ON Semiconductor
|
NBXSBA008 |
3.3V, 161.13MHz PureEdge™ Single Frequency LVPECL Clock Oscillator Module
|
ON Semiconductor
|
M72DW64000B90ZT M72DW64000B M72DW64000B70ZT M72DW6 |
64Mbit (x8/ x16, Multiple Bank, Boot Block) Flash Memory and 16Mbit Pseudo SRAM, 3V Supply, Multiple Memory Product
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
NU-73B94B-P-AG NU-73B94B-PG |
3.3V, 1.244 Gbps 1310 nm Burst-Mode TX / 2.488 Gbps 1490 nm Continuous RX 2X5 SFF Package, ITU-T G.984.2 Class B G-PON ONU Transceiver
|
Optoway Technology Inc
|
CS201 |
Capacitor Networks, Single-In-Line, Coated SIP, ""D"" Profile, X7R and COG capacitors available, Multiple isolated capacitors, Multiple capacitors, common ground, Custom design capability
|
Vishay
|
M38184AM-258FP M38184AM-256FP M38184MA-295FP M3818 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Low-Power Configurable Multiple-Function Gate 6-DSBGA -40 to 85 Low-Power Ultra-Configurable Multiple-Function Gate with 3-State Outputs 8-US8 -40 to 85 Low-Power Ultra-Configurable Multiple-Function Gate with 3-State Outputs 8-SM8 -40 to 85 Low-Power Configurable Multiple-Function Gate 6-SC70 -40 to 85
|
Mitsubishi Electric, Corp. Mitsubishi Electric Corporation
|
LT-74E73E-PG |
3.3V, 1.25 Gbps 1490 nm Continuous-Mode TX / 1.25 Gbps 1310 nm Burst-Mode RX 2X5 SFF Package, GE-PON OLT Transceiver (IEEE 802.3ah-2004 1000BASE PX20)
|
Optoway Technology Inc.
|
LT-74D73D-PG |
3.3V, 1.25 Gbps 1490 nm Continuous-Mode TX / 1.25 Gbps 1310 nm Burst-Mode RX 2X5 SFF Package, GE-PON OLT Transceiver (IEEE 802.3ah-2004 1000BASE PX10)
|
Optoway Technology Inc
|