PART |
Description |
Maker |
MSK5275-1.8H MSK5275-1.9 MSK5275-1.7E MSK5275-1.9H |
JO75LOW DROPOUT MICROPOWER VOLTAGE REGULATOR 1300 mA, Low Dropout Voltage Regulator with On/Off Control 175 175 1VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS 1 Commercial Wire; FLT01VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS 1VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS 1VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS 1 VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, CBCC3 VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS 3.3 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, CBCC3 VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS 1.5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, CBCC3
|
M.S. Kennedy, Corp. MS KENNEDY CORP
|
LM2931AD2T-5.0 LM2931Z-5.0 LM2931T-5.0 LM2931D-5.0 |
LOW DROPOUT VOLTAGE REGULATORS 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSIP3 LOW DROPOUT VOLTAGE REGULATORS 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO2 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-TVSOP -40 to 85 24 V-29.5 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSFM5
|
Motorola Inc Motorola, Inc. ON Semiconductor Motorola Mobility Holdings, Inc. MOTOROLA INC
|
MSK5151-1.5EZS MSK5151-1.5ETS MSK5151-1ETU MSK5151 |
VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS 1.5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSFM5 VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS 甚高电流,低压降稳压 VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS 1.7 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSFM5 VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSFM5 VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS 1.5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, SFM5
|
M.S. Kennedy, Corp. MS KENNEDY CORP
|
MC33264-D MC33264DM-5.0 |
LOW DROPOUT MICROPOWER VOLTAGE REGULATORS WITH ON/OFF CONTROL 5 V FIXED POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO8 Micropower smallCAPE Voltage Regulators with On/Off Control
|
ON Semiconductor
|
LND-7900 |
NEGATIVE VOLTAGE LOW DROPOUT REGULATORS Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
|
http:// ETC[ETC] Electronic Theatre Controls, Inc.
|
LND4885 LND4805 LND4808 LND4809 LND4810 LND4812 LN |
400mA,5V low dropout voltage regulator. 400mA,3.3V low dropout voltage regulator, other fixed versions are also available Vout = 2.0V to 5.0V 400mA Low Dropout Voltage Regulators 400mA,8.5V low dropout voltage regulator. 400mA,12V low dropout voltage regulator.
|
List of Unclassifed Manufacturers ETC[ETC] Linear Dimensions Semiconductor LinearDimensions
|
LT1585-1.5 LT1585A-1.5 LT1585CT-1.5 LT1585ACM-1.5 |
7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed; Package: DD PAK; No of Pins: 3; Temperature Range: 0°C to 70°C Fixed 1.5V/ 4.6A and 5A Low Dropout/ Fast Response GTL Regulators Fixed 1.5V, 4.6A and 5A Low Dropout, Fast Response GTL Regulators Fixed 1.5V, 4.6A and 5A Low Dropout, Fast Response GTL Regulators Fixed 1.5V/ 4.6A and 5A Low Dropout/ Fast Response GTL Regulators
|
Linear Technology Corporation LINER[Linear Technology]
|
MSK5175-00 MSK5175-3.3 MSK5175-5.0 MSK5175-3.3BTS |
VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS 3.3 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSFM5 VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, SFM5 VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS 3.3 V FIXED POSITIVE LDO REGULATOR, 0.625 V DROPOUT, PSFM5 VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS 5 V FIXED POSITIVE LDO REGULATOR, 0.625 V DROPOUT, SFM5 VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS ADJUSTABLE POSITIVE LDO REGULATOR, 0.625 V DROPOUT, PSFM5 VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS 12 V FIXED POSITIVE LDO REGULATOR, 0.625 V DROPOUT, PSFM5
|
Electronic Theatre Controls, Inc. M.S. Kennedy, Corp. MS KENNEDY CORP
|
OM185ST OM186SR OM186ST OM183SC OM184SC OM185SR |
7.5A, 5A, 3A, 1.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATORS 7.5A 5A 3A 1.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATORS 7.5A / 5A / 3A / 1.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATORS ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, CSFM3 TO-258AA, 3 PIN
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc. International Rectifier, Corp.
|
SPX2700 SPX2700AM3-3.3 SPX2700AM3-5.0 SPX2700AT3-3 |
700mA Low Dropout Voltage Regulators With Shutdown(700mA,低压差稳压带关) 700mA的低压差稳压器具有关断(700mA的,低压差稳压器(带关断)) 700mA Low Dropout Voltage Regulators With Shutdown 700mA的低压差稳压器具有关 320 x 240 pixel format, CFL backlight available with power harness 240 x 64 pixel format, CFL, LED, or EL Backlight available
|
SPC Technology Toshiba, Corp. SIPEX[Sipex Corporation]
|
NCP1117ST12T3 NCV1117ST15T3G |
1.0 A, 12V, Low Dropout Voltage Regulator; Package: SOT-223 4 LEAD; No of Pins: 4; Container: Tape and Reel; Qty per Container: 4000 12 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PDSO4 1.0 A Low−Dropout Positive Fixed and Adjustable Voltage Regulators 1.5 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PDSO4
|
ON Semiconductor
|
TS9009SCX5 TS9009 TS90095CX5 TS9009NCX5 TS9009PCX5 |
Analog IC: Low Drop Out Voltage Regulators 80mA CMOS Low Dropout Voltage Regulator with Enable 80mA的CMOS低压差线性稳压器的启
|
Taiwan Semiconductor Co., Ltd. TSC[Taiwan Semiconductor Company, Ltd] Taiwan Semiconductor Compan...
|