PART |
Description |
Maker |
M22-5320205 M22-5320246 M22-5322546 M22-5322505 M2 |
2.00 mm PITCH DIL SMT PIN HEADER ASSEMBLY 2.00mm Pitch DIL Vertical SMT Pin Header, gold, 22 22-way 44 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG 2.00mm Pitch DIL Vertical SMT Pin Header, tin, 22 22-way 44 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT
|
Harwin Plc
|
M50-3600542 |
1.27mm PITCH DIL VERTICAL SMT PIN HEADER
|
List of Unclassifed Man...
|
M20-8911005 M20-8901805 M20-8900505 M20-8910705 M2 |
2.54mm Pitch DIL SMT Horizontal Pin Header, gold, 10 10-way 20 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT 2.54mm Pitch SIL SMT Horizontal Pin Header, gold, 18-way 18 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT 2.54mm Pitch SIL SMT Horizontal Pin Header, gold, 5-way 5 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT 2.54mm Pitch DIL SMT Horizontal Pin Header, gold, 7 7-way 14 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT 2.54mm Pitch SIL SMT Horizontal Pin Header, gold, 21-way 21 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT 2.54mm Pitch SIL SMT Horizontal Pin Header, gold, 8-way 8 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT 2.54mm Pitch DIL SMT Horizontal Pin Header, gold, 24 24-way 48 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT
|
Harwin PLC
|
M50-3102045 M50-3102545 M50-3100345 M50-3105045 M5 |
1.27mm PITCH DIL VERTICAL SMT SOCKET ASSY
|
Harwin Plc
|
M50-4302045 |
1.27mm PITCH DIL VERTICAL SMT SOCKET ASSY
|
Harwin Plc
|
M50-3113042 M50-3111542 M50-3112042 M50-3115042 |
1.27mm PITCH DIL VERTICAL SMT SOCKET ASSY WITH POSTS
|
Harwin Plc
|
M50-3155042 M50-3150342 |
1.27 mm PITCH DIL SMT VERTICAL LOW-PROFILE SOCKET ASSEMBLY
|
Harwin Plc
|
M50-3500142 M50-3505042 |
1.27 mm PITCH DIL VERTICAL PIN HEADER
|
Harwin Plc
|
M20-9742946 M20-9743446 M20-9741242 M20-9701246 M2 |
2.54mm Pitch DIL Horizontal PC Tail Pin Header, 5.8mm mating pin height, tin, 29 29-way 58 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch DIL Horizontal PC Tail Pin Header, 5.8mm mating pin height, tin, 34 34-way 68 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch DIL Horizontal PC Tail Pin Header, 5.8mm mating pin height, selective gold tin, 12 12-way 24 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch DIL Horizontal PC Tail Pin Header, 7mm mating pin height, tin, 12 12-way 24 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch DIL Horizontal PC Tail Pin Header, 5.8mm mating pin height, selective gold tin, 10 10-way 20 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch DIL Horizontal PC Tail Pin Header, 6.1mm mating pin height, tin, 25 25-way 50 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch DIL Horizontal PC Tail Pin Header, 6.1mm mating pin height, gold (hi-temp mould), 12 12-way 24 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch DIL Horizontal PC Tail Pin Header, 6.1mm mating pin height, gold (hi-temp mould), 11 11-way 22 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch DIL Horizontal PC Tail Pin Header, 7mm mating pin height, tin, 7 7-way 14 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch DIL Horizontal PC Tail Pin Header, 6.1mm mating pin height, tin, 20 20-way 40 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch DIL Horizontal PC Tail Pin Header, 6.1mm mating pin height, gold (hi-temp mould), 18 18-way 36 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch DIL Horizontal PC Tail Pin Header, 6.1mm mating pin height, tin, 7 7-way 14 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch DIL Horizontal PC Tail Pin Header, 6.1mm mating pin height, gold (hi-temp mould), 22 22-way
|
Harwin PLC HARWIN INC
|
M20-9762046 M20-9762042 M20-9722546 M20-9722545 M2 |
2.54mm Pitch DIL Vertical PC Tail Pin Header, 5.8mm mating pin height, tin, 20 20-way 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch DIL Vertical PC Tail Pin Header, 5.8mm mating pin height, selective gold tin, 20 20-way 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch DIL Vertical PC Tail Pin Header, 7mm mating pin height, tin, 25 25-way 50 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch DIL Vertical PC Tail Pin Header, 7mm mating pin height, gold (hi-temp mould), 25 25-way 50 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch DIL Vertical PC Tail Pin Header, 6.1mm mating pin height, gold (hi-temp mould), 13 13-way 13 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch DIL Vertical PC Tail Pin Header, 6.1mm mating pin height, gold (hi-temp mould), 39 39-way 39 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch DIL Vertical PC Tail Pin Header, 5.8mm mating pin height, selective gold tin, 30 30-way 30 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch DIL Vertical PC Tail Pin Header, 5.8mm mating pin height, tin, 34 34-way 34 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch DIL Vertical PC Tail Pin Header, 6.1mm mating pin height, tin, 34 34-way 34 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch DIL Vertical PC Tail Pin Header, 6.1mm mating pin height, gold (hi-temp mould), 5 5-way 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch DIL Vertical PC Tail Pin Header, 6.1mm mating pin height, tin, 6 6-way 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch DIL Vertical PC Tail Pin Header, 6.1mm mating pin height, tin, 4 4-way 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch DIL Vertical PC Tail Pin Header, 6.1mm mating pin height, gold (hi-temp mould), 38 38-way 38 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch DIL Vertical PC Tail Pin Header, 6.1mm mating pin height, tin, 38 38-way 38 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch DIL Vertical PC Tail Pin Header, 5.8mm mating pin height, tin, 14 14-way 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch DIL Vertical PC Tail Pin Header, 6.1mm mating pin height, gold (hi-temp mould), 14 14-way 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch DIL Vertical PC Tail Pin Header, 6.1mm mating pin height, gold (hi-temp mould), 19 19-way 19 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch DIL Vertical PC Tail Pin Header, 6.1mm mating pin height, tin, 32 32-way 32 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch DIL Vertical PC Tail Pin Header, 5.8mm mating pin height, tin, 11 11-way 22 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch DIL Vertical PC Tail Pin Header, 6.1mm mating pin height, tin, 31 31-way 31 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch DIL Vertical PC Tail Pin Header, 7mm mating pin height, tin, 22 22-way 44 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch DIL Vertical PC Tail Pin Header, 6.1mm mating pin height, tin, 25 25-way 25 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch DIL Vertical PC Tail Pin Header, 6.1mm mating pin height, gold (hi-temp mould), 40 40-way 40 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch DIL Vertical PC Tail Pin Header, 6.1mm mating pin height, gold (hi-temp mould), 25 25-way 2.54mm Pitch DIL Vertical PC Tail Pin Header, 5.8mm mating pin height, tin, 40 40-way 2.54mm Pitch DIL Vertical PC Tail Pin Header, 6.1mm mating pin height, tin, 16 16-way 2.54mm Pitch DIL Vertical PC Tail Pin Header, 7mm mating pin height, tin, 29 29-way
|
Harwin PLC HARWIN INC
|
|