PART |
Description |
Maker |
AD8034AR AD8034AR-REEL AD8034AR-REEL7 AD8034ART-RE |
Low Cost, 80 MHz FastFET Op Amps Very Low-Cost High-Speed FastFET™ Op Amps Low Cost, 80 MHz FastFET ?Op Amps Low Cost/ 80 MHz FastFET Op Amps Low Cost, 80 MHz FastFET Op Amps OP-AMP, 3500 uV OFFSET-MAX, PDSO5 Low Cost, 80 MHz FastFET Op Amps OP-AMP, 3500 uV OFFSET-MAX, PDSO8
|
Analog Devices, Inc.
|
MAX9075 MAX9075EUK-T MAX9075EXK-T MAX9077 MAX9077E |
Low-Cost, Ultra-Small, 3A Single-Supply Comparators Low-Cost / Ultra-Small / 3A Single-Supply Comparators Low-Cost, Ultra-Small, 3レA Single-Supply Comparators 低成本、超小型3µA、单电源比较 Low-Cost, Ultra-Small, 3レA Single-Supply Comparators COMPARATOR, 8000 uV OFFSET-MAX, 580 ns RESPONSE TIME, PDSO5
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
ADTL08207 ADTL082JR ADTL082JR-REEL ADTL082JR-REEL7 |
Low Cost JFET Input Dual Operational Amplifier Low Cost JFET Input Operational Amplifier; Package: MSOP; No of Pins: 8; Temperature Range: Industrial Low Cost JFET Input Operational Amplifiers Low Cost JFET Input Operational Amplifier; Package: SOIC; No of Pins: 14; Temperature Range: Commercial QUAD OP-AMP, 10000 uV OFFSET-MAX, 5 MHz BAND WIDTH, PDSO14 Low Cost JFET Input Operational Amplifier; Package: SOIC; No of Pins: 8; Temperature Range: Commercial
|
Analog Devices, Inc. ANALOG DEVICES INC
|
AD623B AD623BN AD623BR AD623BR-REEL AD623BR-REEL7 |
Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier INSTRUMENTATION AMPLIFIER, 350 uV OFFSET-MAX, 0.8 MHz BAND WIDTH, PDIP8 RECTIFIER SCHOTTKY DUAL 60A 30V 500A-ifsm 0.55V-vf 20mA-ir TO-3P 30/TUBE Single Supply/ Rail-to-Rail/ Low Cost Instrumentation Amplifier Single Supply, Rail-Rail, Low Cost Instrumentation Amplifiers 80-Lead Mixed Signal DSP with 5, 16-bit Sigma-Delta ADCs
|
Analog Devices, Inc. AD[Analog Devices]
|
AD202 AD204 AD202JY |
Low Cost, Miniature Isolation Amplifiers Low Cost, Miniature Isolation Amplifier powered by external clock Low Cost, Miniature Isolation Amplifiers Powered Directly From a 15 V DC Supply
|
Analog Devices
|
ADXL311 ADXL311JE ADXL311JE-REEL ADXL311EB |
Low Cost, Ultracompact ±2 g Dual-Axis Accelerometer Low Cost, Ultracompact ?? g Dual-Axis Accelerometer Low Cost/ Ultracompact 2 g Dual-Axis Accelerometer Low Cost, Ultracompact 2 g Dual-Axis Accelerometer Low Cost, Ultracompact 【2 g Dual-Axis Accelerometer Low Cost, Ultracompact ? g Dual-Axis Accelerometer Low Cost, Ultra Compact, ±2 g, Dual Axis Accelerometer
|
ANALOG DEVICES INC AD[Analog Devices]
|
CY23S0904 CY23S09ZXC-1H CY23S05SXC-1H CY23S09SXC-1 |
Low-Cost 3.3V Spread Aware Zero Delay Buffer(低价.3V Spread Aware零延迟缓冲器) Low-Cost 3.3V Spread Aware垄芒 Zero Delay Buffer Low-Cost 3.3V Spread Aware⑩ Zero Delay Buffer Low-Cost 3.3V Spread Aware?Zero Delay Buffer
|
Cypress Semiconductor Corp.
|
AD8383ACPZ AD8383 |
Low Cost 10-Bit, 6-Channel Output Decimating LCD DecDriver LIQUID CRYSTAL DISPLAY DRIVER, QCC48 Low Cost 10-Bit, 6-Channel Output Decimating LCD DecDriver 低成0位,6通道输出液晶DecDriver元气 Low Cost 10-Bit, 6-Channel Output Decimating LCD DecDriver®
|
Analog Devices, Inc. AD[Analog Devices]
|
AD741 AD741LH AD741H |
Low Cost/ High Accuracy IC Op Amps ECONOLINE: REC2.2-S_DR/H1 - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- UL94V-0 Package Material- Continuous Short Circiut Protection Low Cost, High Accuracy IC Op Amps OP-AMP, 6000 uV OFFSET-MAX, 1 MHz BAND WIDTH, MBCY8
|
Analog Devices, Inc.
|
CY23S05 CY23S09ZC-1 CY23S09ZC-1H CY23S09SC-1 CY23S |
Low-Cost 3.3V Spread Aware?/a> Zero Delay Buffer Low-Cost 3.3V Spread Aware Zero Delay Buffer Low-Cost 3.3V Spread AwareZero Delay Buffer Low-Cost 3.3V Spread Aware⑩ Zero Delay Buffer Low-cost Spread Aware(TM) Zero Delay Buffer
|
Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
5962-8671301SC 5962-8671301RC 5962-8671301SA |
Identity Comparator Low-Cost, µP Supervisory Circuits Low-Cost, µP Supervisory Circuits 身份比较
|
Rochester Electronics, LLC
|