Part Number Hot Search : 
2SA15 CFR2WS 74LS4 91SAM R6011 MT90823 TDZ4V7J LT1768
Product Description
Full Text Search
  ports Datasheet PDF File

For ports Found Datasheets File :: 37165    Search Time::3.078ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    Zarlink Semiconductor
Part No. ZL50407GDC
OCR Text ...negotiating fast ethernet (fe) ports with rmii, mii, gpsi, reverse mii & reverse gpsi interface options ? one 10/100/1000 mbps auto-negotiating port with gmii & mii interface options, that can be used as a wan uplink or as a 9th port ? ...
Description Lightly managed/unmanaged 8-port 10/100M 1-port 10/100/1000M ethernet switch.

File Size 720.52K  /  125 Page

View it Online

Download Datasheet





    Zarlink Semiconductor
Part No. ZL50400GDC
OCR Text ...negotiating fast ethernet (fe) ports with rmii, mii, gpsi, reverse mii & reverse gpsi interface options ? one 10/100 mbps auto-negotiating port with mii interface option, that can be used as a wan uplink or as a 9th port ? embedded 2 mb...
Description Lightly managed/unmanaged 9-port 10/100M ethernet switch.

File Size 707.40K  /  122 Page

View it Online

Download Datasheet

    80C51GB 8XC51 8XC51GB 8XC51GB-1 83C51GB N83C51GB N87C51GB 87C51GB N80C51GB N8XC51GB-1 N8XC51GB

INTEL[Intel Corporation]
Part No. 80C51GB 8XC51 8XC51GB 8XC51GB-1 83C51GB N83C51GB N87C51GB 87C51GB N80C51GB N8XC51GB-1 N8XC51GB
OCR Text ... 2 8XC51GB PARALLEL I O ports The 8XC51GB contains six 8-bit parallel I O ports All six ports are bidirectional and consist of a latch an output driver and an input buffer Many of the port pins have multiplexed I O and control func...
Description CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER

File Size 300.18K  /  22 Page

View it Online

Download Datasheet

    U-MULTILINK-FX

Freescale Semiconductor, Inc
Freescale Semiconductor, In...
Part No. U-MULTILINK-FX
OCR Text ...side the unit. the headers for ports a-d & port h (fx only) are dual-row with a .100? pitch, and the headers for ports f-g are dual-row with a .050? pitch. the pin-outs for these connections and the fa milies that they support are sh...
Description Introduction

File Size 412.15K  /  4 Page

View it Online

Download Datasheet

    Winbond Electronics
Part No. W78L52/P/F
OCR Text ...ur 8-bit bidirectional parallel ports, one extra 4-bit bit-addressable i/o port (port 4) and two additional external interrupts ( int2 , int3 ), three 16-bit timer/counters, one watchdog timer and a serial port. these peripherals are suppo...
Description W78C52D Wide Voltage Version

File Size 174.31K  /  18 Page

View it Online

Download Datasheet

    Winbond Electronics
Part No. W78C52D/DP/DF
OCR Text ...ur 8-bit bidirectional parallel ports, one extra 4-bit bit-addressable i/o port (port 4) and two additional external interrupts ( int2 , int3 ), three 16-bit timer/counters, one watchdog timer and a serial port. these peripherals are suppo...
Description 8-bit MCU w/ 8Kx8 ROM, 256x8 RAM, 32 I/Os, 3 Timers, 1 Serial Port

File Size 181.31K  /  18 Page

View it Online

Download Datasheet

    Shenzhen Luguang Electronic Technology Co., Ltd
AVAGO TECHNOLOGIES LIMI...
Part No. PEX8605
OCR Text ports ? plx technology, www.plxtech.com page 1 of 3 8/17/2011 , version 1.1 highlights ? pex8605 general features o 4 - lane, 4 - port pcie gen2 switch ? integrate 5.0 gt/s serdes o 10 x 10mm 2 , 13 6 - pin...
Description Low Packet Latency & High Performance
PCI Express Gen 2 Switch

File Size 271.10K  /  3 Page

View it Online

Download Datasheet

    Shenzhen Luguang Electronic Technology Co., Ltd
AVAGO TECHNOLOGIES LIMI...
Part No. PEX8603
OCR Text ports ? plx technology, www.plxtech.com page 1 of 3 8/17/2011 , version 1.1 highlights ? pex8603 general features o 3 - lane, 3 - port pcie gen2 switch ? integrate 5.0 gt/s serdes o 10 x 10mm 2 , 13 6 - pin ...
Description Low Packet Latency & High Performance
PCI Express Gen 2 Switch

File Size 248.58K  /  3 Page

View it Online

Download Datasheet

    ANAREN INC
Part No. B0922J7575A50
OCR Text ...be a pplied to differential ports on modern integrated chipsets. the output ports have e qual amplitude (3db) with 180 degree phase differential. the b0922j7575a50 is ava ilable on tape and reel for pick and place high volume manufa...
Description 950 MHz - 2150 MHz RF TRANSFORMER

File Size 370.71K  /  6 Page

View it Online

Download Datasheet

    BCM1250

ETC
Broadcom Corporation.
Part No. BCM1250
OCR Text ...ec BCM5615 24-10/100 +2-Gigabit ports PCI SMII BCM5238 24 10/100 ports BCM5238 BCM5238 SGMII 4 10/100 /1000 ports FPGA HyperTransport * Extensive, on-chip debug features * 8-10W power dissipation @ 800 MHz * Support for leadi...
Description HIGH PERFORMANCE INTEGRATED 64 BIT MULTIPROCESSOR

File Size 136.73K  /  2 Page

View it Online

Download Datasheet

For ports Found Datasheets File :: 37165    Search Time::3.078ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of ports

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.77691721916199